Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SK3312 Datasheet(PDF) 2 Page - Toshiba Semiconductor

No. de pieza 2SK3312
Descripción Electrónicos  Chopper Regulator, DC?묭C Converter and Motor Drive
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SK3312 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  2SK3312 Datasheet HTML 1Page - Toshiba Semiconductor 2SK3312 Datasheet HTML 2Page - Toshiba Semiconductor 2SK3312 Datasheet HTML 3Page - Toshiba Semiconductor 2SK3312 Datasheet HTML 4Page - Toshiba Semiconductor 2SK3312 Datasheet HTML 5Page - Toshiba Semiconductor 2SK3312 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2SK3312
2009-09-29
2
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Gate leakage current
IGSS
VGS = ±25 V, VDS = 0 V
±10
μA
Gate−source breakdown voltage
V (BR) GSS
IG = ±10 μA, VDS = 0 V
±30
V
Drain cut−off current
IDSS
VDS = 600 V, VGS = 0 V
100
μA
Drain−source breakdown voltage
V (BR) DSS
ID = 10 mA, VGS = 0 V
600
V
Gate threshold voltage
Vth
VDS = 10 V, ID = 1 mA
3.0
5.0
V
Drain−source ON resistance
RDS (ON)
VGS = 10 V, ID = 3 A
0.9
1.25
Forward transfer admittance
|Yfs|
VDS = 10 V, ID = 3 A
1.2
3.5
S
Input capacitance
Ciss
1000
Reverse transfer capacitance
Crss
8
Output capacitance
Coss
VDS = 10 V, VGS = 0 V, f = 1 MHz
110
pF
Rise time
tr
15
Turn−on time
ton
30
Fall time
tf
10
Switching time
Turn−off time
toff
55
ns
Total gate charge (gate−source
plus gate−drain)
Qg
21
Gate−source charge
Qgs
12
Gate−drain (“miller”) Charge
Qgd
VDD ≈ 400 V, VGS = 10 V, ID = 6 A
9
nC
Source−Drain Ratings and Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Continuous drain reverse current
(Note 1)
IDR
6
A
Pulse drain reverse current
(Note 1)
IDRP
24
A
Forward voltage (diode)
VDSF
IDR = 6 A, VGS = 0 V
−1.7
V
Reverse recovery time
trr
1000
ns
Reverse recovery charge
Qrr
IDR = 6 A, VGS = 0 V, dIDR / dt = 100 A / μs
7
μC
Marking
Lot No.
Note 4
K3312
Part No. (or abbreviation code)
Note 4: A line under a Lot No. identifies the indication of product
Labels.
Not underlined: [[Pb]]/INCLUDES > MCV
Underlined: [[G]]/RoHS COMPATIBLE or [[G]]/RoHS [[Pb]]
Please contact your TOSHIBA sales representative for details as to
environmental matters such as the RoHS compatibility of Product.
The RoHS is the Directive 2002/95/EC of the European Parliament
and of the Council of 27 January 2003 on the restriction of the use of
certain hazardous substances in electrical and electronic equipment.


Número de pieza similar - 2SK3312

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
2SK3312 TOSHIBA-2SK3312 Datasheet
317Kb / 6P
   Silicon N Channel MOS Type Chopper Regulator, DC−DC Converter and Motor Drive Applications
2SK3312 TOSHIBA-2SK3312 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
logo
Inchange Semiconductor ...
2SK3312B ISC-2SK3312B Datasheet
400Kb / 2P
   isc N-Channel MOSFET Transistor
2SK3312K ISC-2SK3312K Datasheet
326Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Descripción similar - 2SK3312

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
2SJ508 TOSHIBA-2SJ508_09 Datasheet
220Kb / 6P
   Chopper Regulator, DC?묭C Converter and Motor Drive
2SK3067 TOSHIBA-2SK3067_09 Datasheet
136Kb / 3P
   Chopper Regulator, DC?묭C Converter and Motor Drive
2SJ525 TOSHIBA-2SJ525_09 Datasheet
142Kb / 3P
   Chopper Regulator, DC?묭C Converter and Motor Drive
2SJ537 TOSHIBA-2SJ537_09 Datasheet
234Kb / 6P
   Chopper Regulator, DC?묭C Converter and Motor Drive
2SK3089 TOSHIBA-2SK3089_09 Datasheet
164Kb / 3P
   Chopper Regulator DC?묭C Converter, and Motor Drive
2SJ509 TOSHIBA-2SJ509_09 Datasheet
161Kb / 3P
   Chopper Regulator, DC?묭C Converter and Motor Drive
2SK3051 TOSHIBA-2SK3051_09 Datasheet
165Kb / 3P
   Chopper Regulator DC?묭C Converter, and Motor Drive
2SK3090 TOSHIBA-2SK3090_09 Datasheet
181Kb / 3P
   Chopper Regulator DC?묭C Converter and Motor Drive
2SK2312F TOSHIBA-2SK2312F Datasheet
397Kb / 6P
   Chopper Regulator, DC?묭C Converter and Motor Drive Applications
2SK2507F TOSHIBA-2SK2507F Datasheet
425Kb / 6P
   Chopper Regulator, DC?묭C Converter and Motor Drive Applications
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com