Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LC74799M Datasheet(PDF) 11 Page - Sanyo Semicon Device

No. de pieza LC74799M
Descripción Electrónicos  On-Screen Display Controller IC
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC74799M Datasheet(HTML) 11 Page - Sanyo Semicon Device

Back Button LC74799M Datasheet HTML 7Page - Sanyo Semicon Device LC74799M Datasheet HTML 8Page - Sanyo Semicon Device LC74799M Datasheet HTML 9Page - Sanyo Semicon Device LC74799M Datasheet HTML 10Page - Sanyo Semicon Device LC74799M Datasheet HTML 11Page - Sanyo Semicon Device LC74799M Datasheet HTML 12Page - Sanyo Semicon Device LC74799M Datasheet HTML 13Page - Sanyo Semicon Device LC74799M Datasheet HTML 14Page - Sanyo Semicon Device LC74799M Datasheet HTML 15Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
No. 5834-11/32
LC74799, 74799M
COMMAND3 (Horizontal display start position and horizontal size setup command)
• First byte
DA
Register
Contents
Notes
0 to 7
State
Function
7—
1
6—
0
5—
1
4—
0
3
HS21
0
1
2
HS20
0
1
1
HS11
0
1
0
HS10
0
1
Command 3 identification code.
Sets the horizontal display start position and the horizontal character
size.
Second line horizontal character size
First line horizontal character size
01
0
1Tc/dot
2Tc/dot
1
3Tc/dot
1Tc/dot
HS21
HS20
01
0
1Tc/dot
2Tc/dot
1
3Tc/dot
1Tc/dot
HS11
HS10
• Second byte
Note: All registers are set to 0 when the LC74799/M is reset by the RST pin.
DA
Register
Contents
Notes
0 to 7
State
Function
7
0
Second byte identification bit
6—
0
5
HP5
0
(MSB)
1
4
HP4
0
1
3
HP3
0
1
2
HP2
0
1
1
HP1
0
1
0
HP0
0
(LSB)
1
If HS is the horizontal start position then:
5
HS = Tc
×
(2 ∑ 2n HPn)
n=0
Tc: Period of the oscillator in operating mode.
The horizontal display start position is set by the 6
bits HP0 to HP5.
The weight of bit 1 is 2Tc.


Número de pieza similar - LC74799M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LC74792 SANYO-LC74792 Datasheet
198Kb / 25P
   VPS / PDC Slicer IC
LC74792JM SANYO-LC74792JM Datasheet
198Kb / 25P
   VPS / PDC Slicer IC
LC74793 SANYO-LC74793 Datasheet
154Kb / 24P
   VPS / PDC Slicer IC
LC74793JM SANYO-LC74793JM Datasheet
154Kb / 24P
   VPS / PDC Slicer IC
LC74794 SANYO-LC74794 Datasheet
217Kb / 30P
   On-Screen Display Controller LSI
More results

Descripción similar - LC74799M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LC74776 SANYO-LC74776 Datasheet
253Kb / 35P
   On-Screen Display Controller IC
LC74798 SANYO-LC74798 Datasheet
271Kb / 32P
   On-Screen Display Controller IC
LC74775 SANYO-LC74775 Datasheet
258Kb / 35P
   On-Screen Display Controller IC
LC74736PT SANYO-LC74736PT Datasheet
410Kb / 106P
   CMOS IC On-Screen Display Controller
LC74760 SANYO-LC74760 Datasheet
178Kb / 14P
   On-Screen Display IC
logo
Rohm
BU2993FV ROHM-BU2993FV Datasheet
96Kb / 3P
   On Screen Display IC
logo
Fujitsu Component Limit...
MB90050 FUJITSU-MB90050 Datasheet
743Kb / 41P
   On-Screen Display Controller
logo
Sanyo Semicon Device
LC74731W SANYO-LC74731W_11 Datasheet
154Kb / 38P
   On-Screen Display Controller
logo
ON Semiconductor
LC74736PT-E ONSEMI-LC74736PT-E Datasheet
420Kb / 106P
   On-Screen Display Controller
July, 2013
logo
Fujitsu Component Limit...
MB90097 FUJITSU-MB90097 Datasheet
928Kb / 63P
   ON-Screen Display Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com