Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LC75342M Datasheet(PDF) 8 Page - Sanyo Semicon Device

No. de pieza LC75342M
Descripción Electrónicos  Single-Chip Volume and Tone Control System
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC75342M Datasheet(HTML) 8 Page - Sanyo Semicon Device

Back Button LC75342M Datasheet HTML 4Page - Sanyo Semicon Device LC75342M Datasheet HTML 5Page - Sanyo Semicon Device LC75342M Datasheet HTML 6Page - Sanyo Semicon Device LC75342M Datasheet HTML 7Page - Sanyo Semicon Device LC75342M Datasheet HTML 8Page - Sanyo Semicon Device LC75342M Datasheet HTML 9Page - Sanyo Semicon Device LC75342M Datasheet HTML 10Page - Sanyo Semicon Device LC75342M Datasheet HTML 11Page - Sanyo Semicon Device LC75342M Datasheet HTML 12Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
No. 6271-8/20
LC75342, 75342M
Volume Control
D8
D9
D10
D11
D12
D13
D14
D15
Operation
1
1
0
0
1
1
0
0
–51 dB
0
0
1
0
1
1
0
0
–52 dB
1
0
1
0
1
1
0
0
–53 dB
0
1
1
0
1
1
0
0
–54 dB
1
1
1
0
1
1
0
0
–55 dB
0
0
0
1
1
1
0
0
–56 dB
1
0
0
1
1
1
0
0
–57 dB
0
1
0
1
1
1
0
0
–58 dB
1
1
0
1
1
1
0
0
–59 dB
0
0
1
1
1
1
0
0
–60 dB
1
0
1
1
1
1
0
0
–61 dB
0
1
1
1
1
1
0
0
–62 dB
1
1
1
1
1
1
0
0
–63 dB
0
0
0
0
0
0
1
0
–64 dB
1
0
0
0
0
0
1
0
–65 dB
0
1
0
0
0
0
1
0
–66 dB
1
1
0
0
0
0
1
0
–67 dB
0
0
1
0
0
0
1
0
–68 dB
1
0
1
0
0
0
1
0
–69 dB
0
1
1
0
0
0
1
0
–70 dB
1
1
1
0
0
0
1
0
–71 dB
0
0
0
1
0
0
1
0
–72 dB
1
0
0
1
0
0
1
0
–73 dB
0
1
0
1
0
0
1
0
–74 dB
1
1
0
1
0
0
1
0
–75 dB
0
0
1
1
0
0
1
0
–76 dB
1
0
1
1
0
0
1
0
–77 dB
0
1
1
1
0
0
1
0
–78 dB
1
1
1
1
0
0
1
0
–79 dB
00001010
∞ dB
Treble Control
D16
D17
D18
D19
Operation
1
0
1
0
+10 dB
0
0
1
0
+8 dB
1
1
0
0
+6 dB
0
1
0
0
+4 dB
1
0
0
0
+2 dB
0000
0 dB
1
0
0
1
–2 dB
0
1
0
1
–4 dB
1
1
0
1
–6 dB
0
0
1
1
–8 dB
1
0
1
1
–10 dB


Número de pieza similar - LC75342M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LC75341 SANYO-LC75341 Datasheet
295Kb / 20P
   Single-Chip Volume and Tone Control System
LC75341M SANYO-LC75341M Datasheet
295Kb / 20P
   Single-Chip Volume and Tone Control System
LC75343 SANYO-LC75343 Datasheet
413Kb / 28P
   Electronic Volume Control System on-Chip
LC75343M SANYO-LC75343M Datasheet
413Kb / 28P
   Electronic Volume Control System on-Chip
LC75344M SANYO-LC75344M Datasheet
529Kb / 11P
   2 CHANNEL VOLUME SYSTEM
More results

Descripción similar - LC75342M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LC75341 SANYO-LC75341 Datasheet
295Kb / 20P
   Single-Chip Volume and Tone Control System
LC75397E SANYO-LC75397E Datasheet
561Kb / 26P
   Single Chip Electronic Volume and Tone Control System
LC75348 SANYO-LC75348 Datasheet
215Kb / 21P
   Single-Chip Electronic Volume and Tone Control System
LC75394NE SANYO-LC75394NE Datasheet
380Kb / 17P
   Single-Chip Electronic Volume Control System
LC75395E SANYO-LC75395E Datasheet
457Kb / 17P
   Single-Chip Electronic Volume Control System
LC75396NE SANYO-LC75396NE Datasheet
471Kb / 19P
   Single-Chip Electronic Volume Control System
LC75392 SANYO-LC75392 Datasheet
271Kb / 12P
   Single-Chip Electronic Volume Control System
LC75391 SANYO-LC75391 Datasheet
322Kb / 13P
   Single-Chip Electronic Volume Control System
logo
Mitsubishi Electric Sem...
M61503FP MITSUBISHI-M61503FP Datasheet
89Kb / 11P
   TONE CONTROL/VOLUME CONTROL
logo
Renesas Technology Corp
M62495AFP RENESAS-M62495AFP Datasheet
167Kb / 12P
   TONE CONTROL/VOLUME CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com