Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL29027 Datasheet(PDF) 3 Page - Intersil Corporation

No. de pieza ISL29027
Descripción Electrónicos  Proximity Sensor with Intelligent Interrupt and Sleep Modes
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL29027 Datasheet(HTML) 3 Page - Intersil Corporation

  ISL29027 Datasheet HTML 1Page - Intersil Corporation ISL29027 Datasheet HTML 2Page - Intersil Corporation ISL29027 Datasheet HTML 3Page - Intersil Corporation ISL29027 Datasheet HTML 4Page - Intersil Corporation ISL29027 Datasheet HTML 5Page - Intersil Corporation ISL29027 Datasheet HTML 6Page - Intersil Corporation ISL29027 Datasheet HTML 7Page - Intersil Corporation ISL29027 Datasheet HTML 8Page - Intersil Corporation ISL29027 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
ISL29027
3
FN7815.0
February 7, 2011
Absolute Maximum Ratings (TA = +25°C)
Thermal Information
VDD Supply Voltage between VDD and GND . . . . . . . . . . . . . . . . . . . . . .4.0V
I2C Bus Pin Voltage (SCL, SDA). . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to 4.0V
I2C Bus Pin Current (SCL, SDA). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . <10mA
REXT Pin Voltage. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-0.5V to VDD + 0.5V
IRDR Pin Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .5.5V
ADDR0 Pin Voltage. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-0.5V to VDD + 0.5V
INT Pin Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to 4.0V
INT Pin Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . <10mA
ESD Rating
Human Body Model (Note 6). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2kV
Thermal Resistance (Typical)
θJA (°C/W)
θJC (°C/W)
8 Ld ODFN Package (Notes 4, 5) . . . . . . . .
88
10
Maximum Die Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .+90°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-40°C to +100°C
Operating Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40°C to +85°C
Pb-Free Reflow Profile . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product
reliability and result in failures not covered by warranty.
NOTES:
4.
θJA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See Tech
Brief TB379.
5. For
θJC, the “case temp” location is the center of the exposed metal pad on the package underside.
6. ESD on all pins is 2kV except for IRDR, which is 1.5kV.
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typical values are for information purposes only. Unless otherwise
noted, all tests are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
Electrical Specifications VDD = 3.0V, TA = +25°C, REXT = 499kΩ 1% tolerance.
PARAMETER
DESCRIPTION
CONDITION
MIN
(Note 9) TYP
MAX
(Note 9) UNIT
VDD
Power Supply Range
2.25
3.0
3.63
V
SR_VDD
Input Power-up Slew Rate
VDD Rising Edge between 0.4V and 2.25V
0.5
V/ms
IDD_OFF
Supply Current when Powered Down
PROX_EN = 0
0.1
0.8
µA
IDD_PRX_SLP Supply Current for Prox in Sleep Time
PROX_EN = 1
80
µA
fOSC
Internal Oscillator Frequency
5.25
MHz
tINTGR_PROX 8-bit Prox Integration/Conversion Time
0.54
ms
DATAPROX_0 Prox Measurement w/o Object in Path
12
Counts
DATAPROX_F Full Scale Prox ADC Code
255
Counts
DATAPROX_1 Prox Measurement Result
(Note 7)
36
46
56
Counts
tr
Rise Time for IRDR Sink Current
RLOAD = 15Ω at IRDR pin, 20% to 80%
500
ns
tf
Fall time for IRDR Sink Current
RLOAD = 15Ω at IRDR pin, 80% to 20%
500
ns
IIRDR_0
IRDR Sink Current
PROX_DR = 0; VIRDR = 0.5V
95
110
125
mA
IIRDR_1
IRDR Sink Current
PROX_DR = 1; VIRDR = 0.5V
220
mA
IIRDR_LEAK IRDR Leakage Current
PROX_EN = 0; VDD = 3.63V (Note 8)
0.001
1
µA
VIRDR
Acceptable Voltage Range on IRDR Pin
Register bit PROX_DR = 0
0.5
4.3
V
tPULSE
Net IIRDR On Time Per PROX Reading
100
µs
VREF
Voltage of REXT Pin
0.51
V
FI2C
I2C Clock Rate Range
400
kHz
VI2C
Supply Voltage Range for I2C Interface
1.7
3.63
V
VIL
SCL and SDA Input Low Voltage
0.55
V
VIH
SCL and SDA Input High Voltage
1.25
V
ISDA
SDA Current Sinking Capability
VOL = 0.4V
3
5
mA
IINT
INT Current Sinking Capability
VOL = 0.4V
3
5
mA


Número de pieza similar - ISL29027

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
ISL29027 RENESAS-ISL29027 Datasheet
679Kb / 13P
   Proximity Sensor with Intelligent Interrupt and Sleep Modes
logo
Intersil Corporation
ISL29027 INTERSIL-ISL29027 Datasheet
492Kb / 13P
   Proximity Sensor with Intelligent Interrupt and Sleep Modes
February 2, 2012
ISL29027IROZ-T7 INTERSIL-ISL29027IROZ-T7 Datasheet
492Kb / 13P
   Proximity Sensor with Intelligent Interrupt and Sleep Modes
February 2, 2012
logo
Renesas Technology Corp
ISL29027IROZ-T7 RENESAS-ISL29027IROZ-T7 Datasheet
679Kb / 13P
   Proximity Sensor with Intelligent Interrupt and Sleep Modes
More results

Descripción similar - ISL29027

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
ISL29027 RENESAS-ISL29027 Datasheet
679Kb / 13P
   Proximity Sensor with Intelligent Interrupt and Sleep Modes
logo
Intersil Corporation
ISL29027IROZ-T7 INTERSIL-ISL29027IROZ-T7 Datasheet
492Kb / 13P
   Proximity Sensor with Intelligent Interrupt and Sleep Modes
February 2, 2012
ISL29028IROZ INTERSIL-ISL29028IROZ Datasheet
624Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
November 4, 2011
logo
Renesas Technology Corp
ISL29028 RENESAS-ISL29028 Datasheet
820Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
logo
Intersil Corporation
ISL29030A INTERSIL-ISL29030A_11 Datasheet
724Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
ISL29028AIROZ-T7 INTERSIL-ISL29028AIROZ-T7 Datasheet
600Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
January 29, 2014
ISL29029IROZ-T7 INTERSIL-ISL29029IROZ-T7 Datasheet
576Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
November 23, 2010
logo
Renesas Technology Corp
ISL29028A RENESAS-ISL29028A Datasheet
825Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
ISL29029 RENESAS-ISL29029 Datasheet
825Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
logo
Intersil Corporation
ISL29028A_1103 INTERSIL-ISL29028A_1103 Datasheet
745Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com