Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

K20P100M100SF2 Datasheet(PDF) 38 Page - Freescale Semiconductor, Inc

No. de pieza K20P100M100SF2
Descripción Electrónicos  Up to 100 MHz ARM Cortex-M4 core with DSP instructions delivering 1.25 Dhrystone MIPS per MHz
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

K20P100M100SF2 Datasheet(HTML) 38 Page - Freescale Semiconductor, Inc

Back Button K20P100M100SF2 Datasheet HTML 34Page - Freescale Semiconductor, Inc K20P100M100SF2 Datasheet HTML 35Page - Freescale Semiconductor, Inc K20P100M100SF2 Datasheet HTML 36Page - Freescale Semiconductor, Inc K20P100M100SF2 Datasheet HTML 37Page - Freescale Semiconductor, Inc K20P100M100SF2 Datasheet HTML 38Page - Freescale Semiconductor, Inc K20P100M100SF2 Datasheet HTML 39Page - Freescale Semiconductor, Inc K20P100M100SF2 Datasheet HTML 40Page - Freescale Semiconductor, Inc K20P100M100SF2 Datasheet HTML 41Page - Freescale Semiconductor, Inc K20P100M100SF2 Datasheet HTML 42Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 65 page
background image
Table 25. 16-bit ADC characteristics (VREFH = VDDA, VREFL = VSSA) (continued)
Symbol
Description
Conditions1
Min.
Typ.2
Max.
Unit
Notes
EIL
Input leakage
error
IIn × RAS
mV
IIn =
leakage
current
(refer to
the MCU's
voltage
and
current
operating
ratings)
Temp sensor
slope
• –40°C to 25°C
• 25°C to 105°C
TBD
TBD
mV/°C
mV/°C
VTEMP25
Temp sensor
voltage
25°C
TBD
mV
1. All accuracy numbers assume the ADC is calibrated with VREFH = VDDA
2. Typical values assume VDDA = 3.0 V, Temp = 25°C, fADCK = 2.0 MHz unless otherwise stated. Typical values are for
reference only and are not tested in production.
3. The ADC supply current depends on the ADC conversion clock speed, conversion rate and the ADLPC bit (low power).
For lowest power operation the ADLPC bit should be set, the HSC bit should be clear with 1MHz ADC conversion clock
speed.
4. 1 LSB = (VREFH - VREFL)/2N
5. Input data is 1 kHz sine wave.
FIGURE TBD
Figure 13. Typical TUE vs. ADC conversion rate 12-bit single-ended mode
FIGURE TBD
Figure 14. Typical ENOB vs. Averaging for 16-bit differential and 16-bit single-ended
modes
6.6.1.3 16-bit ADC with PGA operating conditions
Table 26. 16-bit ADC with PGA operating conditions
Symbol
Description
Conditions
Min.
Typ.1
Max.
Unit
Notes
VDDA
Supply voltage
Absolute
1.71
3.6
V
VREFPGA PGA ref voltage
VREFOUT VREFOUT VREFOUT
V
2, 3
VADIN
Input voltage
VSSA
VDDA
V
VCM
Input Common
Mode range
VSSA
VDDA
V
Table continues on the next page...
Peripheral operating requirements and behaviors
K20 Sub-Family Data Sheet Data Sheet, Rev. 4, 3/2011.
38
Preliminary
Freescale Semiconductor, Inc.


Número de pieza similar - K20P100M100SF2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
K20P100M100SF2 NXP-K20P100M100SF2 Datasheet
2Mb / 74P
   K20 Sub-Family
Rev. 7, 02/2013
K20P100M100SF2V2 NXP-K20P100M100SF2V2 Datasheet
1Mb / 75P
   K20 Sub-Family
Rev. 3, 6/2013
logo
Freescale Semiconductor...
K20P100M100SF2_1109 FREESCALE-K20P100M100SF2_1109 Datasheet
1Mb / 74P
   K20 Sub-Family Data Sheet
More results

Descripción similar - K20P100M100SF2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Freescale Semiconductor...
K51P121M100SF2 FREESCALE-K51P121M100SF2 Datasheet
1Mb / 70P
   Up to 100 MHz ARM Cortex-M4 core with DSP instructions delivering 1.25 Dhrystone MIPS per MHz
K30P121M100SF2 FREESCALE-K30P121M100SF2 Datasheet
1Mb / 61P
   Up to 100 MHz ARM Cortex-M4 core with DSP instructions delivering 1.25 Dhrystone MIPS per MHz
K50P121M100SF2 FREESCALE-K50P121M100SF2 Datasheet
1Mb / 69P
   Up to 100 MHz ARM Cortex-M4 core with DSP instructions delivering 1.25 Dhrystone MIPS per MHz
K50P144M100SF2 FREESCALE-K50P144M100SF2 Datasheet
1Mb / 73P
   Up to 100 MHz ARM Cortex-M4 core with DSP instructions delivering 1.25 Dhrystone MIPS per MHz
K40P144M100SF2 FREESCALE-K40P144M100SF2_11 Datasheet
1Mb / 75P
   Up to 100 MHz ARM Cortex-M4 core with DSP instructions delivering 1.25 Dhrystone MIPS per MHz
K10P121M100SF2 FREESCALE-K10P121M100SF2 Datasheet
1Mb / 63P
   Up to 100 MHz ARM Cortex-M4 core with DSP instructions delivering 1.25 Dhrystone MIPS per MHz
K40P100M100SF2 FREESCALE-K40P100M100SF2 Datasheet
1Mb / 63P
   Up to 100 MHz ARM Cortex-M4 core with DSP instructions delivering 1.25 Dhrystone MIPS per MHz
K20P144M100SF2 FREESCALE-K20P144M100SF2_11 Datasheet
1Mb / 74P
   Up to 100 MHz ARM Cortex-M4 core with DSP instructions delivering 1.25 Dhrystone MIPS per MHz
K50P100M100SF2 FREESCALE-K50P100M100SF2 Datasheet
1Mb / 73P
   Up to 100 MHz ARM Cortex-M4 core with DSP instructions delivering 1.25 Dhrystone MIPS per MHz
K20P81M100SF2 FREESCALE-K20P81M100SF2_11 Datasheet
1Mb / 65P
   Up to 100 MHz ARM Cortex-M4 core with DSP instructions delivering 1.25 Dhrystone MIPS per MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com