Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2N3811U Datasheet(PDF) 2 Page - Microsemi Corporation

No. de pieza 2N3811U
Descripción Electrónicos  PNP SILICON DUAL TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROSEMI [Microsemi Corporation]
Página de inicio  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N3811U Datasheet(HTML) 2 Page - Microsemi Corporation

  2N3811U Datasheet HTML 1Page - Microsemi Corporation 2N3811U Datasheet HTML 2Page - Microsemi Corporation 2N3811U Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TECHNICAL DATA SHEET
6 Lake Street, Lawrence, MA 01841
1-800-446-1158 / (978) 620-2600 / Fax: (978) 689-0803
Website: http: //www.microsemi.com
PNP SILICON DUAL TRANSISTOR
Qualified per MIL-PRF-19500 /336
T4-LDS-0118 Rev. 1 (091095)
Page 2 of 3
ELECTRICAL CHARACTERISTICS (con’t)
Parameters / Test Conditions
Symbol
Min.
Max.
Unit
ON CHARACTERTICS
Forward-Current Transfer Ratio
IC = 10μAdc, VCE = 5.0Vdc
IC = 100μAdc, VCE = 5.0Vdc
IC = 1.0mAdc, VCE = 5.0Vdc
IC = 10mAdc, VCE = 5.0Vdc
2N3810, 2N3810L , 2N3810U
hFE
100
150
150
125
450
450
IC = 1.0μAdc, VCE = 5.0Vdc
IC = 10μAdc, VCE = 5.0Vdc
IC = 100μAdc, VCE = 5.0Vdc
IC = 1.0mAdc, VCE = 5.0Vdc
IC = 10mAdc, VCE = 5.0Vdc
2N3811, 2N3811L, 2N3811U
hFE
75
225
300
300
250
900
900
Collector-Emitter Saturation Voltage
IC = 100μAdc, IB = 10μAdc
IC = 1.0mAdc, IB = 100μAdc
VCE(sat)
0.2
0.25
Vdc
Base-Emitter Saturation Voltage
IC = 100μAdc, IB = 10μAdc
IC = 1.0mAdc, IB = 100μAdc
VBE(sat)
0.7
0.8
Vdc
Base-Emitter Non-Saturation Voltage
VCE = 5.0Adc, IC = 100μAdc
VBE
0.7
Vdc
DYNAMIC CHARACTERISTICS
Forward Current Transfer Ratio, Magnitude
IC = 500μAdc, VCE = 5.0Vdc, f = 30MHz
IC = 1.0mAdc, VCE = 5.0Vdc, f = 100MHz
|hfe|
1.0
1.0
5.0
Small-Signal Short Circuit Forward Current Transfer Ratio
IC = 1.0mAdc, VCE = 10Vdc, f = 1.0kHz
2N3810, 2N3810L , 2N3810U
2N3811, 2N3811L , 2N3811U
hfe
150
300
600
900
Small-Signal Short Circuit Input Impedance
IC = 1.0mAdc, VCE = 10Vdc, f = 1.0kHz
2N3810, 2N3810L , 2N3810U
2N3811, 2N3811L , 2N3811U
hje
3.0
3.0
30
40
k
Ω
Small-Signal Short Circuit Output Admittance
IC = 1.0mAdc, VCE = 10Vdc, f = 1.0kHz
2N3810, 2N3810L , 2N3810U
2N3811, 2N3811L , 2N3811U
hoe
5.0
60
μmhos
Output Capacitance
VCB = 5.0Vdc, IE = 0, 100kHz ≤ f ≤ 1.0MHz
Cobo
5.0
pF
Input Capacitance
VEB = 5.0Vdc, IC = 0, 100kHz ≤ f ≤ 1.0MHz
CIbo
8.0
pF


Número de pieza similar - 2N3811U

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microsemi Corporation
2N3811U MICROSEMI-2N3811U Datasheet
61Kb / 2P
   PNP SILICON DUAL TRANSISTOR
2N3811U MICROSEMI-2N3811U Datasheet
310Kb / 5P
   PNP SILICON DUAL TRANSISTOR
2N3811U MICROSEMI-2N3811U Datasheet
119Kb / 3P
   PNP SILICON DUAL TRANSISTOR
2N3811U MICROSEMI-2N3811U Datasheet
119Kb / 3P
   PNP SILICON DUAL TRANSISTOR
More results

Descripción similar - 2N3811U

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Central Semiconductor C...
2N3726 CENTRAL-2N3726_15 Datasheet
112Kb / 2P
   PNP DUAL SILICON TRANSISTOR
2N3726 CENTRAL-2N3726 Datasheet
108Kb / 2P
   PNP DUAL SILICON TRANSISTOR
logo
Microsemi Corporation
JANTX2N3810 MICROSEMI-JANTX2N3810 Datasheet
119Kb / 3P
   PNP SILICON DUAL TRANSISTOR
logo
Central Semiconductor C...
MD3250 CENTRAL-MD3250 Datasheet
494Kb / 2P
   DUAL PNP SILICON TRANSISTOR
2N3810 CENTRAL-2N3810 Datasheet
113Kb / 2P
   DUAL PNP SILICON TRANSISTOR
logo
Microsemi Corporation
2N3810 MICROSEMI-2N3810 Datasheet
61Kb / 2P
   PNP SILICON DUAL TRANSISTOR
2N5795 MICROSEMI-2N5795 Datasheet
127Kb / 2P
   PNP DUAL SILICON TRANSISTOR
logo
List of Unclassifed Man...
2SA1928 ETC-2SA1928 Datasheet
113Kb / 5P
   SILICON PNP DUAL TRANSISTOR
logo
Microsemi Corporation
JANTX2N3810U MICROSEMI-JANTX2N3810U Datasheet
119Kb / 3P
   PNP SILICON DUAL TRANSISTOR
2N3810 MICROSEMI-2N3810_11 Datasheet
310Kb / 5P
   PNP SILICON DUAL TRANSISTOR
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com