Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LC75817E Datasheet(PDF) 14 Page - Sanyo Semicon Device

No. de pieza LC75817E
Descripción Electrónicos  1/8 to 1/10 Duty Dot Matrix LCD Display Controller/Driver with Key Input Function
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC75817E Datasheet(HTML) 14 Page - Sanyo Semicon Device

Back Button LC75817E Datasheet HTML 10Page - Sanyo Semicon Device LC75817E Datasheet HTML 11Page - Sanyo Semicon Device LC75817E Datasheet HTML 12Page - Sanyo Semicon Device LC75817E Datasheet HTML 13Page - Sanyo Semicon Device LC75817E Datasheet HTML 14Page - Sanyo Semicon Device LC75817E Datasheet HTML 15Page - Sanyo Semicon Device LC75817E Datasheet HTML 16Page - Sanyo Semicon Device LC75817E Datasheet HTML 17Page - Sanyo Semicon Device LC75817E Datasheet HTML 18Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 43 page
background image
No. 6144-14/43
LC75817E, 75817W
X: don’t care
• DCRAM data write ... <Specifies the DCRAM address and stores data at that address>
Code
D40
D41
D42
D43
D44
D45
D46
D47
D48
D49
D50
D51
D52
D53
D54
D55
D56
D57
D58
D59
AC0 AC1 AC2 AC3 AC4 AC5 AC6 AC7 DA0 DA1 DA2 DA3 DA4 DA5
X
X
IM
X
X
X
D60
D61
D62
D63
0101
DA0 to DA5: DCRAM address
DA0
DA1
DA2
DA3
DA4
DA5
AC0 to AC7: DCRAM data (character code)
This instruction writes the 8 bits of data AC0 to AC7 to DCRAM. This data is a character code, and is converted to a
5
× 7, 5 × 8, or 5 × 9 dot matrix display data using CGROM or CGRAM.
AC0
AC1
AC2
AC3
AC4
AC5
AC6
AC7
IM: Setting the method of writing data to DCRAM
Notes: *14.
· DCRAM data write method when IM = 0
IM
DCRAM data write method
0
Normal DCRAM data write (Specifies the DCRAM address and writes the DCRAM data.)
1
Increment mode DCRAM data write (Increments the DCRAM address by +1 each time data is written to DCRAM.)
DCRAM data
write finishes
· DCRAM data write method when IM = 1 (Instructions other than the “DCRAM data write” instruction cannot be
executed.)
CCB address
CCB address
CCB address
CCB address
DCRAM data
write finishes
DCRAM data
write finishes
DCRAM data
write finishes
Instruction
execution time
Instruction
execution time
Instruction
execution time
Instruction
execution time
24 bits
24 bits
24 bits
24 bits
(1)
(1)
(1)
(1)
CCB address
CCB address
CCB address
CCB address
CCB address
CCB address
24 bits
8 bits
8 bits
8 bits
8 bits
16 bits
Instruction
execution time
Instruction
execution
time
Instruction
execution
time
Instruction
execution time
Instruction
execution
time
Instruction
execution time
DCRAM data
write finishes
DCRAM data
write finishes
DCRAM data
write finishes
DCRAM data
write finishes
DCRAM data
write finishes
DCRAM data
write finishes
Instructions other than the “DCRAM data write” instruction cannot be executed.
(1)
(2)
(2)
(2)
(2)
(3)
LSB
Least significant bit
LSB
Least significant bit
MSB
Most significant bit
MSB
Most significant bit


Número de pieza similar - LC75817E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LC75817NE SANYO-LC75817NE Datasheet
496Kb / 43P
   1/8 to 1/10 Duty Dot Matrix LCD Display Controllers/Drivers with Key Input Function
LC75817NW SANYO-LC75817NW Datasheet
496Kb / 43P
   1/8 to 1/10 Duty Dot Matrix LCD Display Controllers/Drivers with Key Input Function
More results

Descripción similar - LC75817E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LC75816E SANYO-LC75816E Datasheet
572Kb / 43P
   1/8 to 1/10 Duty Dot Matrix LCD Display Controllers/Drivers with Key Input Function
LC75818PT SANYO-LC75818PT Datasheet
464Kb / 43P
   1/8 to 1/10 Duty Dot Matrix LCD Display Controllers/Drivers with Key Input Function
LC75817NE SANYO-LC75817NE Datasheet
496Kb / 43P
   1/8 to 1/10 Duty Dot Matrix LCD Display Controllers/Drivers with Key Input Function
LC75811E SANYO-LC75811E Datasheet
626Kb / 27P
   1/8 to 1/10 Duty Dot Matrix LCD Display Controller/Driver
LC75812PT SANYO-LC75812PT Datasheet
438Kb / 54P
   1/8, 1/9 Duty Dot Matrix LCD Display Controllers/Drivers with Key Input Function
LC75808E SANYO-LC75808E Datasheet
981Kb / 39P
   1/8 to 1/10 Duty LCD Display Drivers with Key Input Function
LC75893M SANYO-LC75893M Datasheet
389Kb / 23P
   1/3 Duty LCD Display Driver with Key Input Function
logo
ON Semiconductor
LC75818PT ONSEMI-LC75818PT Datasheet
452Kb / 43P
   1/8 to 1/10 Duty Dot Matrix LCD Display Controllers/Drivers
July, 2013
logo
Sanyo Semicon Device
LC75810E SANYO-LC75810E Datasheet
981Kb / 54P
   1/8 to 1/10 Duty Dot Matrix LCD Display Controllers/Drivers
logo
ON Semiconductor
LC75810T-8725-E ONSEMI-LC75810T-8725-E Datasheet
1Mb / 54P
   1/8 to 1/10 Duty Dot Matrix LCD Display Controllers/Drivers
July, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com