Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LC75817W Datasheet(PDF) 4 Page - Sanyo Semicon Device

No. de pieza LC75817W
Descripción Electrónicos  1/8 to 1/10 Duty Dot Matrix LCD Display Controller/Driver with Key Input Function
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC75817W Datasheet(HTML) 4 Page - Sanyo Semicon Device

  LC75817W Datasheet HTML 1Page - Sanyo Semicon Device LC75817W Datasheet HTML 2Page - Sanyo Semicon Device LC75817W Datasheet HTML 3Page - Sanyo Semicon Device LC75817W Datasheet HTML 4Page - Sanyo Semicon Device LC75817W Datasheet HTML 5Page - Sanyo Semicon Device LC75817W Datasheet HTML 6Page - Sanyo Semicon Device LC75817W Datasheet HTML 7Page - Sanyo Semicon Device LC75817W Datasheet HTML 8Page - Sanyo Semicon Device LC75817W Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 43 page
background image
No. 6144-4/43
LC75817E, 75817W
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VDD max
VDD
–0.3 to +7.0
V
VLCD max
VLCD
–0.3 to +11.0
V
VIN1
CE, CL, DI, INH
–0.3 to +7.0
V
Input voltage
VIN2
OSCI, KI1 to KI5, TEST
–0.3 to VDD + 0.3
V
VIN3VLCD1, VLCD2, VLCD3, VLCD4
–0.3 to VLCD + 0.3
V
VOUT1
DO
–0.3 to +7.0
V
Output voltage
VOUT2
OSCO, KS1 to KS6, P1 to P4
–0.3 to VDD + 0.3
V
VOUT3VLCD0, S1 to S60, COM1 to COM10
–0.3 to VLCD + 0.3
V
IOUT1
S1 to S60
300
µA
Output current
IOUT2
COM1 to COM10
3
mA
IOUT3
KS1 to KS6
1
mA
IOUT4
P1 to P4
5
mA
Allowable power dissipation
Pd max
Ta = 85°C
200
mW
Operating temperature
Topr
–40 to +85
°C
Storage temperature
Tstg
–55 to +125
°C
Specifications
Absolute Maximum Ratings at Ta = 25°C, VSS = 0 V
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
VDD
VDD
4.5
6.0
V
Supply voltage
VLCD
When the display contrast adjustment circuit is used.
7.0
10.0
V
When the display contrast adjustment circuit is not used.
4.5
10.0
V
Output voltage
VLCD0VLCD0VLCD4+4.5
VLCD
V
VLCD1VLCD1
3/4 (VLCD0VLCD4)
VLCD0V
Input voltage
VLCD2VLCD2
2/4 (VLCD0VLCD4)
VLCD0V
VLCD3VLCD3
1/4 (VLCD0VLCD4)
VLCD0V
VLCD4VLCD4
0
1.5
V
VIH1
CE, CL, DI, INH
0.8 VDD
6.0
V
Input high level voltage
VIH2
OSCI
0.7 VDD
VDD
V
VIH3
KI1 to KI5
0.6 VDD
VDD
V
Input low level voltage
VIL1
CE, CL, DI, INH, KI1 to KI5
0
0.2 VDD
V
VIL2
OSCI
0
0.3 VDD
V
Recommended external resistance
ROSC
OSCI, OSCO
33
k
Recommended external capacitance
COSC
OSCI, OSCO
220
pF
Guaranteed oscillation range
fOSC
OSC
150
300
600
kHz
Data setup time
tds
CL, DI: Figure 2
160
ns
Data hold time
tdh
CL, DI: Figure 2
160
ns
CE wait time
tcp
CE, CL: Figure 2
160
ns
CE setup time
tcs
CE, CL: Figure 2
160
ns
CE hold time
tch
CE, CL: Figure 2
160
ns
High level clock pulse width
tøH
CL: Figure 2
160
ns
Low level clock pulse width
tøL
CL: Figure 2
160
ns
DO output delay time
tdc
DO, RPU = 4.7kΩ, CL = 10pF: Figure 2*1
1.5
µs
DO rise time
tdr
DO, RPU = 4.7kΩ, CL = 10pF: Figure 2*1
1.5
µs
Allowable Operating Ranges at Ta = –40 to +85°C, VSS = 0 V
Note: *1. Since the DO pin is an open-drain output, these times depend on the values of the pull-up resistor RPU and the load capacitance CL.


Número de pieza similar - LC75817W

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LC75817NE SANYO-LC75817NE Datasheet
496Kb / 43P
   1/8 to 1/10 Duty Dot Matrix LCD Display Controllers/Drivers with Key Input Function
LC75817NW SANYO-LC75817NW Datasheet
496Kb / 43P
   1/8 to 1/10 Duty Dot Matrix LCD Display Controllers/Drivers with Key Input Function
More results

Descripción similar - LC75817W

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LC75816E SANYO-LC75816E Datasheet
572Kb / 43P
   1/8 to 1/10 Duty Dot Matrix LCD Display Controllers/Drivers with Key Input Function
LC75818PT SANYO-LC75818PT Datasheet
464Kb / 43P
   1/8 to 1/10 Duty Dot Matrix LCD Display Controllers/Drivers with Key Input Function
LC75817NE SANYO-LC75817NE Datasheet
496Kb / 43P
   1/8 to 1/10 Duty Dot Matrix LCD Display Controllers/Drivers with Key Input Function
LC75811E SANYO-LC75811E Datasheet
626Kb / 27P
   1/8 to 1/10 Duty Dot Matrix LCD Display Controller/Driver
LC75812PT SANYO-LC75812PT Datasheet
438Kb / 54P
   1/8, 1/9 Duty Dot Matrix LCD Display Controllers/Drivers with Key Input Function
LC75808E SANYO-LC75808E Datasheet
981Kb / 39P
   1/8 to 1/10 Duty LCD Display Drivers with Key Input Function
LC75893M SANYO-LC75893M Datasheet
389Kb / 23P
   1/3 Duty LCD Display Driver with Key Input Function
logo
ON Semiconductor
LC75818PT ONSEMI-LC75818PT Datasheet
452Kb / 43P
   1/8 to 1/10 Duty Dot Matrix LCD Display Controllers/Drivers
July, 2013
logo
Sanyo Semicon Device
LC75810E SANYO-LC75810E Datasheet
981Kb / 54P
   1/8 to 1/10 Duty Dot Matrix LCD Display Controllers/Drivers
logo
ON Semiconductor
LC75810T-8725-E ONSEMI-LC75810T-8725-E Datasheet
1Mb / 54P
   1/8 to 1/10 Duty Dot Matrix LCD Display Controllers/Drivers
July, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com