Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2N3866UB Datasheet(PDF) 1 Page - Microsemi Corporation

No. de pieza 2N3866UB
Descripción Electrónicos  NPN SILICON HIGH-FREQUENCY TRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROSEMI [Microsemi Corporation]
Página de inicio  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N3866UB Datasheet(HTML) 1 Page - Microsemi Corporation

  2N3866UB Datasheet HTML 1Page - Microsemi Corporation 2N3866UB Datasheet HTML 2Page - Microsemi Corporation 2N3866UB Datasheet HTML 3Page - Microsemi Corporation 2N3866UB Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TECHNICAL DATA SHEET
6 Lake Street, Lawrence, MA 01841
Gort Road Business Park, Ennis, Co. Clare, Ireland
1-800-446-1158 / (978) 620-2600 / Fax: (978) 689-0803
Tel: +353 (0) 65 6840044 Fax: +353 (0) 65 6822298
Website: http: //www.microsemi.com
NPN SILICON
HIGH-FREQUENCY TRANSISTOR
Qualified per MIL-PRF-19500/398
T4-LDS-0175 Rev. 1 (101096)
Page 1 of 4
DEVICES
LEVELS
2N3866
2N3866UB
JAN
2N3866A
2N3866AUB
JANTX
JANTXV
JANS
ABSOLUTE MAXIMUM RATINGS (TC = +25°C unless otherwise noted)
Parameters / Test Conditions
Symbol
Value
Unit
Collector-Emitter Voltage
VCEO
30
Vdc
Collector-Base Voltage
VCBO
60
Vdc
Emitter-Base Voltage
VEBO
305
Vdc
Collector Current
IC
400
mAdc
Total Power Dissipation
@ TA = +25°C
2N3866, A
2N3866UB / AUB
PT
1.0
0.5
W
Operating & Storage Junction Temperature Range
Tj, Tstg
-65 to +200
°C
Thermal Resistance, Junction-to-Case
RθJC
60.0
°C/W
NOTE:
1. Derate linearly 5.71mW/°C (2N3866, 2N3866A) and 3.08mW/°C (2N3866UB /
2N3866AUB) above TA > +25°C
2. TA = room ambient as defined in the general requirements of MIL-PRF-19500
3. PT = 2.9W at TC = +25°C, derate at 16.6mW/°C above TC > +25°C
ELECTRICAL CHARACTERISTICS (TA = +25°C, unless otherwise noted)
Parameters / Test Conditions
Symbol
Min.
Max.
Unit
OFF CHARACTERTICS
Collector-Emitter Breakdown Voltage
IC = 5.0mAdc
V(BR)CEO
30
Vdc
Collector-Base Breakdown Voltage
IC = 100µAdc
V(BR)CBO
60
Vdc
Emitter-Base Breakdown Voltage
IE = 100µAdc
V(BR)EBO
3.5
Vdc
Collector-Emitter Cutoff Current
VCE = 28Vdc
ICEO
20
μAdc
Collector-Emitter Cutoff Current
VCE = 55Vdc
ICES1
100
μAdc
TO-39 (TO-205AD)
2N3866, 2N3866A
UB Package
2N3866UB, 2N3866AUB


Número de pieza similar - 2N3866UB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Semicoa Semiconductor
2N3866UB SEMICOA-2N3866UB Datasheet
234Kb / 2P
   Silicon NPN Transistor
More results

Descripción similar - 2N3866UB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Advanced Semiconductor
LT1001A ASI-LT1001A Datasheet
13Kb / 1P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
List of Unclassifed Man...
NE696M01 ETC-NE696M01 Datasheet
105Kb / 6P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
Advanced Semiconductor
BFT51F ASI-BFT51F Datasheet
23Kb / 1P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
BFT51FA ASI-BFT51FA Datasheet
23Kb / 1P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
BLX65S ASI-BLX65S Datasheet
28Kb / 1P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
NEC
NE662M16 NEC-NE662M16 Datasheet
63Kb / 9P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
ON Semiconductor
MPS5179 ONSEMI-MPS5179_06 Datasheet
42Kb / 3P
   High Frequency Transistor NPN Silicon
March, 2006 ??Rev. 3
logo
California Eastern Labs
UPA802T CEL-UPA802T_98 Datasheet
236Kb / 10P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
UPA807T CEL-UPA807T Datasheet
252Kb / 12P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
UPA808T CEL-UPA808T Datasheet
224Kb / 10P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
Advanced Semiconductor
TP2314A ASI-TP2314A Datasheet
34Kb / 1P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com