Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


LC75893M Datasheet(Hoja de datos) 1 Page - Sanyo Semicon Device

No. de Pieza. LC75893M
Descripción  1/3 Duty LCD Display Driver with Key Input Function
Descarga  23 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  SANYO [Sanyo Semicon Device]
Página de inicio  http://www.ssdc-jp.com/eng/
Logo 

 
 1 page
background image
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft’s
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.
Overview
The LC75893M is a 1/3 duty LCD display driver that can
directly drive up to 48 segments and can control up to four
general-purpose output ports. This product also
incorporates a key scan circuit that accepts input from up
to 20 keys to reduce printed circuit board wiring.
Features
• Key input function for up to 20 keys (A key scan is
performed only when a key is pressed.)
• 1/3 duty - 1/2 bias and 1/3 duty - 1/3 bias drive schemes
can be controlled from serial data (up to 48 segments).
• Sleep mode and all segments off functions that are
controlled from serial data
• Segment output port/general-purpose output port
function switching that is controlled from serial data
• Serial data I/O supports CCB format communication
with the system controller.
• Direct display of display data without the use of a
decoder provides high generality.
• Provision of an on-chip voltage-detection type reset
circuit prevents incorrect displays.
• RC oscillator circuit
Package Dimensions
unit: mm
3204-MFP36S
0.15
15.3
1
18
36
19
0.85
0.35
0.8
CMOS IC
N2999RM (OT) No. 5971-1/23
SANYO: MFP36S
[LC75893M]
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
1/3 Duty LCD Display Driver with Key Input Function
LC75893M
Ordering number : ENN5971A
• CCB is a trademark of SANYO ELECTRIC CO., LTD.
• CCB is SANYO’s original bus format and all the bus
addresses are controlled by SANYO.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23 


Datasheet Download



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
LC75817E1/8 to 1/10 Duty Dot Matrix LCD Display Controller/Driver with Key Input Function 1 2 3 4 5 MoreSanyo Semicon Device
LC75804E1/3 1/4 Duty LCD Display Drivers with Key Input Function 1 2 3 4 5 MoreSanyo Semicon Device
LC75808E1/8 to 1/10 Duty LCD Display Drivers with Key Input Function 1 2 3 4 5 MoreSanyo Semicon Device
LC75816E1/8 to 1/10 Duty Dot Matrix LCD Display Controllers/Drivers with Key Input Function 1 2 3 4 5 MoreSanyo Semicon Device
LC75884E1/4 Duty LCD Display Drivers with Key Input Function 1 2 3 4 5 MoreSanyo Semicon Device
LC75817NE1/8 to 1/10 Duty Dot Matrix LCD Display Controllers/Drivers with Key Input Function 1 2 3 4 5 MoreSanyo Semicon Device
LC75852EAsynchronous Silicon Gate 1/2 Duty LCD Driver with On-Chip Key Input Function 1 2 3 4 5 MoreSanyo Semicon Device
LC75863E1/3 Duty LCD Display Drivers with Key Input Function 1 2 3 4 5 MoreSanyo Semicon Device
LC75864E1/4 Duty LCD Display Drivers with Key Input Function 1 2 3 4 5 MoreSanyo Semicon Device
LC75742E1/2 Duty VFD Driver with Key Input Function 1 2 3 4 5 MoreSanyo Semicon Device

Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl