Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LC78628 Datasheet(PDF) 37 Page - Sanyo Semicon Device

No. de pieza LC78628
Descripción Electrónicos  Compact Disc Player DSP with Built-in HDCD Decoder
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC78628 Datasheet(HTML) 37 Page - Sanyo Semicon Device

Back Button LC78628 Datasheet HTML 32Page - Sanyo Semicon Device LC78628 Datasheet HTML 33Page - Sanyo Semicon Device LC78628 Datasheet HTML 34Page - Sanyo Semicon Device LC78628 Datasheet HTML 35Page - Sanyo Semicon Device LC78628 Datasheet HTML 36Page - Sanyo Semicon Device LC78628 Datasheet HTML 37Page - Sanyo Semicon Device LC78628 Datasheet HTML 38Page - Sanyo Semicon Device LC78628 Datasheet HTML 39Page - Sanyo Semicon Device LC78628 Datasheet HTML 40Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 37 / 40 page
background image
No. 6329-37/40
LC78628E
CD DSP Comparison Chart
Product
LC78621E
LC78625E
LC78630E
LC78624E
LC78626E/
LC78622E/
LC78628E
Function
LC78626KE
LC78622NE
EFM-PLL
Built-in VCO
Built-in VCO
Built-in VCO
Built-in VCO
Built-in VCO
Built-in VCO
Built-in VCO
FR = 1.2 k
FR = 1.2 k
FR = 1.2 k
FR = 1.2 k
FR = 5.1 or 1.2 k
FR = 1.2 k
FR = 1.2 k
RAM
16 K
16 K
18 K
16 K
16 K
16 K
16 K
Playback speed
2
×
2
×
4
×
2
×
2
×
2
×
2
×
Digital output
q
q
q
q
q
q
q
q
q
q
q
q
q
q
Interpolation
4
4
2
2224
Zero cross muting
q
q
q
q
q
q
q
q
q
q
q
q
q
q
–12 dB, –
–12 dB, –
–12 dB, –
Level meter and peak search
q
q
q
q
×××××
Bilingual
q
q
q
q
q
q
q
q
q
q
q
q
q
q
Digital attenuator
q
q
q
q
q
q
×
q
q
q
q
q
q
Digital filters
8 fs
8 fs
2 fs
×
4 fs / 8 fs
4 fs / 8 fs
8 fs
Digital deemphasis
q
q
q
q
q
q
×
q
q
q
q
q
q
General-purpose
Output
2
2
2
××
× / (3)
×
ports
I/O
×
(4)
2 + (4)
5
1 + (3)
5
5
VCD support
×
q
q
q
q
×××
q
q
Anti-shock interface
*2
*2
*2
*1
Not required
××
q
q
Anti-shock controller
××××
max. 4M-DRAM/
××
max. 16M-DRAM
CD text
×××
q
q
××
q
q
CD-ROM I/F
q
q
q
q
q
q
×××
q
q
HDCD decoder
××××××
q
q
1-bit DAC
q
q
q
q
q
q
×
q
q
q
q
q
q
L.P.F
××××
q
q
q
q
×
Supply voltage
3.6 to 5.5 V
3.0 to 5.5 V
3.6 to 5.5 V
3.0 to 5.5 V
3.0 to 5.5 V/
3.0 to 5.5 V/
3.0 to 3.6 V,
3.0 to 3.6 V
3.6 to 5.5 V
4.5 to 5.5 V
Package
QIP80E
QIP80E
QIP80E
QIP64E
QIP100E
QIP64E
QIP80E
Anti-shock interface: 1. An anti-shock system can be formed with an external anti-shock controller plus an external digital filters and D/A converter IC.
2. An anti-shock system can be formed with an external anti-shock controller using the internal digital filter and D/A converter.
(However, there are restrictions on the timing between XIN and the clock input used for the digital filter.)


Número de pieza similar - LC78628

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LC78620E SANYO-LC78620E Datasheet
478Kb / 34P
   Compact Disc Player DSP
LC78621E SANYO-LC78621E Datasheet
418Kb / 34P
   Compact Disc Player DSP
LC78622E SANYO-LC78622E Datasheet
379Kb / 29P
   Compact Disc Player DSP
LC78622NE SANYO-LC78622NE Datasheet
325Kb / 31P
   Compact Disc Player DSP
LC78624E SANYO-LC78624E Datasheet
358Kb / 27P
   Compact Disc Player DSP
More results

Descripción similar - LC78628

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LC78605E SANYO-LC78605E Datasheet
89Kb / 11P
   Compact Disc Player DSP with Built-in Microcontroller
LC78602NE SANYO-LC78602NE Datasheet
177Kb / 11P
   Compact Disc Player DSP with Built-in Microcontroller
LC78601E SANYO-LC78601E Datasheet
146Kb / 11P
   Compact Disc Player DSP with Built-in Microcontroller
LC78622E SANYO-LC78622E Datasheet
379Kb / 29P
   Compact Disc Player DSP
LC78624E SANYO-LC78624E Datasheet
358Kb / 27P
   Compact Disc Player DSP
LC78622NE SANYO-LC78622NE Datasheet
325Kb / 31P
   Compact Disc Player DSP
LC78621E SANYO-LC78621E Datasheet
418Kb / 34P
   Compact Disc Player DSP
LC78620E SANYO-LC78620E Datasheet
478Kb / 34P
   Compact Disc Player DSP
LC78625E SANYO-LC78625E Datasheet
440Kb / 35P
   Compact Disc Player DSP
LC78630E SANYO-LC78630E Datasheet
433Kb / 33P
   Compact Disk Player DSP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com