Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LC7874E Datasheet(PDF) 4 Page - Sanyo Semicon Device

No. de pieza LC7874E
Descripción Electrónicos  CD Graphics Decorder
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC7874E Datasheet(HTML) 4 Page - Sanyo Semicon Device

  LC7874E Datasheet HTML 1Page - Sanyo Semicon Device LC7874E Datasheet HTML 2Page - Sanyo Semicon Device LC7874E Datasheet HTML 3Page - Sanyo Semicon Device LC7874E Datasheet HTML 4Page - Sanyo Semicon Device LC7874E Datasheet HTML 5Page - Sanyo Semicon Device LC7874E Datasheet HTML 6Page - Sanyo Semicon Device LC7874E Datasheet HTML 7Page - Sanyo Semicon Device LC7874E Datasheet HTML 8Page - Sanyo Semicon Device LC7874E Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
No. 5521-4/22
LC7874E
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Random read/write cycle time
tRC
250
ns
Page mode cycle time
tPC
130
ns
RAS precharge time
tRP
100
ns
RAS pulse width
tRAS
120
ns
RAS pulse width (page mode)
tRASP
18000
ns
RAS hold time
tRSH
60
ns
CAS hold time
tCSH
120
ns
CAS pulse width
tCAS
60
ns
CAS precharge time
tCPN
50
ns
CAS precharge time
tCP
(In page mode)
50
ns
Row address setup time
tASR
100
ns
Row address hold time
tRAH
50
ns
Column address setup time
tASC
0
ns
Column address hold time
tCAH
50
ns
Read command setup time
tRCS
150
ns
Read command hold time
tRCH
(Referenced to CAS )
120
ns
Read command hold time
tRRH
(Referenced toRAS)
120
ns
Write command setup time
tWCS
100
ns
Write command hold time
tWCH
50
ns
Write command pulse width
tWP
150
ns
Write data setup time
tDS
100
ns
Write data hold time
tDH
100
ns
CAS setup time
tCSR
(CAS before RAS)
50
ns
CAS hold time
tCHR
(CAS before RAS)
50
ns
RAS precharge
CAS active time
tRPC
50
ns
Read data setup time
tRDS
20
ns
Read data hold time
tRDH
10
ns
Refresh time
tREF
3.5
ms
Timing Characteristics (DRAM Access Timing) at Ta = 25°C, VDD = 5 V


Número de pieza similar - LC7874E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LC78711 SANYO-LC78711 Datasheet
781Kb / 43P
   Graphics Display Processor
LC78711E SANYO-LC78711E Datasheet
781Kb / 43P
   Graphics Display Processor
LC7871E SANYO-LC7871E Datasheet
427Kb / 19P
   CD Graphics Decoder
LC7871NE SANYO-LC7871NE Datasheet
427Kb / 19P
   CD Graphics Decoder
LC7872E SANYO-LC7872E Datasheet
299Kb / 17P
   CD Graphics Decoder
More results

Descripción similar - LC7874E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LC7871E SANYO-LC7871E Datasheet
427Kb / 19P
   CD Graphics Decoder
logo
Toshiba Semiconductor
TC9411F TOSHIBA-TC9411F Datasheet
239Kb / 5P
   CD GRAPHICS DECODER
logo
Sanyo Semicon Device
LC7872E SANYO-LC7872E Datasheet
299Kb / 17P
   CD Graphics Decoder
LA2232 SANYO-LA2232 Datasheet
245Kb / 9P
   RDS Decorder
LA2232 SANYO-LA2232 Datasheet
247Kb / 9P
   RDS Decorder
logo
Data Delay Devices, Inc...
MAD-85 DATADELAY-MAD-85 Datasheet
40Kb / 1P
   Manchester Decorder
logo
Unisonic Technologies
TA7343AP UTC-TA7343AP Datasheet
246Kb / 5P
   FM STEREO MULTIPLEX DECORDER
logo
ON Semiconductor
SN74LS156 ONSEMI-SN74LS156 Datasheet
56Kb / 4P
   Dual 1-of-4 Decorder/Demultiplexer
December, 1999 ??Rev. 0
logo
Texas Instruments
TMS34020A TI-TMS34020A Datasheet
1Mb / 82P
[Old version datasheet]   GRAPHICS PROCESSORS
logo
List of Unclassifed Man...
ET4000W32I ETC1-ET4000W32I Datasheet
14Mb / 294P
   ET4000W32I Graphics Accelerator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com