Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CXT953 Datasheet(PDF) 1 Page - Central Semiconductor Corp

No. de pieza CXT953
Descripción Electrónicos  SURFACE MOUNT HIGH CURRENT PNP SILICON TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CENTRAL [Central Semiconductor Corp]
Página de inicio  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CXT953 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CXT953_10 Datasheet HTML 1Page - Central Semiconductor Corp CXT953_10 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CXT953
SURFACE MOUNT
HIGH CURRENT
PNP SILICON TRANSISTOR
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CXT953 type is
a high current, high voltage silicon PNP transistor.
Packaged in the SOT-89 surface mount case,
the CXT953 is ideal for industrial and consumer
applications requiring high energy efficiency in a small
package.
MARKING: FULL PART NUMBER
SOT-89 CASE
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
UNITS
Collector-Base Voltage
VCBO
140
V
Collector-Emitter Voltage
VCEO
100
V
Emitter-Base Voltage
VEBO
6.0
V
Continuous Collector Current
IC
5.0
A
Power Dissipation
PD
1.2
W
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +150
°C
Thermal Resistance
ΘJA
104
°C/W
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
ICBO
VCB=100V
50
nA
ICBO
VCB=100V, TA=100°C
1.0
μA
ICER
VCE=100V, RBE≤1.0kΩ
50
nA
IEBO
VEB=6.0V
10
nA
BVCBO
IC=100μA
140
170
V
BVCER
IC=10mA, RBE≤1.0kΩ
140
150
V
BVCEO
IC=10mA
100
120
V
BVEBO
IE=100μA
6.0
9.0
V
VCE(SAT)
IC=100mA, IB=10mA
20
50
mV
VCE(SAT)
IC=1.0A, IB=100mA
90
120
mV
VCE(SAT)
IC=2.0A, IB=200mA
170
220
mV
VCE(SAT)
IC=4.0A, IB=400mA
320
420
mV
VBE(SAT)
IC=4.0A, IB=400mA
1.0
1.2
V
FEATURES:
• Low Saturation Voltage:
VCE(SAT)=0.42V MAX @ IC=4.0A
• NPN Complement: CXT853
APPLICATIONS:
• Power Management
• Motor Driving
• DC/DC Converters
• Switching
R1 (23-February 2010)
www.centr a lsemi.com


Número de pieza similar - CXT953_10

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Central Semiconductor C...
CXT953 CENTRAL-CXT953 Datasheet
89Kb / 2P
   SURFACE MOUNT HIGH CURRENT SILICON PNP TRANSISTOR
More results

Descripción similar - CXT953_10

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
NSL35TT1 ONSEMI-NSL35TT1 Datasheet
208Kb / 7P
   High Current Surface Mount PNP Silicon Mount PNP Silicon Transistor
August, 2006 ??Rev. 3
logo
Central Semiconductor C...
CZT751 CENTRAL-CZT751_10 Datasheet
533Kb / 2P
   SURFACE MOUNT HIGH CURRENT PNP SILICON TRANSISTOR
CZT751 CENTRAL-CZT751_15 Datasheet
533Kb / 2P
   SURFACE MOUNT HIGH CURRENT PNP SILICON TRANSISTOR
CZT955 CENTRAL-CZT955_15 Datasheet
979Kb / 3P
   SURFACE MOUNT SILICON HIGH CURRENT PNP TRANSISTOR
CZT751 CENTRAL-CZT751 Datasheet
73Kb / 2P
   SURFACE MOUNT PNP HIGH CURRENT SILICON TRANSISTOR
CTLT953-M833S CENTRAL-CTLT953-M833S Datasheet
723Kb / 4P
   SURFACE MOUNT HIGH CURRENT PNP SILICON TRANSISTOR
R0 8-August 2012
CXT953 CENTRAL-CXT953 Datasheet
89Kb / 2P
   SURFACE MOUNT HIGH CURRENT SILICON PNP TRANSISTOR
CZT953 CENTRAL-CZT953 Datasheet
92Kb / 2P
   SURFACE MOUNT HIGH CURRENT SILICON PNP TRANSISTOR
CTLT953-M833 CENTRAL-CTLT953-M833 Datasheet
602Kb / 2P
   SURFACE MOUNT HIGH CURRENT PNP SILICON TRANSISTOR
CZT953 CENTRAL-CZT953_10 Datasheet
535Kb / 2P
   SURFACE MOUNT HIGH CURRENT PNP SILICON TRANSISTOR
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com