Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LC82221 Datasheet(PDF) 3 Page - Sanyo Semicon Device

No. de pieza LC82221
Descripción Electrónicos  Motion JPEG Decoder
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC82221 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  LC82221 Datasheet HTML 1Page - Sanyo Semicon Device LC82221 Datasheet HTML 2Page - Sanyo Semicon Device LC82221 Datasheet HTML 3Page - Sanyo Semicon Device LC82221 Datasheet HTML 4Page - Sanyo Semicon Device LC82221 Datasheet HTML 5Page - Sanyo Semicon Device LC82221 Datasheet HTML 6Page - Sanyo Semicon Device LC82221 Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
No. 5846-3/7
LC82221L
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VDD
–0.3 to +4.6
V
Input and output voltage
VI, VO
–0.3 to VDD+0.3
V
Input and output current
II, IO
–20 to +20
mA
Operating temperature
Topr
–30 to +70
°C
Storage temperature
Tstg
–55 to +125
°C
Absolute Maximum Ratings at VSS = 0 V
Specifications
Electrical Characteristics
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Supply voltage
VDD
3.0
3.3
3.6
V
Input voltage
VIN
0
VDD
V
Allowable Operating Ranges at Ta = –30 to +70°C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Input high-level voltage
VIH1
CMOS level inputs: (1)
0.7 VDD
V
Input low-level voltage
VIL1
0.2 VDD
V
Input high-level voltage
VIH2
CMOS level Schmitt inputs: (2)
0.75 VDD
V
Input low-level voltage
VIL2
0.15 VDD
V
Input high-level current
IIH
VIN = VDD; All input pins (including bus pins)
–10
+10
µA
Input low-level current
IIL1
VIN = VSS : (3)
–10
+10
µA
IIL2
VIN = VDD; Pins with pull-up resistors: (4)
–100
–10
µA
Output high-level voltage
VOH
IOH = –6 mA; All output pins
VDD – 0.8
V
(including bus pins)
Output low-level voltage
VOL
IOL = 6 mA; All output pins
0.4
V
(including bus pins)
Output leakage current
IOZ
When set to high-impedance output: (5)
–10
+10
µA
Pull-up resistance
RUP
(6)
70
140
280
k
DC Characteristics at Ta = –30 to +70°C, VDD = 3.0 to 3.6 V, VSS = 0 V
Applicable Pins
(1) CTLCPU, CTLA, CTLD, CLKSEL, CLK, CDD, TEST, MD, DG, DB, DR, ZPXEN, ZHSYNC, ZVSYNC, PXCLK
(2) ZCTLCS, ZCTLRD, ZCTLWR, ZRESET, ZCDCS, ZCDWR
(3) CTLCPU, CTLA, CTLD, CLKSEL, CLK, CDD, TEST, DG, DB, DR, ZPXEN, ZHSYNC, ZVSYNC, PXCLK, ZCTLCS, ZCTLRD, ZCTLWR, ZRESET,
ZCDCS, ZCDWR
(4) MD
(5) ZCTLRDY, CTLD, ZCDRDY, MD, DG, DB, DR
(6) MD


Número de pieza similar - LC82221

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LC82220 SANYO-LC82220 Datasheet
92Kb / 6P
   Motion JPEG Decoder LSI
More results

Descripción similar - LC82221

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LC82220 SANYO-LC82220 Datasheet
92Kb / 6P
   Motion JPEG Decoder LSI
LC82210 SANYO-LC82210 Datasheet
57Kb / 2P
   Motion JPEG Codec
logo
Level One
FCS-0020 LVL1-FCS-0020 Datasheet
171Kb / 3P
   Triple Streaming for MPEG4, Motion-JPEG
logo
List of Unclassifed Man...
ZR36060 ETC-ZR36060 Datasheet
307Kb / 46P
   Integrated JPEG CODEC
logo
Zoran Corporation
PM-36 ZORAN-PM-36 Datasheet
67Kb / 2P
   JPEG Image Processor
logo
Analog Devices
ADV212 AD-ADV212 Datasheet
394Kb / 44P
   JPEG 2000 Video Codec
REV. 0
logo
ATMEL Corporation
AT76C101 ATMEL-AT76C101 Datasheet
111Kb / 13P
   JPEG Image Compression Processor
logo
List of Unclassifed Man...
ZR36050 ETC-ZR36050 Datasheet
262Kb / 52P
   JPEG IMAGE COMPRESSION PROCESSOR
C328R ETC2-C328R Datasheet
77Kb / 2P
   JPEG Camera Module W/ UART Interface
logo
Epson Company
S1S65010 EPSON-S1S65010 Datasheet
156Kb / 14P
   Network Camera Controller with JPEG Encoder
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com