Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CZT7090LE Datasheet(PDF) 1 Page - Central Semiconductor Corp

No. de pieza CZT7090LE
Descripción Electrónicos  ENHANCED SPECIFICATION SURFACE MOUNT LOW VCE(SAT) PNP SILICON POWER TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CENTRAL [Central Semiconductor Corp]
Página de inicio  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CZT7090LE Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CZT7090LE Datasheet HTML 1Page - Central Semiconductor Corp CZT7090LE Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CZT7090LE
ENHANCED SPECIFICATION
SURFACE MOUNT
LOW VCE(SAT) PNP
SILICON POWER TRANSISTOR
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CZT7090LE is an
Enhanced Specification Low VCE(SAT) PNP Silicon
Power Transistor packaged in an industry standard
SOT-223 case. High Collector Current, coupled with a
Low Saturation Voltage, make this an excellent choice
for industrial and consumer applications where electrical
and thermal operational efficiency are top priorities.
MARKING: FULL PART NUMBER
SOT-223 CASE
SOT-223 CASE
APPLICATIONS:
• Power Management / DC-DC Converters
• Portable and Battery Powered Products
• LAN Equipment / Motor Controllers
FEATURES:
• Low VCE(SAT) PNP Transistor
• High Current (IC=3.0A MAX)
• VCE(SAT)=0.132V TYP @ IC=2.0A
• SOT-223 Surface Mount Package
• Complementary NPN device: CZT3090LE
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
UNITS
Collector-Base Voltage
VCBO
60
V
Collector-Emitter Voltage
VCEO
50
V
Emitter-Base Voltage
VEBO
6.0
V
Continuous Collector Current
IC
3.0
A
Peak Collector Current
ICM
5.0
A
Power Dissipation
PD
2.0
W
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +150
°C
Thermal Resistance
ΘJA
62.5
°C/W
ELECTRICAL CHARACTERISTICS: (TA=25°C)
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
ICBO
VCB=50V
50
nA
ICBO
VCB=50V, TA=100°C
10
µA
IEBO
VEB=5.0V
50
nA
BVCBO
IC=100μA
60
V
BVCEO
IC=10mA
50
V
BVEBO
IE=100μA
6.0
V
VCE(SAT)
IC=500mA, IB=5.0mA
76
175
mV
VCE(SAT)
IC=1.0A, IB=10mA
124
250
mV
VCE(SAT)
IC=2.0A, IB=50mA
132
300
mV
VBE(SAT)
IC=2.0A, IB=100mA
0.888
1.0
V
hFE
VCE=2.0V, IC=10mA
300
363
800
hFE
VCE=2.0V, IC=500mA
250
314
hFE
VCE=2.0V, IC=1.0A
250
281
hFE
VCE=2.0V, IC=2.0A
150
228
hFE
VCE=2.0V, IC=3.0A
100
177
Cob
VCB=10V, IE=0, f=1.0MHz
35
pF
fT
VCE=5.0V, IC=50mA, f=50MHz
100
MHz
♦ Enhanced specification
R1 (1-March 2010)
www.centra lsemi.com


Número de pieza similar - CZT7090LE

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Central Semiconductor C...
CZT7090LE CENTRAL-CZT7090LE_15 Datasheet
542Kb / 2P
   SILICON POWER TRANSISTOR
More results

Descripción similar - CZT7090LE

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Central Semiconductor C...
CZT3090LE CENTRAL-CZT3090LE Datasheet
542Kb / 2P
   ENHANCED SPECIFICATION SURFACE MOUNT LOW VCE(SAT) NPN SILICON POWER TRANSISTOR
CXT7090L CENTRAL-CXT7090L_10 Datasheet
360Kb / 2P
   SURFACE MOUNT LOW VCE(SAT) PNP SILICON POWER TRANSISTOR
CXT7090L CENTRAL-CXT7090L_15 Datasheet
360Kb / 2P
   SURFACE MOUNT LOW VCE(SAT) PNP SILICON POWER TRANSISTOR
CZT7090L CENTRAL-CZT7090L_10 Datasheet
602Kb / 2P
   SURFACE MOUNT LOW VCE(SAT) PNP SILICON POWER TRANSISTOR
CMPT7410 CENTRAL-CMPT7410 Datasheet
116Kb / 2P
   SURFACE MOUNT PNP SILICON LOW VCE (SAT) TRANSISTOR
CMXT7090L CENTRAL-CMXT7090L Datasheet
93Kb / 2P
   SURFACE MOUNT LOW VCE SAT PNP POWER TRANSISTOR
CXT7090L CENTRAL-CXT7090L Datasheet
110Kb / 2P
   SURFACE MOUNT LOW VCE(SAT) PNP POWER TRANSISTOR
CMPT7090L CENTRAL-CMPT7090L Datasheet
103Kb / 2P
   SURFACE MOUNT LOW VCE(SAT) PNP POWER TRANSISTOR
logo
Diodes Incorporated
DPLS160 DIODES-DPLS160_15 Datasheet
171Kb / 4P
   LOW VCE(SAT) PNP SURFACE MOUNT TRANSISTOR
DXT751 DIODES-DXT751_15 Datasheet
170Kb / 4P
   LOW VCE(SAT) PNP SURFACE MOUNT TRANSISTOR
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com