Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
74AHC1G00SE-7 Datasheet(PDF) 4 Page - Diodes Incorporated |
|
74AHC1G00SE-7 Datasheet(HTML) 4 Page - Diodes Incorporated |
4 / 8 page 74AHC1G00 SINGLE 2 INPUT POSITIVE NAND GATE 74AHC1G00 Document number: DS35169 Rev. 1- 2 4 of 8 www.diodes.com March 2011 © Diodes Incorporated Electrical Characteristics Symbol Parameter Test Conditions VCC 25ºC -40ºC to 85ºC -40ºC to 125ºC Unit Min Typ. Max Min Max Min Max VOH High Level Output Voltage IOH = -50μA 2V 1.9 2 1.9 1.9 V 3V 2.9 3 2.9 2.9 4.5V 4.4 4.5 4.4 4.4 IOH = -4mA 3V 2.58 2.48 2.40 IOH = -8mA 4.5V 3.94 3.8 3.70 VOL Low Level Output Voltage IOL = 50μA 2V 0.1 0.1 0.1 V 3V 0.1 0.1 0.1 4.5V 0.1 0.1 0.1 IOL = 4mA 3V 0.36 0.44 0.55 IOL = 8mA 4.5V 0.36 0.44 0.55 II Input Current VI = 5.5 V or GND 0 to 5.5V ± 0.1 ± 1 ± 2 μA ICC Supply Current VI = 5.5V or GND IO=0 5.5V 1 10 40 μA CI Input Capacitance VI = VCC – or GND 5.5V 2.0 10 10 10 pF θJA Thermal Resistance Junction-to- Ambient SOT25 (Note 4) 195 oC/W SOT353 430 θJC Thermal Resistance Junction-to- Case SOT25 (Note 4) 58 oC/W SOT353 155 Notes: 4. Test conditions for SOT25, and SOT353: Device mounted on FR-4 substrate PC board, 2oz copper, with minimum recommended pad layout Switching Characteristics VCC = 3.3V ± 0.3 (see Figure 1) Parameter From (Input) TO (OUTPUT) 25ºC -40ºC to 85ºC -40ºC to 125ºC Unit Min Typ. Max Min Max Min Max tpd A or B Y CL=15pF 0.6 4.5 7.9 0.6 9.5 0.6 10.5 ns CL=50pF 0.6 6.5 11.4 0.6 13.0 0.6 14.5 ns VCC = 5V ± 0.5V (see Figure 1) Parameter From (Input) TO (OUTPUT) 25ºC -40ºC to 85ºC -40ºC to 125ºC Unit Min Typ. Max Min Max Min Max tpd A or B Y CL=15pF 0.6 3.5 5.5 0.6 6.5 0.6 7.0 ns CL=50pF 0.6 4.9 7.5 0.6 8.5 0.6 9.5 ns |
Número de pieza similar - 74AHC1G00SE-7 |
|
Descripción similar - 74AHC1G00SE-7 |