Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LC865516B Datasheet(PDF) 10 Page - Sanyo Semicon Device

No. de pieza LC865516B
Descripción Electrónicos  8-Bit Single Chip Microcontroller with On-Chip 20/16/12/08/04K-Byte ROM and 512-Byte RAM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC865516B Datasheet(HTML) 10 Page - Sanyo Semicon Device

Back Button LC865516B Datasheet HTML 6Page - Sanyo Semicon Device LC865516B Datasheet HTML 7Page - Sanyo Semicon Device LC865516B Datasheet HTML 8Page - Sanyo Semicon Device LC865516B Datasheet HTML 9Page - Sanyo Semicon Device LC865516B Datasheet HTML 10Page - Sanyo Semicon Device LC865516B Datasheet HTML 11Page - Sanyo Semicon Device LC865516B Datasheet HTML 12Page - Sanyo Semicon Device LC865516B Datasheet HTML 13Page - Sanyo Semicon Device LC865516B Datasheet HTML 14Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
LC865520B/16B/12B/08B/04B
No.6697-10/21
1. Absolute Maximum Ratings at VSS=0V and Ta=25
°C
Ratings
Parameter
Symbol
Pins
Conditions
VDD[V]
min.
typ.
max.
unit
Supply voltage
VDDMAX
VDD
VDD
-0.3
+7.0
Input voltage
VI(1)
• Ports 74,75
• Ports 80,81,82,83
RES
-0.3
VDD+0.3
VIO(1)
• Port 1
• Ports 70,71,72,73
• Ports 84,85,86,87
• Ports 0, 3 of CMOS
output
-0.3
VDD+0.3
Input/Output
voltage
VIO(2)
Ports 0, 3 of N-ch open
drain output
-0.3
15
V
Peak
output
current
IOPH
• Ports 0, 1, 3
• Ports 71,72,73
• Ports 84,85,86,87
• CMOS output
• For each pin
-10
ΣIOAH(1) Ports 0, 1
Total of all pins
-30
ΣIOAH(2) Port 3
Total of all pins
-15
High
level
output
current
Total
output
current
ΣIOAH(3) • Ports 71,72,73
• Ports 84,85,86,87
Total of all pins
-10
IOPL(1)
Ports 0, 1, 3
For each pin
20
Peak
output
current
IOPL(2)
• Ports 70,71,72,73
• Ports 84,85,86,87
For each pin
15
ΣIOAL(1)
Ports 0,1,70
Total of all pins
60
ΣIOAL(2)
Port 3
Total of all pins
40
Low
level
output
current
Total
output
current
ΣIOAL(3)
• Ports 71,72,73
• Ports 84,85,86,87
Total of all pins
20
mA
Pdmax(1)
DIP42S
Ta= -30 to+70
°C
630
Maximum
power
consumption
Pdmax(2)
QFP48E
Ta= -30 to+70
°C
350
mW
Operating
temperature
range
Topr
-30
70
Storage
temperature
range
Tstg
-55
125
°C


Número de pieza similar - LC865516B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LC865516B SANYO-LC865516B Datasheet
662Kb / 21P
   8-Bit Single Chip Microcontroller with On-Chip 20/16/12/08/04K-Byte ROM and 512-Byte RAM
More results

Descripción similar - LC865516B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LC865520B SANYO-LC865520B Datasheet
662Kb / 21P
   8-Bit Single Chip Microcontroller with On-Chip 20/16/12/08/04K-Byte ROM and 512-Byte RAM
LC868364A SANYO-LC868364A Datasheet
741Kb / 29P
   8-Bit Single Chip Microcontroller with 64K-Byte ROM and 512-Byte RAM On Chip
LC868016 SANYO-LC868016 Datasheet
689Kb / 28P
   8-Bit Single Chip Microcontroller with 16/12/08K-Byte ROM and 640-Byte RAM On Chip
LC868116 SANYO-LC868116 Datasheet
686Kb / 28P
   8-Bit Single Chip Microcontroller with 16/12/08K-Byte ROM and 640-Byte RAM On Chip
LC86F1216A SANYO-LC86F1216A Datasheet
805Kb / 21P
   8-Bit Single Chip Microcontroller with the 16K-Byte ROM and 1220-Byte RAM On Chip?
LC877G16A SANYO-LC877G16A Datasheet
100Kb / 17P
   CMOS IC 16K-byte ROM and 512-byte RAM 8-bit 1-chip Microcontroller
LC875164A SANYO-LC875164A Datasheet
786Kb / 25P
   8-Bit Single Chip Microcontroller with 64/48/32K-Byte ROM and 1024-Byte RAM On Chip
LC87F2708A SANYO-LC87F2708A_09 Datasheet
152Kb / 21P
   FROM 8K byte, RAM 512 byte on-chip 8-bit 1-chip Microcontroller
LC875CC8A SANYO-LC875CC8A Datasheet
238Kb / 29P
   ROM 128K/112K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC876D16A SANYO-LC876D16A Datasheet
141Kb / 19P
   ROM 16K/8K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com