Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LC865616A Datasheet(PDF) 1 Page - Sanyo Semicon Device

No. de pieza LC865616A
Descripción Electrónicos  8-Bit Single Chip Microcontroller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC865616A Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LC865616A Datasheet HTML 1Page - Sanyo Semicon Device LC865616A Datasheet HTML 2Page - Sanyo Semicon Device LC865616A Datasheet HTML 3Page - Sanyo Semicon Device LC865616A Datasheet HTML 4Page - Sanyo Semicon Device LC865616A Datasheet HTML 5Page - Sanyo Semicon Device LC865616A Datasheet HTML 6Page - Sanyo Semicon Device LC865616A Datasheet HTML 7Page - Sanyo Semicon Device LC865616A Datasheet HTML 8Page - Sanyo Semicon Device LC865616A Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
91400 RM (IM) HK No.6698-1/20
Ver.2.02
22599
Preliminary
Overview
The LC865632A/28A/24A/20A/16A/12A/08A microcontrollers are 8-bit single chip microcontrollers with the following
on-chip functional blocks :
- CPU : Operable at a minimum bus cycle time of 0.5µs (microsecond)
- On-chip ROM maximum capacity : 32K bytes
- On-chip RAM capacity : 640 bytes (LC865632A/28A/24A)
: 512 bytes (LC865620A/16A/12A/08A)
- 16-bit timer/counter (or two 8-bit timers)
- 16-bit timer/ PWM (or two 8-bit timers)
- 8-channel
× 8-bit AD converter
- Two 8-bit synchronous serial-interface circuits
- 13-source 10-vectored interrupt system
All of the above functions are fabricated on a single chip.
Features
(1) Read Only Memory (ROM)
: LC865632A
32512
× 8 bits
: LC865628A
28672
× 8 bits
: LC865624A
24576
× 8 bits
: LC865620A
20480
× 8 bits
: LC865616A
16384
× 8 bits
: LC865612A
12288
× 8 bits
: LC865608A
8192
× 8 bits
(2) Random Access Memory (RAM)
: LC865632A/28A/24A
640
× 8 bits
: LC865620A/16A/12A/08A
512
× 8 bits
(3) Bus Cycle Time / Instruction Cycle Time
The LC865632A/28A/24A/20A/16A/12A/08A are constructed to read ROM twice within one instruction cycle.
It has
1.7 times more performance capability within the same instruction cycle compared to our 4-bit microcontrollers
(LC66000 series).
Bus cycle time indicates the speed to read ROM.
Bus cycle time
cycle time
System clock oscillation
Oscillation Frequency
Voltage
0.5
µs
1.0
µs
Ceramic resonator oscillation
6MHz
4.5 - 6.0V
2.0
µs
4.0
µs
Ceramic resonator oscillation
1.5MHz
2.5 - 6.0V
3.75
µs
7.5
µs
RC resonator oscillation
800MHZ
2.5 - 6.0V
91.5
µs
183
µs
Crystal oscillation
32.568kHz
2.5 - 6.0V
8-Bit Single Chip Microcontroller
LC865632/28/24/20/16/12/08A
Ordering number : ENN*6698
CMOS IC


Número de pieza similar - LC865616A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LC865616 SANYO-LC865616 Datasheet
670Kb / 21P
   8-Bit Single Chip Microcontroller with the One-Time Programmable UVEPROM
LC865616 SANYO-LC865616 Datasheet
702Kb / 23P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
More results

Descripción similar - LC865616A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LC863232 SANYO-LC863232 Datasheet
654Kb / 20P
   8-Bit Single Chip Microcontroller
LC863264 SANYO-LC863264 Datasheet
656Kb / 20P
   8-Bit Single Chip Microcontroller
logo
List of Unclassifed Man...
MAB84X1 ETC-MAB84X1 Datasheet
977Kb / 31P
   SINGLE CHIP 8 BIT MICROCONTROLLER
logo
Sanyo Semicon Device
LC863432A SANYO-LC863432A Datasheet
627Kb / 19P
   8-Bit Single-Chip Microcontroller
LC864164B SANYO-LC864164B Datasheet
315Kb / 20P
   8-Bit Single Chip Microcontroller?
LC864332A SANYO-LC864332A Datasheet
325Kb / 20P
   8-Bit Single-Chip Microcontroller?
LC86P4164 SANYO-LC86P4164 Datasheet
351Kb / 19P
   8-Bit Single Chip Microcontroller??????
LC86P5032 SANYO-LC86P5032 Datasheet
430Kb / 22P
   8-Bit Single Chip Microcontroller?????????
LC8766C8A SANYO-LC8766C8A Datasheet
681Kb / 23P
   8-Bit Single Chip Microcontroller
logo
NEC
UPD178023 NEC-UPD178023 Datasheet
261Kb / 56P
   8-BIT SINGLE-CHIP MICROCONTROLLER
UPD178076 NEC-UPD178076 Datasheet
366Kb / 72P
   8-BIT SINGLE-CHIP MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com