Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74AHC1G125 Datasheet(PDF) 7 Page - Diodes Incorporated

No. de pieza 74AHC1G125
Descripción Electrónicos  SINGLE BUFFER GATE WITH 3-STATE OUTPUT
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DIODES [Diodes Incorporated]
Página de inicio  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74AHC1G125 Datasheet(HTML) 7 Page - Diodes Incorporated

  74AHC1G125 Datasheet HTML 1Page - Diodes Incorporated 74AHC1G125 Datasheet HTML 2Page - Diodes Incorporated 74AHC1G125 Datasheet HTML 3Page - Diodes Incorporated 74AHC1G125 Datasheet HTML 4Page - Diodes Incorporated 74AHC1G125 Datasheet HTML 5Page - Diodes Incorporated 74AHC1G125 Datasheet HTML 6Page - Diodes Incorporated 74AHC1G125 Datasheet HTML 7Page - Diodes Incorporated 74AHC1G125 Datasheet HTML 8Page - Diodes Incorporated 74AHC1G125 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
74AHC1G125
SINGLE BUFFER GATE WITH 3-STATE OUTPUT
74AHC1G125
Document number: DS35176 Rev. 1 - 2
7 of 9
www.diodes.com
March 2011
© Diodes Incorporated
Ordering Information
74 AHC1G 125 XX -7
W5 : SOT25
Function
Package
7 : Tape & Reel
Packing
125 : 3-State Buffer
OE-Low
SE : SOT353
Logic Device
74 : Logic Prefix
AHC : 2 to
Family
1G : One gate
5.5V
Device
Package
Code
Packaging
(Note 5)
7” Tape and Reel
Quantity
Part Number Suffix
74AHC1G125W5-7
W5
SOT25
3000/Tape & Reel
-7
74AHC1G125SE-7
SE
SOT353
3000/Tape & Reel
-7
Notes:
5. Pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at
http://www.diodes.com/datasheets/ap02001.pdf.
Marking Information
1
2
3
5
4
XX Y W X
XX : Identification code
W : Week : A~Z : 1~26 week;
X : A~Z : Internal code
(Top View)
Y : Year 0~9
a~z : 27~52 week; z represents
52 and 53 week
Part Number
Package
Identification Code
74AHC1G125W5
SOT25
YY
74AHC1G125SE
SOT353
YY


Número de pieza similar - 74AHC1G125

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74AHC1G125 PHILIPS-74AHC1G125 Datasheet
80Kb / 16P
   Bus buffer/line driver; 3-state
2002 Jun 06
74AHC1G125 NXP-74AHC1G125 Datasheet
102Kb / 16P
   Bus buffer/line driver; 3-state
Rev. 09-22 June 2009
logo
Nexperia B.V. All right...
74AHC1G125 NEXPERIA-74AHC1G125 Datasheet
246Kb / 14P
   Bus buffer/line driver; 3-state
Rev. 13 - 11 January 2022
74AHC1G125-Q100 NEXPERIA-74AHC1G125-Q100 Datasheet
700Kb / 15P
   Bus buffer/line driver; 3-state
logo
Texas Instruments
74AHC1G125DBVRE4 TI-74AHC1G125DBVRE4 Datasheet
453Kb / 13P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
More results

Descripción similar - 74AHC1G125

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diodes Incorporated
74LVCE1G126 DIODES-74LVCE1G126 Datasheet
286Kb / 14P
   SINGLE BUFFER GATE WITH 3-STATE OUTPUT
DS32217 Rev. 2 - 2
74LVC1G125 DIODES-74LVC1G125 Datasheet
268Kb / 14P
   SINGLE BUFFER GATE WITH 3-STATE OUTPUT
DS32202 Rev. 2 - 2
74AHC1G125Q DIODES-74AHC1G125Q Datasheet
548Kb / 9P
   SINGLE BUFFER GATE WITH 3-STATE OUTPUT
August 2020 Rev. 1 - 2
74LVC1G125Q DIODES-74LVC1G125Q Datasheet
544Kb / 10P
   SINGLE BUFFER GATE WITH 3-STATE OUTPUT
June 2020 Rev. 2 - 2
74AHC1G126Q DIODES-74AHC1G126Q Datasheet
730Kb / 9P
   SINGLE BUFFER GATE WITH 3-STATE OUTPUT
March 2023 Rev. 2 - 2
74AHCT1G125 DIODES-74AHCT1G125 Datasheet
232Kb / 9P
   SINGLE BUFFER GATE WITH 3-STATE OUTPUT
74LVC1G126Q DIODES-74LVC1G126Q Datasheet
404Kb / 10P
   SINGLE BUFFER GATE WITH 3-STATE OUTPUT
June 2021 Rev. 3 - 2
74AUP1G126 DIODES-74AUP1G126 Datasheet
214Kb / 13P
   SINGLE BUFFER GATE WITH 3-STATE OUTPUT
74LVC1G126W5-7 DIODES-74LVC1G126W5-7 Datasheet
199Kb / 12P
   SINGLE BUFFER GATE WITH 3-STATE OUTPUT
74AHC1G126 DIODES-74AHC1G126_11 Datasheet
228Kb / 9P
   SINGLE BUFFER GATE WITH 3-STATE OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com