Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

L-12201 Datasheet(PDF) 1 Page - Rhombus Industries Inc.

No. de pieza L-12201
Descripción Electrónicos  Power Line Chokes
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RHOMBUS-IND [Rhombus Industries Inc.]
Página de inicio  http://www.rhombus-ind.com
Logo RHOMBUS-IND - Rhombus Industries Inc.

L-12201 Datasheet(HTML) 1 Page - Rhombus Industries Inc.

  L-12201 Datasheet HTML 1Page - Rhombus Industries Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DRUM - 5/97
Transformers & Magnetic Products
Industries Inc.
Rhombus
Specifications are subject to change without notice
15801 Chemical Lane
Huntington Beach, California 92649-1595
Phone: (714) 898-0960 l FAX: (714) 896-0971
5
Power Line
Chokes
Drum Core
Style
Applications
Power Amplifiers
Filters Power Supplies
SCR and Triac Controls
Speaker Crossover Networks
RFI Suppression
Pre-Tinned Leads
Center hole for mechanical mounting
Coils finished with Polyolefin Shrink Tube
Test Frequency 1 kHz
L
DCR
I
Lead
Part
+ 20%
Nom.
Max.
Size
Pkg.
Number
(
µH )
( m
Ω )
( A )
AWG
Code
L-12200
2.0
5
12.0
14
1
L-12201
3.0
7
10.0
15
1
L-12202
4.0
10
8.5
16
1
L-12203
8.0
12
7.0
17
1
L-12204
18
13
7.0
17
1
L-12205
22
16
5.5
18
1
L-12206
30
21
4.3
19
1
L-12207
37
32
3.4
20
1
L-12219
4.0
6
12.0
14
2
L-12220
5.0
8
10.0
15
2
L-12221
20
13
8.5
16
2
L-12222
30
19
7.0
17
2
L-12223
40
25
5.5
18
2
L-12224
75
42
4.3
19
2
L-12225
120
53
4.3
19
2
L-12226
150
72
3.4
20
2
L-12227
200
105
2.6
20
2
L-12235
40
13
12.0
14
3
L-12236
60
19
10.0
15
3
L-12237
80
22
10.0
15
3
L-12238
120
32
8.5
16
3
L-12239
150
38
8.5
16
3
L-12240
175
46
7.0
17
3
L-12241
200
49
7.0
17
3
L-12242
300
73
5.5
18
3
L-12243
400
86
5.5
18
3
L-12244
475
110
4.3
19
3
L-12245
550
120
4.3
20
3
L-12246
700
165
3.4
20
3
L-12247
825
183
3.4
20
3
L-12254
100
22
12.0
14
4
L-12255
150
34
10.0
15
4
L-12256
200
38
10.0
15
4
L-12257
300
56
8.5
16
4
L-12258
375
65
8.5
16
4
L-12259
450
70
8.5
16
4
L-12260
500
89
7.0
17
4
L-12261
600
98
7.0
17
4
L-12262
700
130
5.5
18
4
L-12263
850
145
5.5
18
4
L-12264
1000
166
5.5
18
4
L-12265
1300
218
4.3
19
4
L-12266
1600
250
4.3
20
4
L-12267
2000
340
3.4
20
4
Pkg.
( Dimensions in inches )
Code
A
B
C
D
E
1
0.560
0.810
0.187
0.126
0.510
2
0.720
0.900
0.187
0.126
0.625
3
0.955
0.975
0.187
0.126
0.775
4
1.400
1.040
0.288
0.170
1.140
A
B
E
C
D
.750"
TYP.


Número de pieza similar - L-12201

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rhombus Industries Inc.
L-12200 RHOMBUS-IND-L-12200 Datasheet
42Kb / 5P
   Power Line Chokes
L-12200 RHOMBUS-IND-L-12200_99 Datasheet
42Kb / 5P
   Power Line Chokes
L-12202 RHOMBUS-IND-L-12202 Datasheet
42Kb / 5P
   Power Line Chokes
L-12203 RHOMBUS-IND-L-12203 Datasheet
42Kb / 5P
   Power Line Chokes
L-12204 RHOMBUS-IND-L-12204 Datasheet
18Kb / 1P
   POWER LINE CHOKE
More results

Descripción similar - L-12201

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
EPCOS
B82723A2501N001 EPCOS-B82723A2501N001 Datasheet
145Kb / 7P
   Power line chokes
B82747S4183N021 EPCOS-B82747S4183N021 Datasheet
144Kb / 6P
   Power line chokes
B82791G2251N020 EPCOS-B82791G2251N020 Datasheet
144Kb / 7P
   Power line chokes
B82720A EPCOS-B82720A Datasheet
111Kb / 6P
   Power line chokes
B82720S2301N042 EPCOS-B82720S2301N042 Datasheet
150Kb / 8P
   Power line chokes
B82625 EPCOS-B82625_10 Datasheet
115Kb / 7P
   Power line chokes
B82732W2901B30 EPCOS-B82732W2901B30 Datasheet
556Kb / 6P
   Power line chokes
logo
RENCO ELECTRONICS, INC.
RL-1282 RENCO-RL-1282 Datasheet
1Mb / 3P
   POWER LINE CHOKES
RL-1284 RENCO-RL-1284 Datasheet
1Mb / 3P
   POWER LINE CHOKES
logo
EPCOS
B82722J2301N002 EPCOS-B82722J2301N002 Datasheet
136Kb / 8P
   Power line chokes
B82523T0000E005 EPCOS-B82523T0000E005 Datasheet
137Kb / 6P
   Power line chokes
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com