Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LB11868V Datasheet(PDF) 8 Page - Sanyo Semicon Device

No. de pieza LB11868V
Descripción Electrónicos  Monolithic Digital IC For Fan Motor Variable Speed Single-phase Full-wave Pre-driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB11868V Datasheet(HTML) 8 Page - Sanyo Semicon Device

Back Button LB11868V Datasheet HTML 3Page - Sanyo Semicon Device LB11868V Datasheet HTML 4Page - Sanyo Semicon Device LB11868V Datasheet HTML 5Page - Sanyo Semicon Device LB11868V Datasheet HTML 6Page - Sanyo Semicon Device LB11868V Datasheet HTML 7Page - Sanyo Semicon Device LB11868V Datasheet HTML 8Page - Sanyo Semicon Device LB11868V Datasheet HTML 9Page - Sanyo Semicon Device LB11868V Datasheet HTML 10Page - Sanyo Semicon Device LB11868V Datasheet HTML 11Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
LB11868V
No.A1915-8/11
Control timing chart
(Speed control)
(1) Minimum speed setting (standby) mode
The low-speed fan rotation occurs at the minimum speed set with the RMI pin.
When the minimum speed is not set (RMI pin pulled up to REG), the motor stops.
If the VHT voltage rises when the lowest speed is not set (RMI pin is pulled up to REG), the fan stops running, and if
the OTS pin capacitor is used, the standby mode is established.
Details of the standby mode are given in the section “Control timing chart (ON-time start, Lock protection).
(2) Low speed
⇔high speed
PMW control is made by comparing the CPWM oscillation voltage (VCPWML
⇔VCPEMH) and VTH voltage.
The drive mode is established when the VTH voltage is low.
Both upper and lower output FET are turned ON when the VTH voltage is low.
When the VTH voltage is high, Pch is turned off, and the coil current is regenerated inside the lower FET. Therefore,
as the VTH voltage decreases, the output ON-DUTY increases, causing an increase in the coil current and raising the
motor rotation speed.
The upper output Pch is turned OFF when the VTH voltage is high, regenerating the coil current in the lower TR.
Therefore, as the VTH voltage decreases, the output ON-DUTY increases, causing increase in the coil current, raising
the motor rotation speed.
The rotational speed can be monitored using the FG output.
(3) Full speed mode
The full speed mode becomes effective when the VTH voltage is VCPWML or less. (Set VTH = GND when the
speed control is not to be made.)
GND
VCPWMH
VCPWML
CPWM
0%
100%
FG
ONDUTY
VTH voltage
RMI voltage
Minimum speed
setting rotation
Low speed
High speed
PWM control speed variable
Full speed
Standby mode


Número de pieza similar - LB11868V

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
LB11868V ONSEMI-LB11868V Datasheet
195Kb / 11P
   Variable Speed Single-phase Full-wave Pre-driver
May, 2013
LB11868V ONSEMI-LB11868V Datasheet
263Kb / 14P
   Variable Speed Single?릔hase Full?릛ave Pre?릁river for Fan Motor
March, 2018 ??Rev. 1
LB11868V-TLM-H ONSEMI-LB11868V-TLM-H Datasheet
263Kb / 14P
   Variable Speed Single?릔hase Full?릛ave Pre?릁river for Fan Motor
March, 2018 ??Rev. 1
LB11868V-W-AH ONSEMI-LB11868V-W-AH Datasheet
263Kb / 14P
   Variable Speed Single?릔hase Full?릛ave Pre?릁river for Fan Motor
March, 2018 ??Rev. 1
LB11868V ONSEMI-LB11868V_18 Datasheet
263Kb / 14P
   Variable Speed Single?릔hase Full?릛ave Pre?릁river for Fan Motor
March, 2018 ??Rev. 1
More results

Descripción similar - LB11868V

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LB11867FV SANYO-LB11867FV Datasheet
91Kb / 9P
   Monolithic Digital IC For Fan Motor Variable Speed Single-phase Full-wave Pre-driver
logo
Unisonic Technologies
F2967 UTC-F2967 Datasheet
226Kb / 9P
   FOR VARIABLE SPEED FAN MOTOR SINGLE-PHASE FULL-WAVE PRE-DRIVER
logo
ON Semiconductor
LB11967V-TLM-H ONSEMI-LB11967V-TLM-H Datasheet
105Kb / 9P
   For Variable Speed Fan Motor Single-Phase Full-Wave Pre-Driver
May, 2013
logo
Sanyo Semicon Device
LB11967V SANYO-LB11967V Datasheet
158Kb / 9P
   For Variable Speed Fan Motor Single-Phase Full-Wave Pre-Driver
logo
Unisonic Technologies
F2967 UTC-F2967_15 Datasheet
226Kb / 9P
   FOR VARIABLE SPEED FAN MOTOR SINGLE-PHASE FULL-WAVE PRE-DRIVER
logo
Sanyo Semicon Device
LB11867RV SANYO-LB11867RV_11 Datasheet
370Kb / 9P
   For Fan Motor Variable Speed Single-phase Full-wave Pre-driver
logo
ON Semiconductor
LB11967V-TLM-E ONSEMI-LB11967V-TLM-E Datasheet
105Kb / 9P
   For Variable Speed Fan Motor Single-Phase Full-Wave Pre-Driver
May, 2013
logo
Sanyo Semicon Device
LB11867FV SANYO-LB11867FV_11 Datasheet
220Kb / 9P
   For Fan Motor Variable Speed Single-phase Full-wave Pre-driver
logo
Unisonic Technologies
F2967 UTC-F2967_18 Datasheet
199Kb / 9P
   FOR VARIABLE SPEED FAN MOTOR SINGLE-PHASE FULL-WAVE PRE-DRIVER
logo
Texas Instruments
TMP814 TI1-TMP814 Datasheet
534Kb / 12P
[Old version datasheet]   VARIABLE SPEED SINGLE-PHASE FULL-WAVE FAN MOTOR PRE-DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com