Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MCP14E9 Datasheet(PDF) 7 Page - Microchip Technology

No. de pieza MCP14E9
Descripción Electrónicos  3.0A Dual High-Speed Power MOSFET Driver With Enable
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP14E9 Datasheet(HTML) 7 Page - Microchip Technology

Back Button MCP14E9 Datasheet HTML 3Page - Microchip Technology MCP14E9 Datasheet HTML 4Page - Microchip Technology MCP14E9 Datasheet HTML 5Page - Microchip Technology MCP14E9 Datasheet HTML 6Page - Microchip Technology MCP14E9 Datasheet HTML 7Page - Microchip Technology MCP14E9 Datasheet HTML 8Page - Microchip Technology MCP14E9 Datasheet HTML 9Page - Microchip Technology MCP14E9 Datasheet HTML 10Page - Microchip Technology MCP14E9 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
© 2011 Microchip Technology Inc.
DS25005A-page 7
MCP14E9/10/11
2.0
TYPICAL PERFORMANCE CURVES
Note:
Unless otherwise indicated, TA = +25°C with 4.5V ≤ VDD ≤ 18V.
FIGURE 2-1:
Rise Time vs. Supply
Voltage.
FIGURE 2-2:
Rise Time vs. Capacitive
Load.
FIGURE 2-3:
Rise and Fall Times vs.
Temperature.
FIGURE 2-4:
Fall Time vs. Supply
Voltage.
FIGURE 2-5:
Fall Time vs. Capacitive
Load.
FIGURE 2-6:
Propagation Delay vs. Input
Amplitude.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
0
20
40
60
80
100
120
4
6
8
10
12
14
16
18
R
is
e
T
im
e
(n
s
)
Supply Voltage (V)
6,800 pF
4,700 pF
3,300 pF
1,800 pF
1,000 pF
0
20
40
60
80
100
120
1000
10000
Capacitive Load (pF)
12V
18V
5V
10
15
20
25
30
35
40
-40 -25 -10
5
20
35
50
65
80
95 110 125
Temperature (°C)
tFALL
tRISE
VDD = 18V
CLOAD = 1,800 pF
0
20
40
60
80
100
120
140
4
6
8
10
12
14
16
18
F
a
ll
T
im
e
(n
s
)
Supply Voltage (V)
6,800 pF
4,700 pF
3,300 pF
1,800 pF
1,000 pF
0
20
40
60
80
100
120
140
1000
10000
Capacitive Load (pF)
12V
18V
5V
35
40
45
50
55
60
65
456789
10
11
12
Input Amplitude (V)
tD2
VDD = 12V
tD1


Número de pieza similar - MCP14E9

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microchip Technology
MCP14E3 MICROCHIP-MCP14E3 Datasheet
411Kb / 26P
   4.0A Dual High-Speed Power MOSFET Drivers With Enable
2008
MCP14E3EMF MICROCHIP-MCP14E3EMF Datasheet
411Kb / 26P
   4.0A Dual High-Speed Power MOSFET Drivers With Enable
01/02/08
MCP14E3EP MICROCHIP-MCP14E3EP Datasheet
411Kb / 26P
   4.0A Dual High-Speed Power MOSFET Drivers With Enable
01/02/08
MCP14E3ESN MICROCHIP-MCP14E3ESN Datasheet
411Kb / 26P
   4.0A Dual High-Speed Power MOSFET Drivers With Enable
01/02/08
MCP14E3TEMF MICROCHIP-MCP14E3TEMF Datasheet
411Kb / 26P
   4.0A Dual High-Speed Power MOSFET Drivers With Enable
01/02/08
More results

Descripción similar - MCP14E9

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microchip Technology
MCP14E6 MICROCHIP-MCP14E6 Datasheet
877Kb / 30P
   2.0A Dual High-Speed Power MOSFET Driver With Enable
2011
logo
Intersil Corporation
ISL89163 INTERSIL-ISL89163 Datasheet
338Kb / 15P
   High Speed, Dual Channel, 6A, Power MOSFET Driver with Enable Inputs
ISL89163 INTERSIL-ISL89163_15 Datasheet
446Kb / 15P
   High Speed, Dual Channel, 6A, Power MOSFET Driver with Enable Inputs
September 30, 2015
logo
Renesas Technology Corp
ISL89163 RENESAS-ISL89163 Datasheet
757Kb / 16P
   High Speed, Dual Channel, 6A, Power MOSFET Driver with Enable Inputs
logo
Microchip Technology
MCP14E5-E MICROCHIP-MCP14E5-E Datasheet
411Kb / 26P
   4.0A Dual High-Speed Power MOSFET Drivers With Enable
01/02/08
MCP14E3 MICROCHIP-MCP14E3 Datasheet
411Kb / 26P
   4.0A Dual High-Speed Power MOSFET Drivers With Enable
2008
logo
Texas Instruments
UCC27423-EP TI1-UCC27423-EP_16 Datasheet
1Mb / 31P
[Old version datasheet]   Dual 4-A High-Speed Low-Side MOSFET Driver With Enable
UCC27423-EP TI1-UCC27423-EP Datasheet
988Kb / 29P
[Old version datasheet]   DUAL 4-A HIGH-SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
UCC27423-EP TI1-UCC27423-EP_15 Datasheet
1Mb / 31P
[Old version datasheet]   UCC2742x-EP Dual 4-A High-Speed Low-Side MOSFET Driver With Enable
UCC27322-EP TI1-UCC27322-EP_15 Datasheet
1,014Kb / 24P
[Old version datasheet]   SINGLE 9-A HIGH-SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com