Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MCP14E10 Datasheet(PDF) 10 Page - Microchip Technology

No. de pieza MCP14E10
Descripción Electrónicos  3.0A Dual High-Speed Power MOSFET Driver With Enable
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP14E10 Datasheet(HTML) 10 Page - Microchip Technology

Back Button MCP14E10 Datasheet HTML 6Page - Microchip Technology MCP14E10 Datasheet HTML 7Page - Microchip Technology MCP14E10 Datasheet HTML 8Page - Microchip Technology MCP14E10 Datasheet HTML 9Page - Microchip Technology MCP14E10 Datasheet HTML 10Page - Microchip Technology MCP14E10 Datasheet HTML 11Page - Microchip Technology MCP14E10 Datasheet HTML 12Page - Microchip Technology MCP14E10 Datasheet HTML 13Page - Microchip Technology MCP14E10 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
MCP14E9/10/11
DS25005A-page 10
© 2011 Microchip Technology Inc.
Note:
Unless otherwise indicated, TA = +25°C with 4.5V ≤ VDD ≤ 18V.
FIGURE 2-19:
Input Threshold vs.
Temperature.
FIGURE 2-20:
Input Threshold vs. Supply
Voltage.
FIGURE 2-21:
Enable Threshold vs.
Temeprature.
FIGURE 2-22:
Enable Hysteresis vs.
Temperature.
FIGURE 2-23:
Crossover Energy vs.
Supply Voltage.
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
-40 -25 -10
5
20
35
50 65
80
95 110 125
Temperature (°C)
VHI
VLO
VDD = 18V
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
4
6
8
10
12
14
16
18
Supply Voltage (V)
VHI
VLO
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
-40 -25 -10
5
20
35
50 65
80
95 110 125
Temperature (°C)
VEN_L
VEN_H
0.20
0.25
0.30
0.35
0.40
0.45
0.50
0.55
0.60
-40 -25 -10
5
20 35 50 65 80 95 110 125
Temperature (°C)
VDD = 12V
1.E-09
1.E-08
1.E-07
1.E-06
4
6
8
1012
1416
18
Supply Voltage(V)
Note:
The values in this graph represent the
loss seen by both drivers in a package
during a complete cycle.
For a single driver, divide the stated
value by 2.
For a single transition of a single driver,
divide the stated value by 4.


Número de pieza similar - MCP14E10

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microchip Technology
MCP14E3 MICROCHIP-MCP14E3 Datasheet
411Kb / 26P
   4.0A Dual High-Speed Power MOSFET Drivers With Enable
2008
MCP14E3EMF MICROCHIP-MCP14E3EMF Datasheet
411Kb / 26P
   4.0A Dual High-Speed Power MOSFET Drivers With Enable
01/02/08
MCP14E3EP MICROCHIP-MCP14E3EP Datasheet
411Kb / 26P
   4.0A Dual High-Speed Power MOSFET Drivers With Enable
01/02/08
MCP14E3ESN MICROCHIP-MCP14E3ESN Datasheet
411Kb / 26P
   4.0A Dual High-Speed Power MOSFET Drivers With Enable
01/02/08
MCP14E3TEMF MICROCHIP-MCP14E3TEMF Datasheet
411Kb / 26P
   4.0A Dual High-Speed Power MOSFET Drivers With Enable
01/02/08
More results

Descripción similar - MCP14E10

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microchip Technology
MCP14E6 MICROCHIP-MCP14E6 Datasheet
877Kb / 30P
   2.0A Dual High-Speed Power MOSFET Driver With Enable
2011
logo
Intersil Corporation
ISL89163 INTERSIL-ISL89163 Datasheet
338Kb / 15P
   High Speed, Dual Channel, 6A, Power MOSFET Driver with Enable Inputs
ISL89163 INTERSIL-ISL89163_15 Datasheet
446Kb / 15P
   High Speed, Dual Channel, 6A, Power MOSFET Driver with Enable Inputs
September 30, 2015
logo
Renesas Technology Corp
ISL89163 RENESAS-ISL89163 Datasheet
757Kb / 16P
   High Speed, Dual Channel, 6A, Power MOSFET Driver with Enable Inputs
logo
Microchip Technology
MCP14E5-E MICROCHIP-MCP14E5-E Datasheet
411Kb / 26P
   4.0A Dual High-Speed Power MOSFET Drivers With Enable
01/02/08
MCP14E3 MICROCHIP-MCP14E3 Datasheet
411Kb / 26P
   4.0A Dual High-Speed Power MOSFET Drivers With Enable
2008
logo
Texas Instruments
UCC27423-EP TI1-UCC27423-EP_16 Datasheet
1Mb / 31P
[Old version datasheet]   Dual 4-A High-Speed Low-Side MOSFET Driver With Enable
UCC27423-EP TI1-UCC27423-EP Datasheet
988Kb / 29P
[Old version datasheet]   DUAL 4-A HIGH-SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
UCC27423-EP TI1-UCC27423-EP_15 Datasheet
1Mb / 31P
[Old version datasheet]   UCC2742x-EP Dual 4-A High-Speed Low-Side MOSFET Driver With Enable
UCC27322-EP TI1-UCC27322-EP_15 Datasheet
1,014Kb / 24P
[Old version datasheet]   SINGLE 9-A HIGH-SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com