Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
MCP14E11 Datasheet(PDF) 4 Page - Microchip Technology |
|
MCP14E11 Datasheet(HTML) 4 Page - Microchip Technology |
4 / 30 page MCP14E9/10/11 DS25005A-page 4 © 2011 Microchip Technology Inc. Power Supply Supply Voltage VDD 4.5 — 18.0 V Supply Current IDD — 1000 1800 µA VIN_A =3V, VIN_B =3V, ENB_A = ENB_B = High IDD — 600 900 µA VIN_A =0V, VIN_B =0V, ENB_A = ENB_B = High IDD — 800 1600 µA VIN_A =3V, VIN_B =0V, ENB_A = ENB_B = High IDD — 800 1600 µA VIN_A =0V, VIN_B =3V, ENB_A = ENB_B = High IDD — 600 1000 µA VIN_A =3V, VIN_B =3V, ENB_A = ENB_B = Low IDD — 300 450 µA VIN_A =0V, VIN_B =0V, ENB_A = ENB_B = Low IDD — 500 800 µA VIN_A =3V, VIN_B =0V, ENB_A = ENB_B = Low IDD — 500 800 µA VIN_A =0V, VIN_B =3V, ENB_A = ENB_B = Low DC CHARACTERISTICS(2) (CONTINUED) Electrical Specifications: Unless otherwise indicated, TA = +25°C, with 4.5V ≤ VDD ≤ 18V. Parameters Sym Min Typ Max Units Conditions Note 1: Switching times are ensured by design. 2: Tested during characterization, not production tested. 3: Package power dissipation is dependent on the copper pad area of the PCB. DC CHARACTERISTICS (OVER OPERATING TEMP. RANGE)(2) Electrical Specifications: Unless otherwise indicated, operating temperature range with 4.5V ≤ VDD ≤ 18V. Parameters Sym Min Typ Max Units Conditions Input Logic ‘1’, High Input Voltage VIH 2.4 — — V Logic ‘0’, Low Input Voltage VIL —— 0.8 V Input Current IIN -10 — +10 µA 0V ≤ VIN ≤ VDD Output High Output Voltage VOH VDD – 0.025 — — V DC Test Low Output Voltage VOL — — 0.025 V DC Test Output Resistance, High ROH —7 9 Ω IOUT = 10 mA, VDD =18V Output Resistance, Low ROL —7 9 Ω IOUT = 10 mA, VDD =18V Switching Time(1) Rise Time tR —25 40 ns Figure 4-1, Figure 4-2, CL = 1800 pF Fall Time tF —25 40 ns Figure 4-1, Figure 4-2, CL = 1800 pF Propagation Delay Time tD1 —45 65 ns Figure 4-1, Figure 4-2 Propagation Delay Time tD2 —45 65 ns Figure 4-1, Figure 4-2 Note 1: Switching times are ensured by design. 2: Tested during characterization, not production tested. |
Número de pieza similar - MCP14E11 |
|
Descripción similar - MCP14E11 |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |