Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI1120 Datasheet(PDF) 4 Page - Silicon Laboratories

No. de pieza SI1120
Descripción Electrónicos  PROXIMITY/AMBIENT LIGHT SENSOR WITH PWM OUTPUT
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SILABS [Silicon Laboratories]
Página de inicio  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI1120 Datasheet(HTML) 4 Page - Silicon Laboratories

  SI1120_10 Datasheet HTML 1Page - Silicon Laboratories SI1120_10 Datasheet HTML 2Page - Silicon Laboratories SI1120_10 Datasheet HTML 3Page - Silicon Laboratories SI1120_10 Datasheet HTML 4Page - Silicon Laboratories SI1120_10 Datasheet HTML 5Page - Silicon Laboratories SI1120_10 Datasheet HTML 6Page - Silicon Laboratories SI1120_10 Datasheet HTML 7Page - Silicon Laboratories SI1120_10 Datasheet HTML 8Page - Silicon Laboratories SI1120_10 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Si1120
4
Rev. 1.0
1. Electrical Specifications
Table 1. Absolute Maximum Ratings*
Parameter
Conditions
Min
Typ
Max
Units
Supply Voltage
–0.3
5.5
V
Operating Temperature
–40
85
°C
Storage Temperature
–65
85
°C
Voltage on TXO with respect to
GND
–0.3
5.5
V
Voltage on all other Pins with
respect to GND
–0.3
VDD + 0.3
V
Maximum Total Current through
TXO (TXO active)
——
500
mA
Maximum Total Current through
TXGD and VSS
——
600
mA
Maximum Total Current through
all other Pins
——
100
mA
ESD Rating
Human body model
2
kV
*Note: Stresses above those listed in this table may cause permanent damage to the device. This is a stress rating only, and
functional operation of the devices at those or any other conditions above those indicated in the operational listings of
this specification is not implied. Exposure to maximum rating conditions for extended periods may affect device
reliability.
Table 2. Recommended Operating Conditions
Parameter
Symbol
Conditions / Notes
Min
Typ
Max
Units
Typical Operating Conditions (TA =25°C)
Supply Voltage
VDD
T = –40 to +85 °C,
VDD to GND, TXGD
2.2
3.3
3.7
V
Operating Temperature
–40
25
85
°C
SC/MD/STX High Threshold
VIH
VDD–0.7
V
SC/MD/STX Low Threshold
VIL
0.6
V
Active TXO Voltage1
——
1.0
V
ALS Operating Range
Edc
100
kLx
Proximity Conversion Frequency2
125
250
Hz
LED Emission Wavelength3
600
850
950
nm
Notes:
1. Minimum R1 resistance should be calculated based on LED forward voltage, maximum LED current, LED voltage rail
used, and maximum active TXO voltage.
2. When in Mode 0 and operating at 250 Hz, STX pulse width should be limited to 1 ms.
3. When using LEDs near the min and max wavelength limits, higher radiant intensities may be needed to achieve the end
system's proximity sensing performance goals.


Número de pieza similar - SI1120_10

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
SI1120-A-GMR ETC2-SI1120-A-GMR Datasheet
201Kb / 20P
   PROXIMITY/AMBIENT LIGHT SENSOR WITH PWM OUTPUT
logo
Silicon Laboratories
SI1120-EK SILABS-SI1120-EK Datasheet
212Kb / 10P
   EVALUATION KIT USERS GUIDE
More results

Descripción similar - SI1120_10

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
SI1120-A-GMR ETC2-SI1120-A-GMR Datasheet
201Kb / 20P
   PROXIMITY/AMBIENT LIGHT SENSOR WITH PWM OUTPUT
logo
Silicon Laboratories
SI1120 SILABS-SI1120 Datasheet
201Kb / 20P
   PROXIMITY/AMBIENT LIGHT SENSOR WITH PWM OUTPUT
logo
Rohm
RPR-0521RS-EVK-001 ROHM-RPR-0521RS-EVK-001 Datasheet
663Kb / 3P
   Proximity Sensor/Ambient Light Sensor
logo
OSRAM GmbH
SFH7771 OSRAM-SFH7771 Datasheet
1Mb / 30P
   Ambient Light and Proximity Sensor
SFH7770E6 OSRAM-SFH7770E6 Datasheet
825Kb / 33P
   Ambient Light and Proximity Sensor
SFH-7771 OSRAM-SFH-7771 Datasheet
1Mb / 30P
   Ambient Light and Proximity Sensor
logo
Everlight Electronics C...
APS-12D-1-02-TR8 EVERLIGHT-APS-12D-1-02-TR8 Datasheet
572Kb / 12P
   Surface - Mount Digital Ambient Light Sensor with Proximity Sensor
logo
ON Semiconductor
NOA3301 ONSEMI-NOA3301 Datasheet
658Kb / 23P
   Digital Proximity Sensor with Ambient Light Sensor and Interrupt
February, 2013 - Rev. 2
logo
Everlight Electronics C...
EAAPMST3923A3 EVERLIGHT-EAAPMST3923A3 Datasheet
726Kb / 23P
   Ambient Light Sensor and Proximity Sensor with I2C Interface
EAAPMST3923A2 EVERLIGHT-EAAPMST3923A2 Datasheet
836Kb / 20P
   Ambient Light Sensor and Proximity Sensor with I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com