Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SM320F28335-HT Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
No. de pieza SM320F28335-HT
Descripción Electrónicos  Digital Signal Controller (DSC)
Download  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

SM320F28335-HT Datasheet(HTML) 10 Page - Texas Instruments

Back Button SM320F28335-HT Datasheet HTML 6Page - Texas Instruments SM320F28335-HT Datasheet HTML 7Page - Texas Instruments SM320F28335-HT Datasheet HTML 8Page - Texas Instruments SM320F28335-HT Datasheet HTML 9Page - Texas Instruments SM320F28335-HT Datasheet HTML 10Page - Texas Instruments SM320F28335-HT Datasheet HTML 11Page - Texas Instruments SM320F28335-HT Datasheet HTML 12Page - Texas Instruments SM320F28335-HT Datasheet HTML 13Page - Texas Instruments SM320F28335-HT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 158 page
background image
SM320F28335-HT
www.ti.com
SPRS682 – DECEMBER 2010
Digital Signal Controller (DSC)
1
SM320F28335 DSC
Resolution
1.1
Features
– Up to 6 Event Capture Inputs
12
• High-Performance Static CMOS Technology
– Up to 2 Quadrature Encoder Interfaces
– Up to 150 MHz for TC = -55°C to 125°C
– Up to 8 32-bit/Nine 16-bit Timers
and Up to 100 MHZ for TC = 210°C
• Three 32-Bit CPU Timers
– 1.9-V Core, 3.3-V I/O Design
• Serial Port Peripherals
• High-Performance 32-Bit CPU
– Up to 2 CAN Modules
– IEEE-754 Single-Precision Floating-Point
– Up to 3 SCI (UART) Modules
Unit (FPU) )
– Up to 2 McBSP Modules (Configurable as
– 16 x 16 and 32 x 32 MAC Operations
SPI)
– 16 x 16 Dual MAC
– One SPI Module
– Harvard Bus Architecture
– One Inter-Integrated-Circuit (I2C) Bus
– Fast Interrupt Response and Processing
• 12-Bit ADC, 16 Channels
– Unified Memory Programming Model
– 80-ns Conversion Rate
– Code-Efficient (in C/C++ and Assembly)
– 2 x 8 Channel Input Multiplexer
• Six Channel DMA Controller (for ADC, McBSP,
– Two Sample-and-Hold
ePWM, XINTF, and SARAM)
– Single/Simultaneous Conversions
• 16-bit or 32-bit External Interface (XINTF)
– Internal or External Reference
– Over 2M x 16 Address Reach
• Up to 88 Individually Programmable,
• On-Chip Memory
Multiplexed GPIO Pins With Input Filtering
– 256K x 16 Flash, 34K x 16 SARAM
• JTAG Boundary Scan Support (1)
– 1K x 16 OTP ROM
• Advanced Emulation Features
• Boot ROM (8K x 16)
– Analysis and Breakpoint Functions
– With Software Boot Modes (via SCI, SPI,
– Real-Time Debug via Hardware
CAN, I2C, McBSP, XINTF, and Parallel I/O)
• Development Support Includes
– Standard Math Tables
– ANSI C/C++ Compiler/Assembler/Linker
• Clock and System Control
– Code Composer Studio™ IDE
– Dynamic PLL Ratio Changes Supported
– DSP/BIOS™
– On-Chip Oscillator
– Digital Motor Control and Digital Power
– Watchdog Timer Module
Software Libraries
• GPIO0 to GPIO63 Pins Can Be Connected to
• Low-Power Modes and Power Savings
One of the Eight External Core Interrupts
– IDLE, STANDBY, HALT Modes Supported
• Peripheral Interrupt Expansion (PIE) Block That
– Disable Individual Peripheral Clocks
Supports All 58 Peripheral Interrupts
• Package Option
• 128-Bit Security Key/Lock
– Ceramic Pin Grid Array (GB)
– Protects Flash/OTP/RAM Blocks
• Temperature Range:
– Prevents Firmware Reverse Engineering
– –55°C to 210°C
• Enhanced Control Peripherals
– Up to 18 PWM Outputs
(1)
IEEE Standard 1149.1-1990 Standard Test Access Port and
– Up to 6 HRPWM Outputs With 150 ps MEP
Boundary Scan Architecture
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
Code Composer Studio, DSP/BIOS are trademarks of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Número de pieza similar - SM320F28335-HT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SM320F28335-HT TI1-SM320F28335-HT_14 Datasheet
1Mb / 182P
[Old version datasheet]   Digital Signal Controller (DSC)
More results

Descripción similar - SM320F28335-HT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SM320F28335PTPMEP TI-SM320F28335PTPMEP Datasheet
1Mb / 167P
[Old version datasheet]   Digital Signal Controller (DSC)
SM320F28335-EP TI1-SM320F28335-EP_16 Datasheet
1Mb / 167P
[Old version datasheet]   Digital Signal Controller (DSC)
SM320F28335-HT TI1-SM320F28335-HT_14 Datasheet
1Mb / 182P
[Old version datasheet]   Digital Signal Controller (DSC)
SM320F28335-EP TI1-SM320F28335-EP_12 Datasheet
1Mb / 167P
[Old version datasheet]   Digital Signal Controller (DSC)
SM320F28335-EP TI-SM320F28335-EP Datasheet
1Mb / 169P
[Old version datasheet]   Digital Signal Controller (DSC)
SM320F28335GJZMEP TI1-SM320F28335GJZMEP Datasheet
1Mb / 167P
[Old version datasheet]   Digital Signal Controller (DSC)
logo
Advanced Micro Devices
AM79C30A AMD-AM79C30A Datasheet
1Mb / 101P
   Digital Subscriber Controller??(DSC?? Circuit
logo
Freescale Semiconductor...
MC56F8006 FREESCALE-MC56F8006 Datasheet
1Mb / 100P
   Digital Signal Controller
PC56F8006VWL FREESCALE-PC56F8006VWL Datasheet
1Mb / 106P
   Digital Signal Controller
56F8023 FREESCALE-56F8023 Datasheet
207Kb / 4P
   Digital Signal Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com