Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LC89066M Datasheet(PDF) 2 Page - Sanyo Semicon Device

No. de pieza LC89066M
Descripción Electrónicos  6-Bit Video A/D Converters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC89066M Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LC89066M Datasheet HTML 1Page - Sanyo Semicon Device LC89066M Datasheet HTML 2Page - Sanyo Semicon Device LC89066M Datasheet HTML 3Page - Sanyo Semicon Device LC89066M Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Recommended Operating Conditions
Parameter
Symbol
Conditions
min
typ
max
Unit
Supply voltage
VDD
4.75
5.0
5.25
V
Reference voltage (high)
VRH
VDD
V
Reference voltage (low)
VRL
0V
Input high-level voltage
VIH
2.2
VDD +0.3
V
Input low-level voltage
VIL
–0.3
+0.8
V
Analog input voltage
VANI
VRL
VRH
V
Clock high period
TWH
30
ns
Clock low period
TWL
30
ns
Electrical Characteristics at Ta=25 °C, VDD = 5.0 V, VRH = 5.0 V, VRL = 3.0 V
Parameter
Symbol
Conditions
min
typ
max
Unit
Resolution
RES
6
bit
Maximum sampling frequency
Fs max
15
MSPS
Power dissipation
Pd
Fs = 15 MSPS
120
200
mW
Linearity error
I.L.
DC accuracy
±0.8
LSB
Differential linearity error
D.L.
DC accuracy
±0.5
LSB
String resistance
Rst
400
600
800
Analog input capacitance
CAIN
50
pF
Analog input resistance
RAIN
10
M
Output delay time
TdL
20
45
ns
Equivalent Circuit Block Diagram
Timing Chart
Analog input
Clock input
Digital signal output
LC89066, 89066M
No.3086-2/4


Número de pieza similar - LC89066M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LC89060 SANYO-LC89060 Datasheet
94Kb / 5P
   6-Bit Video D/A Converters
LC89060M SANYO-LC89060M Datasheet
94Kb / 5P
   6-Bit Video D/A Converters
More results

Descripción similar - LC89066M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LC89060 SANYO-LC89060 Datasheet
94Kb / 5P
   6-Bit Video D/A Converters
logo
List of Unclassifed Man...
AH8304TC ETC1-AH8304TC Datasheet
257Kb / 5P
   RGB 4-Bit Composite Video D/A converters
logo
Sony Corporation
CXD1172AM SONY-CXD1172AM Datasheet
364Kb / 11P
   6-bit 20MSPS Video A/D Converter (CMOS)
logo
Intersil Corporation
HI1172 INTERSIL-HI1172_00 Datasheet
82Kb / 7P
   6-Bit, 20MSPS, Video A/D Converter (CMOS)
CA3306 INTERSIL-CA3306_02 Datasheet
341Kb / 17P
   6-Bit, 15 MSPS, Flash A/D Converters
CA3306 INTERSIL-CA3306 Datasheet
111Kb / 16P
   6-Bit, 15 MSPS, Flash A/D Converters
August 1997
HI1172 INTERSIL-HI1172 Datasheet
60Kb / 7P
   6-Bit, 20 MSPS,Video A/D Converter (CMOS)
August 1997
logo
Fujitsu Component Limit...
MB40576 FUJITSU-MB40576 Datasheet
508Kb / 11P
   ASSP 1 CHANNEL 6-BIT VIDEO A/D CONVERTER
logo
DATEL, Inc.
ADC-833 DATEL-ADC-833 Datasheet
358Kb / 6P
   6-Bit Video Flash A/D Conyerter ADC-833
logo
Intersil Corporation
CA3338 INTERSIL-CA3338 Datasheet
59Kb / 7P
   CMOS Video Speed, 8-Bit, 50 MSPS, R2R D/A Converters
August 1997
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com