Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LC89080Q Datasheet(PDF) 1 Page - Sanyo Semicon Device

No. de pieza LC89080Q
Descripción Electrónicos  Video Signal 3-Channel 8-Bit D/A Converter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC89080Q Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LC89080Q Datasheet HTML 1Page - Sanyo Semicon Device LC89080Q Datasheet HTML 2Page - Sanyo Semicon Device LC89080Q Datasheet HTML 3Page - Sanyo Semicon Device LC89080Q Datasheet HTML 4Page - Sanyo Semicon Device LC89080Q Datasheet HTML 5Page - Sanyo Semicon Device LC89080Q Datasheet HTML 6Page - Sanyo Semicon Device LC89080Q Datasheet HTML 7Page - Sanyo Semicon Device LC89080Q Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Ordering number : EN*4030A
D3095HA (OT)/5272TS No. 4030-1/8
Overview
The LC89080 and LC89080Q are high-speed current-
output D/A converters. They feature 8-bit resolution,
provide 3 channels on a single chip, and can be used in
demodulators for high-speed signals such as video signals.
Features
• Resolution: 8 bits
• D/A converters: Three current-output D/A converter
channels on a single chip
• Maximum conversion speed: 30 MSPS
• Error: ±1.0 LSB (maximum)
• Power supply: +5 V single-voltage power supply
• Power dissipation: 330 mW
• Inputs: TTL compatible
Package Dimensions
unit: mm
3025B-DIP42S
unit: mm
3052A-QFP48A
Preliminary
SANYO: DIP42S
[LC89080]
SANYO: QFP48A
[LC89080Q]
LC89080, 89080Q
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Video Signal 3-Channel 8-Bit D/A Converter
CMOS LSI


Número de pieza similar - LC89080Q

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LC89086M SANYO-LC89086M Datasheet
61Kb / 6P
   8 Bit A/D Converter
More results

Descripción similar - LC89080Q

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fujitsu Component Limit...
MB40578 FUJITSU-MB40578 Datasheet
60Kb / 10P
   1 CHANNEL 8-BIT VIDEO A/D CONVERTER
MB40558 FUJITSU-MB40558 Datasheet
85Kb / 8P
   1 CHANNEL 8-BIT VIDEO A/D CONVERTER
logo
Rohm
BU3616K ROHM-BU3616K Datasheet
56Kb / 5P
   3-channel, 8-bit D / A converter
logo
Fujitsu Component Limit...
MB40988 FUJITSU-MB40988 Datasheet
363Kb / 11P
   3-Channel 8-Bit D/A Converter
MB40958 FUJITSU-MB40958 Datasheet
148Kb / 11P
   3-Channel 8-Bit D/A Converter
logo
Rohm
BU3618K ROHM-BU3618K Datasheet
63Kb / 6P
   3-channel 8-bit D / A converter
logo
Analog Devices
AD9048 AD-AD9048 Datasheet
109Kb / 8P
   Monolithic 8-Bit Video A/D Converter
REV. C
logo
List of Unclassifed Man...
AH8308EC ETC1-AH8308EC Datasheet
209Kb / 3P
   8-Bit RGB video d/a converter
logo
Murata Power Solutions ...
ADC-301 MURATA-PS-ADC-301 Datasheet
1Mb / 4P
   8-Bit Video Flash A/D Converter
logo
List of Unclassifed Man...
ADC-321 ETC-ADC-321 Datasheet
174Kb / 8P
   8-Bit, 50MHz Video A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com