Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SM-26B Datasheet(PDF) 1 Page - PETERMANN-TECHNIK

No. de pieza SM-26B
Descripción Electrónicos  HIGH RELIABILITY FOR LOW COST FORMED LEADS FOR SMD-MOUNTING
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PETERMANN [PETERMANN-TECHNIK]
Página de inicio  http://www.petermann-technik.de
Logo PETERMANN - PETERMANN-TECHNIK

SM-26B Datasheet(HTML) 1 Page - PETERMANN-TECHNIK

  SM-26B Datasheet HTML 1Page - PETERMANN-TECHNIK  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
FEATURES
- HIGH RELIABILITY FOR LOW COST
- FORMED LEADS FOR SMD-MOUNTING
- EXCELLENT CLOCK GENERATOR
LOW FREQUENCY SMD-CRYSTAL SERIES
FREQUENCY RANGE
FREQUENCY TOLERANCE AT 25°C
TEMPERATURE RANGE
LOAD CAPACITANCE
DRIVE LEVEL
AGING
SERIES RESISTANCE
QUALITY FACTOR
SHUNT CAPACITANCE
PARABOLIC COEFFICIENT
INSULATION RESISTANCE
DELIVERY FORM
PART NUMBERING SYSTEM
EXAMPLE
SM-26B
FREQUENCY
32.768 kHz
FREQUENCY TOLERANCE AT 25°C
REQUIRED VALUE
LOAD CAPACITANCE
REQUIRED VALUE
OUTLINE DRAWING
RECOMMENDED LAND PATERN
-0.036 +-0.006 ppm/°C²
Fon: 00 49 (0) 81 91 / 30 53 95 | Fax: 00 49 (0) 81 91 / 30 53 97
SM-26B
12.5 pF
PACKAGE FORM
ROUND
30.0 ~ 80.0 kHz
1.0 µW +-0.2 µW
50 k
Ω max.
40.000 min.
1.1 pF typical
http://www.petermann-technik.de | info@petermann-technik.de
+-20 ppm ~ +-100 ppm
-10/+60°C
OTHER PARAMETERS ARE AVAILABLE ON REQUEST / CREATE HERE YOUR SPECIFICATION
PETERMANN-TECHNIK GmbH | Amselweg 8 | D-86916 Kaufering
+-5 ppm per year max.
>500 M
Ω DC/100V +-10%
SM-26B 32.768 kHz +-20 ppm 12.5 pF
SERIES
Tape and Reel (2.000 pcs per reel)
6.0+0.1/-0.2
3.0+0.2
Unit: mm
-
2.0+0.2
-
(1)
02.0+0.1/-0.2
/
6.0
1.75
2.5
Unit: mm


Número de pieza similar - SM-26B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Riedon Powertron
SM-2 RIEDON-SM-2 Datasheet
359Kb / 2P
   Precision Wirewound Resistors
SM-2 RIEDON-SM-2 Datasheet
318Kb / 2P
   Precision Wirewound Resistors
logo
FOTEK CONTROLS CO., LTD...
SM-20 FOTEK-SM-20 Datasheet
2Mb / 4P
   DIN 24x48/72x72/96x48 Tachometer & Line speed meter
SM-20S FOTEK-SM-20S Datasheet
2Mb / 4P
   DIN 24x48/72x72/96x48 Tachometer & Line speed meter
logo
List of Unclassifed Man...
SM-2840 ETC1-SM-2840 Datasheet
364Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
More results

Descripción similar - SM-26B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
EUROQUARTZ limited
49SMD EUROQUARTZ-49SMD Datasheet
118Kb / 1P
   Low-cost, industry-standard crystal unit formed for SMD
logo
PETERMANN-TECHNIK
SMD02016 PETERMANN-SMD02016_15 Datasheet
564Kb / 4P
   High reliability for low cost
ZTT-MTMX PETERMANN-ZTT-MTMX Datasheet
725Kb / 3P
   High reliability for low cost
VCTXO PETERMANN-VCTXO Datasheet
1Mb / 6P
   High reliability for low cost
UM1-SMD PETERMANN-UM1-SMD Datasheet
497Kb / 4P
   High reliability for low cost
SXO18 PETERMANN-SXO18 Datasheet
888Kb / 3P
   High reliability for low cost
SMD-VCXO4-0507-3 PETERMANN-SMD-VCXO4-0507-3 Datasheet
298Kb / 3P
   High reliability for low cost
M7502 PETERMANN-M7502 Datasheet
134Kb / 3P
   HIGH RELIABILITY FOR LOW COST
M2500 PETERMANN-M2500 Datasheet
147Kb / 2P
   HIGH RELIABILITY FOR LOW COST
M4115 PETERMANN-M4115 Datasheet
78Kb / 1P
   HIGH RELIABILITY FOR LOW COST
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com