Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LC89977M Datasheet(PDF) 1 Page - Sanyo Semicon Device

No. de pieza LC89977M
Descripción Electrónicos  CCD Delay Line for PAL
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC89977M Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LC89977M Datasheet HTML 1Page - Sanyo Semicon Device LC89977M Datasheet HTML 2Page - Sanyo Semicon Device LC89977M Datasheet HTML 3Page - Sanyo Semicon Device LC89977M Datasheet HTML 4Page - Sanyo Semicon Device LC89977M Datasheet HTML 5Page - Sanyo Semicon Device LC89977M Datasheet HTML 6Page - Sanyo Semicon Device LC89977M Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Overview
The LC89977M is CCD delay line for PAL television
system that includes a chrominance signal crosstalk
exclusion filter and a luminance signal 1-H delay line on
chip.
Features
• 5-V single-voltage power supply
• Built-in 3
× PLL frequency multiplier circuit allows 3fsc
operation from an fsc (4.43 MHz) input.
• Can be switched between the PAL/GBI, and 4.43NTSC
formats by setting control pin values.
• Includes a built-in crosstalk exclusion comb filter for the
chrominance signal that provides high-precision comb
characteristics in an adjustment-free circuit.
• Peripheral circuits provided on chip for operation with a
minimum of external components.
• Positive-phase signal input, positive-phase signal output
(luminance signal)
Functions
• CCD shift registers (for chrominance and luminance
signals)
• Timig generator and clock driver for CCD
• Delay time selective circuit
• CCD signal adder
• Auto-bias circuit
• Sync tip clamp circuit (luminance signal)
• Center bias circuit (chrominance signal)
• Sample-and-hold circuit
•3
× PLL frequency multiplier circuit
• 3fsc clock output circuit
• High voltage generator for CCD Reset Drain (RD)
Package Dimensions
unit: mm
3111-MFP14S
MOS LSI
N3096HA(OT) No. 5545-1/7
Preliminary
SANYO: MFP14S
[LC89977M]
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110 JAPAN
CCD Delay Line for PAL
LC89977M
Ordering number : EN5545
Parameter
Symbol
Conditions
Ratings
Unit
Supply voltage
VDD
–0.3 to +6.0
V
Allowable power dissipation
Pd max
250
mW
Operating temperature
Topr
–10 to +60
°C
Storage temperature
Tstg
–55 to +125
°C
Specifications
Absolute Maximum Ratings at Ta = 25°C


Número de pieza similar - LC89977M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LC89970 SANYO-LC89970 Datasheet
167Kb / 9P
   PAL CCD Delay Line?
LC89970M SANYO-LC89970M Datasheet
167Kb / 9P
   PAL CCD Delay Line?
LC89971 SANYO-LC89971 Datasheet
178Kb / 9P
   Multi-system CCD Delay Line?
LC89971M SANYO-LC89971M Datasheet
178Kb / 9P
   Multi-system CCD Delay Line?
LC89972 SANYO-LC89972 Datasheet
149Kb / 8P
   PAL CCD Delay Line???
More results

Descripción similar - LC89977M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sony Corporation
CXL1511M SONY-CXL1511M Datasheet
125Kb / 14P
   CCD Delay Line for PAL
logo
Sanyo Semicon Device
LC89973M SANYO-LC89973M Datasheet
150Kb / 8P
   PAL CCD Delay Line???
LC89972M SANYO-LC89972M Datasheet
149Kb / 8P
   PAL CCD Delay Line???
LC89970 SANYO-LC89970 Datasheet
167Kb / 9P
   PAL CCD Delay Line?
LC8992 SANYO-LC8992 Datasheet
66Kb / 4P
   PAL CCD 1H Delay Line
logo
Sony Corporation
CXL5505M SONY-CXL5505M Datasheet
125Kb / 9P
   CMOS-CCD 1H Delay Line for PAL
CXL5508M SONY-CXL5508M Datasheet
104Kb / 9P
   CMOS-CCD 1H Delay Line for PAL
CXL5003M SONY-CXL5003M Datasheet
98Kb / 8P
   CMOS-CCD 1H Delay Line for PAL
CXL5514M SONY-CXL5514M Datasheet
143Kb / 9P
   CMOS-CCD 1H Delay Line for PAL
CXL5506M SONY-CXL5506M Datasheet
107Kb / 9P
   CMOS-CCD 1H Delay Line for PAL
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com