Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LC99012A-S Datasheet(PDF) 5 Page - Sanyo Semicon Device

No. de pieza LC99012A-S
Descripción Electrónicos  Black-and-White CCD Timing Generator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC99012A-S Datasheet(HTML) 5 Page - Sanyo Semicon Device

  LC99012A-S Datasheet HTML 1Page - Sanyo Semicon Device LC99012A-S Datasheet HTML 2Page - Sanyo Semicon Device LC99012A-S Datasheet HTML 3Page - Sanyo Semicon Device LC99012A-S Datasheet HTML 4Page - Sanyo Semicon Device LC99012A-S Datasheet HTML 5Page - Sanyo Semicon Device LC99012A-S Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Pin Functions
Note: * Flickerless mode can be used when the auto-iris function is off, i.e. when EXT3 is high and EXT4 is low.
No. 5281-5/6
LC99012A-S
Pin No.
Symbol
I/O
Function
1
GND
2
PCO
O
Phase comparator output
3
AI
I
PCO output signal low-pass filter amplifier input
4
AO
O
PCO output signal low-pass filter amplifier output
Reference clock input (resonator inverter input)
5
CKI
I
LC9947G
: 28.63636 MHz
LC9948G: 28.375 MHz
LC9949G: 14.31818 MHz
6
CKO
O
Resonator inverter output
7
CCDSCAN
I
Low/open: CCD interlaced storage mode
High: CCD non-interlaced storage mode
8
SSGSCAN
I
Low/open: C.SYNC interlaced mode
High: C.SYNC non-interlaced mode
9
CLK14M
O
LC9947G/9949G: 14.31818 MHz
LC9948G: 14.1875 MHz
10
HD
O
HD output
11
VD
O
VD output
Field identifier signal
12
FLD
O
High: odd
Low: even
Must be tied high if SSGSCAN is high.
13
VDD
14
KISYU
I
Must be tied high when used with the LC9949G. Otherwise must be tied low.
15
HR
I
Horizontal reset, C.SYNC reset, and vertical reset pulse input
16
VR
I
Vertical reset pulse input and external synchronization mode setup
17
GND
18
SELMET1
I
Light metering mode control
19
SELMET2
I
Light metering mode control
20
EXT1
I
External synchronization mode control
21
EXT2
I
External synchronization mode control
22
EXT3
I
CCD drive external control mode control
23
EXT4
I
CCD drive external control mode control
24
VDD
I
Normally used to control the electronic iris step (rate of change)
25
STEPSTOP
I/O
Low: 1/8
Hifh: 1/16
Sensitivity increasing switch
26
SENS
I
Low/open: normal
High: Increased sensitivity mode
Increased sensitivity mode type switching
27
MSENS
I
Low or open: In field units
High: In single scan line (1H) units
Flickerless mode* switch
28
FLESS
I
Low: Flickerless mode
High/open: normal
CCD storage mode control
29
STR
I
This pin must be left open or tied high when the LC99012A-S is used with an LC9947G/49G, and must
be tied low when used with an LC9948G.
30
NSUB3
O
CCD NSUB pulses
31
NSUB2
O
CCD NSUB pulses
32
NSUB1
O
CCD NSUB pulses
33
TEST
I
Low: test mode
High/open: normal operating mode
34
VI1
O
CCD imaging block transfer clock (ø1)
35
VI3
O
CCD imaging block transfer clock (ø3)
36
VI2
O
CCD imaging block transfer clock (ø2)
37
VI4
O
CCD imaging block transfer clock (ø4)
38
VS4
O
CCD imaging block transfer clock (øS4)
Continued on next page.


Número de pieza similar - LC99012A-S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LC99052-V64A SANYO-LC99052-V64A Datasheet
200Kb / 8P
   Image Sensor Control LSI
LC99053 SANYO-LC99053 Datasheet
94Kb / 14P
   CMOS LSI
LC99062-W50 SANYO-LC99062-W50 Datasheet
184Kb / 7P
   Image Sensor Signal Processing LSI?
LC99063-LF2 SANYO-LC99063-LF2 Datasheet
121Kb / 8P
   CCD Digital Signal Processing IC
LC9907 SANYO-LC9907 Datasheet
336Kb / 17P
   Timing Generator for Solid-State Imager
More results

Descripción similar - LC99012A-S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sony Corporation
CXD1257AR SONY-CXD1257AR Datasheet
666Kb / 18P
   CCD Camera Timing Generator
CXD1265R SONY-CXD1265R Datasheet
925Kb / 24P
   CCD Camera Timing Generator
CXD2422R SONY-CXD2422R Datasheet
1Mb / 22P
   CCD Camera Timing Generator
CXD1254AR SONY-CXD1254AR Datasheet
826Kb / 21P
   CCD Camera Synchronization and Timing Signal Generator
logo
Sharp Corporation
LZ93BE0 SHARP-LZ93BE0 Datasheet
404Kb / 9P
   Timing Pulse Generator LSI for CCD
LZ93N61 SHARP-LZ93N61 Datasheet
267Kb / 5P
   Timing Pulse Generator LSI for CCD
logo
Samsung semiconductor
S5C7221X01 SAMSUNG-S5C7221X01 Datasheet
88Kb / 8P
   TIMING & SYNC. GENERATOR FOR B/W CCD
logo
Analog Devices
AD9937 AD-AD9937_15 Datasheet
416Kb / 44P
   CCD Signal Processor with Precision Timing Generator
REV. 0
AD9929 AD-AD9929_15 Datasheet
564Kb / 64P
   CCD Signal Processor with Precision Timing Generator
REV. A
logo
Samsung semiconductor
KS7212 SAMSUNG-KS7212 Datasheet
201Kb / 18P
   TIMING & SYNC. GENERATOR FOR B/W CCD
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com