Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AM42-0002 Datasheet(PDF) 4 Page - M/A-COM Technology Solutions, Inc.

No. de pieza AM42-0002
Descripción Electrónicos  GaAs MMIC VSAT Power Amplifier, 1.4 W
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MA-COM [M/A-COM Technology Solutions, Inc.]
Página de inicio  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

AM42-0002 Datasheet(HTML) 4 Page - M/A-COM Technology Solutions, Inc.

  AM42-0002 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. AM42-0002 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. AM42-0002 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. AM42-0002 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
GaAs MMIC VSAT Power Amplifier, 1.4 W
14.0 - 14.5 GHz
Rev. V6
AM42-0002
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Lead-Free CR-15
Reference Application Note M538 for lead-free solder reflow recommendations.
Meets JEDEC moisture sensitivity level 1 requirements.
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive
to electrostatic discharge (ESD) and can be
damaged by static electricity. Proper ESD control
techniques should be used when handling these
devices.


Número de pieza similar - AM42-0002

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Tyco Electronics
AM42-0002 MACOM-AM42-0002 Datasheet
134Kb / 4P
   GaAs MMIC VSAT Power Amplifier 1.4W
logo
M/A-COM Technology Solu...
AM42-0002 MA-COM-AM42-0002 Datasheet
167Kb / 4P
   GaAs MMIC VSAT Power Amplifier 1.4 W 14.0 - 14.5 GHz
AM42-0002 MA-COM-AM42-0002 Datasheet
157Kb / 4P
   GaAs MMIC VSAT Power Amplifier, 1.4 W
AM42-0002 MA-COM-AM42-0002_15 Datasheet
654Kb / 5P
   GaAs MMIC VSAT Power Amplifier, 1.4 W
More results

Descripción similar - AM42-0002

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
M/A-COM Technology Solu...
AM42-0002 MA-COM-AM42-0002_15 Datasheet
654Kb / 5P
   GaAs MMIC VSAT Power Amplifier, 1.4 W
AM42-0002 MA-COM-AM42-0002 Datasheet
157Kb / 4P
   GaAs MMIC VSAT Power Amplifier, 1.4 W
AM42-0002 MA-COM-AM42-0002 Datasheet
167Kb / 4P
   GaAs MMIC VSAT Power Amplifier 1.4 W 14.0 - 14.5 GHz
AM42-0007_V8 MA-COM-AM42-0007_V8 Datasheet
217Kb / 4P
   GaAs MMIC VSAT Power Amplifier, 2.0 W
AM42-0040 MA-COM-AM42-0040_15 Datasheet
613Kb / 5P
   GaAs MMIC VSAT Power Amplifier 2.0 W
AM42-0040_V5 MA-COM-AM42-0040_V5 Datasheet
154Kb / 4P
   GaAs MMIC VSAT Power Amplifier 2.0 W
AM42-0007 MA-COM-AM42-0007 Datasheet
217Kb / 4P
   GaAs MMIC VSAT Power Amplifier, 2.0 W
AM42-0007 MA-COM-AM42-0007_15 Datasheet
742Kb / 5P
   GaAs MMIC VSAT Power Amplifier, 2.0 W
AM42-0040 MA-COM-AM42-0040 Datasheet
154Kb / 4P
   GaAs MMIC VSAT Power Amplifier 2.0 W
logo
Tyco Electronics
AM42-0002 MACOM-AM42-0002 Datasheet
134Kb / 4P
   GaAs MMIC VSAT Power Amplifier 1.4W
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com