Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LV1100 Datasheet(PDF) 1 Page - Sanyo Semicon Device

No. de pieza LV1100
Descripción Electrónicos  Digital Surround Audio Signal-Processing IC
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LV1100 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LV1100 Datasheet HTML 1Page - Sanyo Semicon Device LV1100 Datasheet HTML 2Page - Sanyo Semicon Device LV1100 Datasheet HTML 3Page - Sanyo Semicon Device LV1100 Datasheet HTML 4Page - Sanyo Semicon Device LV1100 Datasheet HTML 5Page - Sanyo Semicon Device LV1100 Datasheet HTML 6Page - Sanyo Semicon Device LV1100 Datasheet HTML 7Page - Sanyo Semicon Device LV1100 Datasheet HTML 8Page - Sanyo Semicon Device LV1100 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Overview
The LV1100 is an audio signal-processing Bi-CMOS LSI
that integrates input and output filters, a delay line (built-
in memory), and a delay/reverb function with a maximum
delay of 120 ms on a single chip. It also provides built-in
fixed matrix (L+R, L–R) and front mixing (with level and
phase switching) functions. A full complement of
surround modes can be easily implemented by combining
these functions.
Functions and Features
• Input switching (L+R, L–R, IN–A)
• On-chip memory (12K SRAM)
• Front adder (+3 dB, 0 dB, –3 dB, -
∞)
• Input and output filters
• Input filter –7 kHz low-pass filter
• Output filter –5 kHz low-pass filter: switchable with a
3 kHz low-pass filter
• On-chip VDD circuit
• Input and output muting function
• A simulated surround system can be easily implemented
with only one chip.
• ADM A/D and D/A converters
• Variable delay times
– Short mode; Maximum delay: 60 ms. Delay time
selectable from six delay times in 10-ms steps.
– Long mode; Maximum delay: 120 ms. Delay time
selectable from six delay times in 20-ms steps.
Package Dimensions
unit: mm
3067-DIP24S
Bi-CMOS LSI
Ordering number : EN5506
83196HA (OT) No. 5506-1/10
SANYO: DIP24S
[LV1100]
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110 JAPAN
Digital Surround Audio Signal-Processing IC
LV1100
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VCC max
12
V
Allowable power dissipation
Pd max
Ta
≤ 70°C
420
mW
Operating temperature
Topr
–25 to +70
°C
Storage temperature
Tstg
–40 to +125
°C
Parameter
Symbol
Conditions
Ratings
Unit
Recommended supply voltage
VCC
9V
Operating supply voltage range
VCC opg
8 to 10
V
Specifications
Absolute Maximum Ratings at Ta = 25°C
Allowable Operating Ranges at Ta = 25°C


Número de pieza similar - LV1100

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LV1110NM SANYO-LV1110NM Datasheet
351Kb / 22P
   Digital Surround Processor IC
LV1115 SANYO-LV1115 Datasheet
322Kb / 15P
   Surround Processor ICs for Electronic Volume Control
LV1115M SANYO-LV1115M Datasheet
322Kb / 15P
   Surround Processor ICs for Electronic Volume Control
LV1116N SANYO-LV1116N Datasheet
514Kb / 4P
   Surround Processor ICs for Electronic Volume Control
LV1116N SANYO-LV1116N Datasheet
372Kb / 18P
   Surround Processor ICs for Electronic Volume Control
More results

Descripción similar - LV1100

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LA2610 SANYO-LA2610 Datasheet
39Kb / 5P
   Analog Surround Processing IC
logo
NXP Semiconductors
SAA7740H PHILIPS-SAA7740H Datasheet
142Kb / 28P
   Digital Audio Processing IC DAPIC
1997 May 30
logo
STMicroelectronics
TDA7590 STMICROELECTRONICS-TDA7590 Datasheet
341Kb / 40P
   Digital signal processing IC for speech and audio applications
TDA7550 STMICROELECTRONICS-TDA7550 Datasheet
118Kb / 12P
   DIGITAL SIGNAL PROCESSING IC FOR SPEECH AND AUDIO APPLICATIONS
TDA7590 STMICROELECTRONICS-TDA7590_09 Datasheet
326Kb / 42P
   Digital signal processing IC for speech and audio applications
logo
Sanyo Semicon Device
LC99063-LF2 SANYO-LC99063-LF2 Datasheet
121Kb / 8P
   CCD Digital Signal Processing IC
LA71730EM SANYO-LA71730EM Datasheet
624Kb / 2P
   VIDEO AND AUDIO SIGNAL-PROCESSING IC
LA71750EM SANYO-LA71750EM Datasheet
621Kb / 2P
   Video and Audio Signal-Processing IC
logo
Panasonic Semiconductor
AN7090FHQ PANASONIC-AN7090FHQ Datasheet
138Kb / 14P
   Peripheral analog IC for audio signal processing
AN12942B PANASONIC-AN12942B Datasheet
577Kb / 31P
   Audio signal processing IC for notebook PC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com