Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LV1100 Datasheet(PDF) 5 Page - Sanyo Semicon Device

No. de pieza LV1100
Descripción Electrónicos  Digital Surround Audio Signal-Processing IC
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LV1100 Datasheet(HTML) 5 Page - Sanyo Semicon Device

  LV1100 Datasheet HTML 1Page - Sanyo Semicon Device LV1100 Datasheet HTML 2Page - Sanyo Semicon Device LV1100 Datasheet HTML 3Page - Sanyo Semicon Device LV1100 Datasheet HTML 4Page - Sanyo Semicon Device LV1100 Datasheet HTML 5Page - Sanyo Semicon Device LV1100 Datasheet HTML 6Page - Sanyo Semicon Device LV1100 Datasheet HTML 7Page - Sanyo Semicon Device LV1100 Datasheet HTML 8Page - Sanyo Semicon Device LV1100 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Command List
LV1100 Control Format
A = L ... Selects the LV1100.
B = L ... When B is low, the mode settings listed below can be made.
B = H ... When B is high, the mode settings listed below can be made.
* = don’t care
No. 5506-5/10
LV1100
L
H
D1
IN-A DELAY
L+R, L–R DELAY
D2
L+R
L–R
D3
DELAY OUT ON;
DELAY OUT OFF;
Turns on surround system feedback
Turns off surround system feedback
7 kHz L.P.F ON/OFF
D4, D5
LL
THROUGH
LH
NOT USE
HL
FILTER
HH
A/D INPUT MUTE
L
H
D6
OUT-L, –R MUTE ON
OUT-L, –R MUTE OFF
D7
OUT-A MUTE ON
OUT-A MUTE OFF
D8
FRONT ADD INPHASE
FRONT ADD INVERTED PHASE
(In-phase addition)
(Out-of-phase addition)
FRONT ADD EFFECT VOL (Addition to the front left and right channels)
D9, D10
LL
+3 dB
LH
0 dB
HL
–3 dB
HH
MUTE
D1
D2
IN-A output filter
L
L
3 kHz L.P.F-OFF
L
H
3 kHz L.P.F-ON
D3
D4
D5
*
*
*


Número de pieza similar - LV1100

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LV1110NM SANYO-LV1110NM Datasheet
351Kb / 22P
   Digital Surround Processor IC
LV1115 SANYO-LV1115 Datasheet
322Kb / 15P
   Surround Processor ICs for Electronic Volume Control
LV1115M SANYO-LV1115M Datasheet
322Kb / 15P
   Surround Processor ICs for Electronic Volume Control
LV1116N SANYO-LV1116N Datasheet
514Kb / 4P
   Surround Processor ICs for Electronic Volume Control
LV1116N SANYO-LV1116N Datasheet
372Kb / 18P
   Surround Processor ICs for Electronic Volume Control
More results

Descripción similar - LV1100

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LA2610 SANYO-LA2610 Datasheet
39Kb / 5P
   Analog Surround Processing IC
logo
NXP Semiconductors
SAA7740H PHILIPS-SAA7740H Datasheet
142Kb / 28P
   Digital Audio Processing IC DAPIC
1997 May 30
logo
STMicroelectronics
TDA7590 STMICROELECTRONICS-TDA7590 Datasheet
341Kb / 40P
   Digital signal processing IC for speech and audio applications
TDA7550 STMICROELECTRONICS-TDA7550 Datasheet
118Kb / 12P
   DIGITAL SIGNAL PROCESSING IC FOR SPEECH AND AUDIO APPLICATIONS
TDA7590 STMICROELECTRONICS-TDA7590_09 Datasheet
326Kb / 42P
   Digital signal processing IC for speech and audio applications
logo
Sanyo Semicon Device
LC99063-LF2 SANYO-LC99063-LF2 Datasheet
121Kb / 8P
   CCD Digital Signal Processing IC
LA71730EM SANYO-LA71730EM Datasheet
624Kb / 2P
   VIDEO AND AUDIO SIGNAL-PROCESSING IC
LA71750EM SANYO-LA71750EM Datasheet
621Kb / 2P
   Video and Audio Signal-Processing IC
logo
Panasonic Semiconductor
AN7090FHQ PANASONIC-AN7090FHQ Datasheet
138Kb / 14P
   Peripheral analog IC for audio signal processing
AN12942B PANASONIC-AN12942B Datasheet
577Kb / 31P
   Audio signal processing IC for notebook PC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com