Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LV1100 Datasheet(PDF) 6 Page - Sanyo Semicon Device

No. de pieza LV1100
Descripción Electrónicos  Digital Surround Audio Signal-Processing IC
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LV1100 Datasheet(HTML) 6 Page - Sanyo Semicon Device

Back Button LV1100 Datasheet HTML 2Page - Sanyo Semicon Device LV1100 Datasheet HTML 3Page - Sanyo Semicon Device LV1100 Datasheet HTML 4Page - Sanyo Semicon Device LV1100 Datasheet HTML 5Page - Sanyo Semicon Device LV1100 Datasheet HTML 6Page - Sanyo Semicon Device LV1100 Datasheet HTML 7Page - Sanyo Semicon Device LV1100 Datasheet HTML 8Page - Sanyo Semicon Device LV1100 Datasheet HTML 9Page - Sanyo Semicon Device LV1100 Datasheet HTML 10Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
No. 5506-6/10
LV1100
Delay Time Data (D6 to D8)
Note: D6, D7, and D8 must not be used for any purposes other than the above commands.
D6
D7
D8
CLK FAST
CLK SLOW
L
L
L
10 ms
20 ms
L
L
H
20 ms
40 ms
L
H
L
30 ms
60 ms
L
H
H
40 ms
80 ms
H
L
L
50 ms
100 ms
H
L
H
60 ms
120 ms
L
H
D9
SYSTEM MUTE ON
SYSTEM MUTE OFF
D10
CLK FAST
CLK SLOW
Control Data Format
• Data is read in on the rising edge of the clock.
• The control data consists of 12 bits.
• The input data is latched on the rising edge of the enable signal.
• The clock and enable signals must be held high when not being used to control the LV1100.
• Command interval time
The timing of intervals between enable signals must meet the conditions shown in the figure.
Notes on Mode Control (System Mute Usage)
1
When power is first applied, after the IC is fully operating (about 2 seconds after power is applied) applications must
send commands that turn the system muting off and then on again.
2
Applications must perform system muting on/off operations when switching the delay time or clock fast/slow
settings. After sending a system muting on command along with the new data, send the new data again, this time with
a system muting off command.
Note: By performing the operations described in items 1 and 2 here, the memory contents are initialized, thus preventing incorrect operation.


Número de pieza similar - LV1100

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LV1110NM SANYO-LV1110NM Datasheet
351Kb / 22P
   Digital Surround Processor IC
LV1115 SANYO-LV1115 Datasheet
322Kb / 15P
   Surround Processor ICs for Electronic Volume Control
LV1115M SANYO-LV1115M Datasheet
322Kb / 15P
   Surround Processor ICs for Electronic Volume Control
LV1116N SANYO-LV1116N Datasheet
514Kb / 4P
   Surround Processor ICs for Electronic Volume Control
LV1116N SANYO-LV1116N Datasheet
372Kb / 18P
   Surround Processor ICs for Electronic Volume Control
More results

Descripción similar - LV1100

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LA2610 SANYO-LA2610 Datasheet
39Kb / 5P
   Analog Surround Processing IC
logo
NXP Semiconductors
SAA7740H PHILIPS-SAA7740H Datasheet
142Kb / 28P
   Digital Audio Processing IC DAPIC
1997 May 30
logo
STMicroelectronics
TDA7590 STMICROELECTRONICS-TDA7590 Datasheet
341Kb / 40P
   Digital signal processing IC for speech and audio applications
TDA7550 STMICROELECTRONICS-TDA7550 Datasheet
118Kb / 12P
   DIGITAL SIGNAL PROCESSING IC FOR SPEECH AND AUDIO APPLICATIONS
TDA7590 STMICROELECTRONICS-TDA7590_09 Datasheet
326Kb / 42P
   Digital signal processing IC for speech and audio applications
logo
Sanyo Semicon Device
LC99063-LF2 SANYO-LC99063-LF2 Datasheet
121Kb / 8P
   CCD Digital Signal Processing IC
LA71730EM SANYO-LA71730EM Datasheet
624Kb / 2P
   VIDEO AND AUDIO SIGNAL-PROCESSING IC
LA71750EM SANYO-LA71750EM Datasheet
621Kb / 2P
   Video and Audio Signal-Processing IC
logo
Panasonic Semiconductor
AN7090FHQ PANASONIC-AN7090FHQ Datasheet
138Kb / 14P
   Peripheral analog IC for audio signal processing
AN12942B PANASONIC-AN12942B Datasheet
577Kb / 31P
   Audio signal processing IC for notebook PC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com