Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

MCR10EZHF470 Datasheet(PDF) 2 Page - Renesas Technology Corp

No. de Pieza. MCR10EZHF470
Descripción  Sample Program (Remote Control Transmission/Reception)
Descarga  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo 

MCR10EZHF470 Datasheet(HTML) 2 Page - Renesas Technology Corp

 
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
REJ05B0814-0110 Rev.1.10
2007.12
Page 2 of 18
M16C/26A Group
Sample Program (Remote Control Transmission/Reception)
3.
Port Arrangement
The key matrix, infrared-ray transmitter/receiver and the buzzer are the facilities mounted on an extension board for the Renesas Starter
Kit. To use these facilities, connect an extension board to the Starter Kit.
4.
Remote Control Specification
4.1 Remote Control Format
R C
-
V
-
-
I R -
T R A N S
-
10MHz
LCD
P74
Xin
P60
P61
P62
P63
P90
P91
LCD E
LCD R
LCD D7
LCD D6
LCD D5
LCD D4
M30260F8AGP
P75
P76
P77
keymatrix
P104
P105
P106
P107
P82/INT0
P80/TA4OUT
10ms
10ms
100ms
Data section
1ms
1ms
1ms
3ms
Data “0”
Data “1”
D0
D1
D2
D3
D4
D5
D6
D7
D0
D1
D2
D3
D4
D5
D6
D7
Leader section
Data section
Per-bit waveform
Remote control data
Inverted remote control data


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn