Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL28208FRTZ Datasheet(PDF) 8 Page - Intersil Corporation

No. de pieza ISL28208FRTZ
Descripción Electrónicos  40V Precision Single Supply Rail-Rail Output Low Power Operational Amplifiers
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28208FRTZ Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL28208FRTZ Datasheet HTML 4Page - Intersil Corporation ISL28208FRTZ Datasheet HTML 5Page - Intersil Corporation ISL28208FRTZ Datasheet HTML 6Page - Intersil Corporation ISL28208FRTZ Datasheet HTML 7Page - Intersil Corporation ISL28208FRTZ Datasheet HTML 8Page - Intersil Corporation ISL28208FRTZ Datasheet HTML 9Page - Intersil Corporation ISL28208FRTZ Datasheet HTML 10Page - Intersil Corporation ISL28208FRTZ Datasheet HTML 11Page - Intersil Corporation ISL28208FRTZ Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
ISL28108, ISL28208
8
FN6935.1
March 17, 2011
FIGURE 13. CMRR vs TEMPERATURE, VS = ±15V
FIGURE 14. CMRR vs TEMPERATURE, VS = ±5V
FIGURE 15. CMRR vs FREQUENCY, VS = ±15V
FIGURE 16. PSRR vs FREQUENCY, VS = ±5V & ±15V
FIGURE 17. PSRR (DC) vs TEMPERATURE, VS = ±15V
FIGURE 18. PSRR (DC) vs TEMPERATURE, VS = ±5V
Typical Performance Curves
VS = ±15V, VCM = 0V, RL = Open, unless otherwise specified. (Continued)
TEMPERATURE (°C)
-40
-20
0
20
40
60
80
100
120
100
105
110
115
120
125
130
VS = ±15V
CHANNEL-A
CHANNEL-B
TEMPERATURE (°C)
-40
-20
0
20
40
60
80
100
120
100
105
110
115
120
125
130
VS = ±5V
CHANNEL-A
CHANNEL-B
FREQUENCY (Hz)
1m
1
10 100 1k 10k 100k 1M 10M 100M 1G
0.1
0.01
0
10
20
30
40
50
60
70
80
90
100
110
120
130
140
150
VS = ±15V
SIMULATION
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
0
10
20
30
40
50
60
70
80
90
100
110
120
CL = 4pF
VSOURCE = 1VP-P
RL = 10k
AV = 1
VS = ±5V, ±15V
PSRR+
PSRR-
TEMPERATURE (°C)
120
125
130
135
140
-40
-20
0
20
40
60
80
100
120
VS = ±15V
TEMPERATURE (°C)
120
125
130
135
140
-40
-20
0
20
40
60
80
100
120
VS = ±5V


Número de pieza similar - ISL28208FRTZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL28208FRTZ INTERSIL-ISL28208FRTZ Datasheet
1Mb / 26P
   40V Precision Single Supply Rail-Rail Output Low Power Operational Amplifiers
ISL28208FRTZ INTERSIL-ISL28208FRTZ Datasheet
1Mb / 32P
   40V Precision Single Supply Rail-Rail Output Low Power Operational Amplifiers
ISL28208FRTZ INTERSIL-ISL28208FRTZ Datasheet
1Mb / 34P
   40V Precision Single Supply Rail-to-Rail Output Low Power Operational Amplifiers
March 4, 2014
logo
Renesas Technology Corp
ISL28208FRTZ RENESAS-ISL28208FRTZ Datasheet
1Mb / 34P
   40V Precision Single Supply Rail-to-Rail Output Low Power Operational Amplifiers
More results

Descripción similar - ISL28208FRTZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL28108_1111 INTERSIL-ISL28108_1111 Datasheet
1Mb / 32P
   40V Precision Single Supply Rail-Rail Output Low Power Operational Amplifiers
ISL28108_1107 INTERSIL-ISL28108_1107 Datasheet
1Mb / 26P
   40V Precision Single Supply Rail-Rail Output Low Power Operational Amplifiers
logo
Renesas Technology Corp
ISL28118 RENESAS-ISL28118 Datasheet
1Mb / 29P
   40V Precision Single-Supply, Rail-to-rail Output, Low-power Operational Amplifiers
logo
Intersil Corporation
ISL28118 INTERSIL-ISL28118 Datasheet
1Mb / 23P
   40V Precision Single Supply Rail-to-Rail Output Low Power Operational Amplifiers
logo
Renesas Technology Corp
ISL28108 RENESAS-ISL28108 Datasheet
1Mb / 34P
   40V Precision Single Supply Rail-to-Rail Output Low Power Operational Amplifiers
logo
Intersil Corporation
ISL28118_1109 INTERSIL-ISL28118_1109 Datasheet
1Mb / 28P
   40V Precision Single-Supply, Rail-to-Rail Output, Low-Power Operational Amplifiers
ISL28118 INTERSIL-ISL28118_15 Datasheet
1Mb / 29P
   40V Precision Single-Supply, Rail-to-rail Output, Low-power Operational Amplifiers
July 27, 2015
ISL28108FBZ INTERSIL-ISL28108FBZ Datasheet
1Mb / 34P
   40V Precision Single Supply Rail-to-Rail Output Low Power Operational Amplifiers
March 4, 2014
ISL28118 INTERSIL-ISL28118_11 Datasheet
1Mb / 28P
   40V Precision Single-Supply, Rail-to-Rail Output, Low-Power
logo
Texas Instruments
OPA344 TI1-OPA344 Datasheet
1Mb / 30P
[Old version datasheet]   LOW POWER, SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com