Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MCH3106 Datasheet(PDF) 3 Page - Sanyo Semicon Device

No. de pieza MCH3106
Descripción Electrónicos  DC / DC Converter Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

MCH3106 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  MCH3106 Datasheet HTML 1Page - Sanyo Semicon Device MCH3106 Datasheet HTML 2Page - Sanyo Semicon Device MCH3106 Datasheet HTML 3Page - Sanyo Semicon Device MCH3106 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MCH3106
No.6861-3/4
100
10
f T -- IC
Collector Current, IC -- A
VCE(sat) -- IC
Collector Current, IC -- A
VCE(sat) -- IC
Collector Current, IC -- A
--0.1
--1.0
VBE(sat) -- IC
Collector Current, IC -- A
1000
100
10
1.0
Cob -- VCB
Collector-to-Base Voltage, VCB -- V
f=1MHz
7
5
3
2
1000
7
5
3
2
--0.01
--0.1
23
5 7
--1.0
23
5 7
--10
23
5 7
7
VCE= --2V
2
--0.001
--0.01
5
3
7
2
--0.1
5
3
7
2
--1.0
5
3
7
--0.01
23
5 7 --0.1
23
5 7 --1.0
--10
23
5 7
IC / IB=20
IC / IB=50
--0.01
--0.1
2
3
5
7
--1.0
2
3
5
7
--0.01
--0.1
23
5 7
--1.0
23
5 7
--10
23
5 7
7
5
3
2
7
5
3
2
7
5
3
2
--0.1
23
5
7 --1.0
23
5
7 --10
23
5
7
5
3
2
--10
7
5
3
2
--0.01
23
5 7 --0.1
23
5 7 --1.0
--10
23
5 7
IC / IB=50
IT02785
IT02781
IT02783
IT02782
IT02784
IT02787
0.2
0.4
0.6
0.8
0.9
1.0
1.2
0
PC -- Ta
0
20
40
60
80
100
120
140
160
Ambient Temperature, Ta --
°C
A S O
Mounted
on
a ceramic
board(600mm
2!
0.8mm)
IT02786
--0.1
--0.01
Collector-to-Emitter Voltage, VCE -- V
7
5
3
2
--1.0
7
5
3
2
--10
7
5
3
2
ICP= --5A
IC= --3A
500
µ
s
1ms
10ms
100ms
DC
operation
Ta=25
°C
Single pulse
Mounted on a ceramic board(600mm2!0.8mm)
--1.0
--0.1
23
5
7
--10
22
35
7


Número de pieza similar - MCH3106

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
MCH3106 SANYO-MCH3106 Datasheet
37Kb / 4P
   DC / DC Converter Applications
logo
ON Semiconductor
MCH3106 ONSEMI-MCH3106 Datasheet
372Kb / 7P
   Bipolar Transistor -12V, -3A, Low VCE(sat), PNP Single MCPH3
September, 2013
MCH3106-TL-E ONSEMI-MCH3106-TL-E Datasheet
372Kb / 7P
   Bipolar Transistor -12V, -3A, Low VCE(sat), PNP Single MCPH3
September, 2013
logo
Sanyo Semicon Device
MCH3106 SANYO-MCH3106_04 Datasheet
37Kb / 4P
   DC / DC Converter Applications
More results

Descripción similar - MCH3106

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
FP302 SANYO-FP302 Datasheet
124Kb / 4P
   DC-DC Converter Applications
FP303 SANYO-FP303 Datasheet
124Kb / 4P
   DC-DC Converter Applications
FSS216 SANYO-FSS216 Datasheet
146Kb / 4P
   DC/DC Converter Applications
CPH3206 SANYO-CPH3206 Datasheet
41Kb / 4P
   DC/DC Converter Applications
CPH5501 SANYO-CPH5501 Datasheet
58Kb / 6P
   DC/DC Converter Applications
CPH5704 SANYO-CPH5704 Datasheet
53Kb / 5P
   DC/DC Converter Applications
CPH6501 SANYO-CPH6501 Datasheet
30Kb / 4P
   DC / DC Converter Applications
CPH6801 SANYO-CPH6801 Datasheet
56Kb / 5P
   DC/DC Converter Applications
CPH3109 SANYO-CPH3109 Datasheet
55Kb / 5P
   DC/DC Converter Applications
MCH6103 SANYO-MCH6103 Datasheet
49Kb / 5P
   DC/DC Converter Applications
2SA2044 SANYO-2SA2044 Datasheet
37Kb / 5P
   DC / DC Converter Applications
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com