Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N60A Datasheet(PDF) 6 Page - Unisonic Technologies

No. de pieza 1N60A
Descripción Electrónicos  0.5 Amps, 600/650 Volts N-CHANNEL MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  UTC [Unisonic Technologies]
Página de inicio  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

1N60A Datasheet(HTML) 6 Page - Unisonic Technologies

  1N60A_09 Datasheet HTML 1Page - Unisonic Technologies 1N60A_09 Datasheet HTML 2Page - Unisonic Technologies 1N60A_09 Datasheet HTML 3Page - Unisonic Technologies 1N60A_09 Datasheet HTML 4Page - Unisonic Technologies 1N60A_09 Datasheet HTML 5Page - Unisonic Technologies 1N60A_09 Datasheet HTML 6Page - Unisonic Technologies 1N60A_09 Datasheet HTML 7Page - Unisonic Technologies 1N60A_09 Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
1N60A
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
6 of 8
www.unisonic.com.tw
QW-R502-091,E
TYPICAL CHARACTERISTICS
100
101
100
Drain-Source Voltage, VDS (V)
Output Characteristics
250μs Pulse Test
TC=25°C
10-1
VGS
Top: 15.0V
10.0V
8.0V
7.0V
6.0V
5.5V
5V
Bottorm:4.5V
100
10-1
2
Gate-Source Voltage, VGS (V)
Transfer Characteristics
46
8
10
VDS=50V
250μs Pulse Test
4.5V
0
0.0
Drain Current, ID (A)
0.5
1.0
2.5
VGS=10V
TJ=25°C
VGS=20V
1.5
2.0
5
10
15
25
30
On-Resistance vs. Drain Current
20
100
10-1
0.2
Source-Drain Voltage, VSD (V)
Source- Drain Diode Forward Voltage
1.6
0.4
0.6
0.8
1.0
1.2
1.4
VGS=0V
250μs Pulse Test
200
0
10-1
Drain-SourceVoltage, VDS (V)
Capacitance vs. Drain-Source Voltage
150
50
100
100
101
VGS=0V
f = 1MHz
CISS=CGS+CGD
(CDS=shorted)
COSS=CDS+CGD
CRSS=CGD
CRSS
CISS
COSS
0
Total Gate Charge, QG (nC)
2
4
10
ID=1.0A
6
8
8
10
12
Gate Charge vs. Gate-Source Voltage
6
4
2
0
VDS=480V
VDS=300V
VDS=120V


Número de pieza similar - 1N60A_09

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Unisonic Technologies
1N60AG-AA3-R UTC-1N60AG-AA3-R Datasheet
240Kb / 7P
   N-CHANNEL POWER MOSFET
1N60AG-T92-B UTC-1N60AG-T92-B Datasheet
218Kb / 8P
   0.5A, 600V N-CHANNEL POWER MOSFET
1N60AG-T92-B UTC-1N60AG-T92-B Datasheet
240Kb / 7P
   N-CHANNEL POWER MOSFET
1N60AG-T92-K UTC-1N60AG-T92-K Datasheet
218Kb / 8P
   0.5A, 600V N-CHANNEL POWER MOSFET
1N60AG-T92-K UTC-1N60AG-T92-K Datasheet
240Kb / 7P
   N-CHANNEL POWER MOSFET
More results

Descripción similar - 1N60A_09

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Unisonic Technologies
1N60A UTC-1N60A Datasheet
139Kb / 8P
   0.5 Amps, 600 Volts N-CHANNEL MOSFET
6N60 UTC-6N60_10 Datasheet
249Kb / 6P
   6.2 Amps, 600/650 Volts N-CHANNEL MOSFET
7N60A UTC-7N60A Datasheet
297Kb / 7P
   7 Amps, 600/650 Volts N-CHANNEL MOSFET
7N60Z UTC-7N60Z Datasheet
194Kb / 6P
   7.4 Amps, 600/650 Volts N-CHANNEL MOSFET
7N60L UTC-7N60L Datasheet
182Kb / 7P
   7.4 Amps, 600/650 Volts N-CHANNEL MOSFET
12N60 UTC-12N60_10 Datasheet
358Kb / 7P
   12 Amps, 600/650 Volts N-CHANNEL MOSFET
12N60 UTC-12N60 Datasheet
235Kb / 6P
   12 Amps, 600/650 Volts N-CHANNEL MOSFET
1N60 UTC-1N60_10 Datasheet
275Kb / 6P
   1.2 Amps, 600/650 Volts N-CHANNEL MOSFET
6N60 UTC-6N60 Datasheet
141Kb / 7P
   6.2 Amps, 600/650 Volts N-CHANNEL MOSFET
5N60 UTC-5N60_10 Datasheet
242Kb / 6P
   4.5 Amps, 600/650 Volts N-CHANNEL MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com