Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SB05-05P Datasheet(PDF) 2 Page - Sanyo Semicon Device

No. de pieza SB05-05P
Descripción Electrónicos  50V, 500mA Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

SB05-05P Datasheet(HTML) 2 Page - Sanyo Semicon Device

  SB05-05P Datasheet HTML 1Page - Sanyo Semicon Device SB05-05P Datasheet HTML 2Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SB05-05P
PS No.2999-2/2
No products described or contained herein are intended for use in surgical implants, life-support systems,
aerospace equipment, nuclear power control systems, vehicles, disaster/crime-prevention equipment and
the like, the failure of which may directly or indirectly cause injury, death or property loss.
Anyone purchasing any products described or contained herein for an above-mentioned use shall:
Accept full responsibility and indemnify and defend SANYO ELECTRIC CO., LTD., its affiliates,
subsidiaries and distributors and all their officers and employees, jointly and severally, against any
and all claims and litigation and all damages, cost and expenses associated with such use:
Not impose any responsibilty for any fault or negligence which may be cited in any such claim or
litigation on SANYO ELECTRIC CO., LTD., its affiliates, subsidiaries and distributors or any of
their officers and employees jointly or severally.
Information (including circuit diagrams and circuit parameters) herein is for example only; it is not guarant-
eed for volume production. SANYO believes information herein is accurate and reliable, but no guarantees
are made or implied regarding its use or any infringements of intellectual property rights or other rights of
third parties.
This catalog provides information as of March, 1998. Specifications and information herein are subject to
change without notice.


Número de pieza similar - SB05-05P

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
SB05-05P ONSEMI-SB05-05P Datasheet
324Kb / 6P
   Schottky Barrier Diode
September, 2013
logo
Sanyo Semicon Device
SB05-05P-TD-E SANYO-SB05-05P-TD-E Datasheet
427Kb / 6P
   50V, 500mA Rectifier
logo
ON Semiconductor
SB05-05P-TD-E ONSEMI-SB05-05P-TD-E Datasheet
324Kb / 6P
   Schottky Barrier Diode
September, 2013
logo
Sanyo Semicon Device
SB05-05P SANYO-SB05-05P_12 Datasheet
427Kb / 6P
   50V, 500mA Rectifier
More results

Descripción similar - SB05-05P

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
SB05-05NP SANYO-SB05-05NP Datasheet
60Kb / 2P
   50V, 500mA Rectifier
SB05W05P SANYO-SB05W05P Datasheet
59Kb / 2P
   50V, 500mA Rectifier?
SB05-05CP SANYO-SB05-05CP Datasheet
58Kb / 2P
   50V, 500mA Rectifier
SB05-05P SANYO-SB05-05P_12 Datasheet
427Kb / 6P
   50V, 500mA Rectifier
SB05W05C SANYO-SB05W05C Datasheet
59Kb / 2P
   50V, 500mA Rectifier?
SB05W05V SANYO-SB05W05V Datasheet
67Kb / 2P
   50V, 500mA Rectifier
SB05-05C SANYO-SB05-05C Datasheet
48Kb / 3P
   50V, 500mA Rectifier
logo
Rohm
DTD113ZK ROHM-DTD113ZK_09 Datasheet
145Kb / 4P
   500mA / 50V Digital transistors
DTB123EK ROHM-DTB123EK_15 Datasheet
911Kb / 9P
   -500mA/-50V Digital transistor
DTB113EC ROHM-DTB113EC Datasheet
1Mb / 8P
   -500mA/-50V Digital transistor
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com