Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SD1804G-X-TN3-R Datasheet(PDF) 2 Page - Unisonic Technologies

No. de pieza 2SD1804G-X-TN3-R
Descripción Electrónicos  HIGH CURRENT SWITCHING APPLICATION
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  UTC [Unisonic Technologies]
Página de inicio  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SD1804G-X-TN3-R Datasheet(HTML) 2 Page - Unisonic Technologies

  2SD1804G-X-TN3-R Datasheet HTML 1Page - Unisonic Technologies 2SD1804G-X-TN3-R Datasheet HTML 2Page - Unisonic Technologies 2SD1804G-X-TN3-R Datasheet HTML 3Page - Unisonic Technologies 2SD1804G-X-TN3-R Datasheet HTML 4Page - Unisonic Technologies 2SD1804G-X-TN3-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2SD1804
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 5
www.unisonic.com.tw
QW-R209-006,D
ABSOLUTE MAXIMUM RATING (Ta=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Collector-Base Voltage
VCBO
60
V
Collector-Emitter Voltage
VCEO
50
V
Emitter-Base Voltage
VEBO
6
V
Ta=25°C
1
W
Collector Dissipation
TC=25°C
PD
20
W
Collector Current
IC
8
A
Collector Current(PULSE)
IC(PULSE)
12
A
Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-55~+150
°C
Note Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (Ta=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
Collector-Base Breakdown Voltage
BVCBO
IC=10μA, IE=0
60
V
Collector-Emitter Breakdown Voltage
BVCEO
IC=1mA, RBE=∞
50
V
Emitter-Base Breakdown Voltage
BVEBO
IE=10μA, IC=0
6
V
Collector Cutoff Current
ICBO
VCB=40V, IE=0
1
μA
Emitter Cutoff Current
IEBO
VEB=4V, IC=0
1
μA
hFE1
VCE=2V, IC=0.5A
70
400
DC Current Gain
hFE2
VCE=2V, IC=6A
35
Gain-Bandwidth Product
fT
VCE=5V, IC=1A
180
MHz
Output Capacitance
Cob
VCE=10V, f=1MHz
65
pF
Collector-Emitter Saturation Voltage
VCE(SAT) IC=4A, IB=0.2A
200
400
mV
Base-Emitter Saturation Voltage
VBE(SAT)
IC=4A, IB=0.2A
0.95
1.3
V
Storage Time
tSTG
See test circuit
500
ns
Fall Time
tF
See test circuit
20
ns
CLASSIFICATION OF hFE1
RANK
Q
R
S
T
RANGE
70-140
100-200
140-280
200-400


Número de pieza similar - 2SD1804G-X-TN3-R

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Unisonic Technologies
2SD1804G-X-TN3-R UTC-2SD1804G-X-TN3-R Datasheet
217Kb / 5P
   HIGH CURRENT SWITCHING APPLICATIONS
More results

Descripción similar - 2SD1804G-X-TN3-R

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Unisonic Technologies
2SD1802 UTC-2SD1802 Datasheet
300Kb / 4P
   HIGH CURRENT SWITCHING APPLICATION
2SD1803 UTC-2SD1803 Datasheet
127Kb / 5P
   HIGH CURRENT SWITCHING APPLICATION
2SD1802 UTC-2SD1802_11 Datasheet
179Kb / 3P
   HIGH CURRENT SWITCHING APPLICATION
2SA1012 UTC-2SA1012_10 Datasheet
327Kb / 4P
   HIGH CURRENT SWITCHING APPLICATION
2SB1202 UTC-2SB1202_15 Datasheet
266Kb / 5P
   HIGH CURRENT SWITCHING APPLICATION
2SB1202 UTC-2SB1202 Datasheet
109Kb / 5P
   HIGH CURRENT SWITCHING APPLICATION
2SA1012 UTC-2SA1012 Datasheet
111Kb / 4P
   HIGH CURRENT SWITCHING APPLICATION
2SB1202 UTC-2SB1202_10 Datasheet
266Kb / 5P
   HIGH CURRENT SWITCHING APPLICATION
2SD1624 UTC-2SD1624_11 Datasheet
240Kb / 5P
   HIGH CURRENT SWITCHING APPLICATION
2SD1803 UTC-2SD1803_10 Datasheet
181Kb / 5P
   HIGH CURRENT SWITCHING APPLICATION
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com