Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SB10-03A3 Datasheet(PDF) 2 Page - Sanyo Semicon Device

No. de pieza SB10-03A3
Descripción Electrónicos  30V, 1.0A Rectifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

SB10-03A3 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  SB10-03A3 Datasheet HTML 1Page - Sanyo Semicon Device SB10-03A3 Datasheet HTML 2Page - Sanyo Semicon Device SB10-03A3 Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SB10-03A2/SB10-03A3
No.2929-2/3
Ambient Temperature, Ta – °C
Forward Voltage, VF – V
Average Rectified Current, Io – A
Number of Cycles at 50Hz, n
Reverse Voltage, VR – V
Reverse Voltage, VR – V
Reverse Voltage, VR – V
Ambient Temperature, Ta – °C


Número de pieza similar - SB10-03A3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
SB10-03A3 ONSEMI-SB10-03A3 Datasheet
724Kb / 3P
   Schottky Rectifier
July, 2013
More results

Descripción similar - SB10-03A3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
SB1003M3 SANYO-SB1003M3 Datasheet
32Kb / 3P
   Schottky Barrier Diode 30V, 1.0A Rectifier
SBE807 SANYO-SBE807 Datasheet
56Kb / 3P
   Schottky Barrier Diode 30V, 1.0A Rectifier
logo
Rohm
QS6K1 ROHM-QS6K1 Datasheet
80Kb / 4P
   Switching (30V, 1.0A)
logo
Sanyo Semicon Device
SBS814 SANYO-SBS814 Datasheet
37Kb / 4P
   Low VF Schottky Barrier Diode 30V, 1.0A Rectifier
logo
Rohm
2SC5874S ROHM-2SC5874S Datasheet
98Kb / 4P
   Medium power transistor (30V, 1.0A)
2SC5730 ROHM-2SC5730 Datasheet
57Kb / 4P
   Medium power transistor (30V, 1.0A)
logo
Diodes Incorporated
1N4001 DIODES-1N4001 Datasheet
59Kb / 2P
   1.0A RECTIFIER
DS28002 Rev. E-2
logo
Rohm
2SA2048 ROHM-2SA2048 Datasheet
44Kb / 4P
   Medium power transistor (-30V, -1.0A)
2SA2048K ROHM-2SA2048K Datasheet
43Kb / 4P
   Medium power transistor (-30V, -1.0A)
2SAR293P5 ROHM-2SAR293P5 Datasheet
1Mb / 8P
   Middle Power Transistors (-30V / -1.0A)
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com