Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SB40-03T Datasheet(PDF) 3 Page - Sanyo Semicon Device

No. de pieza SB40-03T
Descripción Electrónicos  30V, 4A Rectifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

SB40-03T Datasheet(HTML) 3 Page - Sanyo Semicon Device

  SB40-03T Datasheet HTML 1Page - Sanyo Semicon Device SB40-03T Datasheet HTML 2Page - Sanyo Semicon Device SB40-03T Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SB40-03T
PS No.4566-3/3
No products described or contained herein are intended for use in surgical implants, life-support systems,
aerospace equipment, nuclear power control systems, vehicles, disaster/crime-prevention equipment and
the like, the failure of which may directly or indirectly cause injury, death or property loss.
Anyone purchasing any products described or contained herein for an above-mentioned use shall:
Accept full responsibility and indemnify and defend SANYO ELECTRIC CO., LTD., its affiliates,
subsidiaries and distributors and all their officers and employees, jointly and severally, against any
and all claims and litigation and all damages, cost and expenses associated with such use:
Not impose any responsibilty for any fault or negligence which may be cited in any such claim or
litigation on SANYO ELECTRIC CO., LTD., its affiliates, subsidiaries and distributors or any of
their officers and employees jointly or severally.
Information (including circuit diagrams and circuit parameters) herein is for example only; it is not guarant-
eed for volume production. SANYO believes information herein is accurate and reliable, but no guarantees
are made or implied regarding its use or any infringements of intellectual property rights or other rights of
third parties.
This catalog provides information as of April, 1998. Specifications and information herein are subject to
change without notice.


Número de pieza similar - SB40-03T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
SB40-05 SANYO-SB40-05 Datasheet
73Kb / 3P
   50V, 4A Rectifier
SB40-05 SANYO-SB40-05 Datasheet
73Kb / 3P
   50V, 4A Rectifier
SB40-05H SANYO-SB40-05H Datasheet
73Kb / 3P
   50V, 4A Rectifier
SB40-05J SANYO-SB40-05J Datasheet
73Kb / 3P
   50V, 4A Rectifier
More results

Descripción similar - SB40-03T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
SB40W03T SANYO-SB40W03T Datasheet
75Kb / 3P
   30V, 4A Rectifier
logo
Rohm
RRR040P03FRA ROHM-RRR040P03FRA Datasheet
783Kb / 14P
   Pch -30V -4A Power MOSFET
RRH040P03TB1 ROHM-RRH040P03TB1 Datasheet
561Kb / 12P
   Pch -30V -4A Power MOSFET
logo
New Japan Radio
NJW4800 NJRC-NJW4800 Datasheet
218Kb / 16P
   30V/4A Half Bridge Driver
logo
Rohm
RTR040N03HZG ROHM-RTR040N03HZG Datasheet
2Mb / 15P
   Nch 30V 4A Small Signal MOSFET
RQ5E040AJ ROHM-RQ5E040AJ Datasheet
2Mb / 12P
   Nch 30V 4A Middle Power MOSFET
RRR040P03HZG ROHM-RRR040P03HZG Datasheet
2Mb / 15P
   Pch -30V -4A Small Signal MOSFET
RQ5E040RP ROHM-RQ5E040RP Datasheet
1Mb / 14P
   Pch -30V -4A Small Signal MOSFET
20170613 - Rev.002
logo
TAITRON Components Inco...
TL400 TAITRON-TL400 Datasheet
140Kb / 5P
   4A Bridge Rectifier
logo
Sanyo Semicon Device
SB40-05J SANYO-SB40-05J Datasheet
73Kb / 3P
   50V, 4A Rectifier
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com