Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FAN3111E Datasheet(PDF) 1 Page - Fairchild Semiconductor

No. de pieza FAN3111E
Descripción Electrónicos  Application Review and Comparative Evaluation of Low-Side Gate Drivers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN3111E Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FAN3111E Datasheet HTML 1Page - Fairchild Semiconductor FAN3111E Datasheet HTML 2Page - Fairchild Semiconductor FAN3111E Datasheet HTML 3Page - Fairchild Semiconductor FAN3111E Datasheet HTML 4Page - Fairchild Semiconductor FAN3111E Datasheet HTML 5Page - Fairchild Semiconductor FAN3111E Datasheet HTML 6Page - Fairchild Semiconductor FAN3111E Datasheet HTML 7Page - Fairchild Semiconductor FAN3111E Datasheet HTML 8Page - Fairchild Semiconductor FAN3111E Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
www.fairchildsemi.com
© 2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
Rev. 1.0.3 • 1/6/10
AN-6069
Application Review and Comparative Evaluation
of Low-Side Gate Drivers
Summary
Power MOSFETs require a gate drive circuit to translate the
on/off signals from an analog or digital controller into the
power signals necessary to control the MOSFET. This paper
provides details of MOSFET switching action in
applications with clamped inductive load, when used as a
secondary synchronous rectifier, and driving pulse/gate
drive transformers. Potential driver solutions, including
discrete and integrated driver designs, are discussed.
MOSFET driver datasheet current ratings are examined and
circuits are presented to assist with evaluating the
performance of drivers on the lab bench.
Introduction
In many low-to-medium power applications, a low-side
(ground referenced) MOSFET is driven by the output pin of
a PWM control IC to switch an inductive load. This solution
is acceptable if the PWM output circuitry can drive the
MOSFET with acceptable switching times without
dissipating excessive power. As the system power
requirements grow, the number of switches and associated
drive circuitry increases. As control circuit complexity
increases, it is becoming more common for IC
manufacturers to omit onboard drivers because of grounding
and noise problems.
Synchronous rectifiers (SRs) are increasingly used to replace
standard rectifiers when high efficiency and increased power
density are important. It is common for isolated power
stages delivering tens of amps to parallel two or more low-
resistance MOSFETs in each rectifying leg, and these
devices require current pulses reaching several amps to
switch the devices in the sub-100ns timeframe desired.
External drivers can provide these high-current pulses and a
means to implement timing to eliminate shoot-through and
optimize efficiency to control the SR operation. In addition,
drivers can translate logic control voltages to the most
effective MOSFET drive level.
Low-side drivers are also used to drive transformers, which
provide isolated MOSFET gate drive circuits or
communication across the power supply isolation boundary.
In these applications, a driver is required to handle concerns
specific to transformer drive, discussed later.
Low-side drivers may seem a mundane topic; several papers
have been written on the subject. Though often presented as
an ideal voltage source that can source or sink current
determined by the circuit’s series impedance, the current
available from a driver is, in fact, limited by the discrete or
integrated circuit design. This note reviews the basic
requirements of drivers from an application viewpoint, then
investigates methods for testing and evaluating the current
capability of drivers on the lab bench.
Clamped Inductive Switching
The simplified boost converter in Figure 1 provides the
schematic for a typical power circuit with a clamped
inductive load. When the MOSFET Q is turned on, the input
voltage VIN is applied across inductor L and the current
ramps up in a linear fashion to store energy in the inductor.
When the MOSFET turns off, the inductor current flows
through diode D1 and delivers energy to COUT and RLOAD at
voltage VDC. The inductor is assumed large enough to
maintain current constant during the switching interval.
VDC
L
VDD
VIN
RG
CBYP
VOUT
D1
Q
RLOAD
COUT
IG
Figure 1.
Simplified Boost Converter


Número de pieza similar - FAN3111E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FAN3111E FAIRCHILD-FAN3111E Datasheet
1Mb / 18P
   Single 1A High-Speed, Low-Side Gate Driver
FAN3111E FAIRCHILD-FAN3111E Datasheet
1Mb / 18P
   Dual-4A, High-Speed, Low-Side Gate Drivers
FAN3111E FAIRCHILD-FAN3111E Datasheet
1Mb / 18P
   Dual-2A, High-Speed, Low-Side Gate Drivers
FAN3111E FAIRCHILD-FAN3111E Datasheet
1Mb / 25P
   Dual 4A High-Speed, Low-Side Gate Drivers
FAN3111E FAIRCHILD-FAN3111E Datasheet
1Mb / 25P
   Dual 2A High-Speed, Low-Side Gate Drivers
More results

Descripción similar - FAN3111E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM5100A TI1-LM5100A_15 Datasheet
1Mb / 37P
[Old version datasheet]   High-Voltage, High-Side and Low-Side Gate Drivers
logo
Diodes Incorporated
DGD2110 DIODES-DGD2110_V01 Datasheet
1Mb / 12P
   HIGH-SIDE AND LOW-SIDE GATE DRIVERS IN SO-16
Rev. 5 - 2 October 2019
logo
Texas Instruments
LM5100AM_NOPB TI1-LM5100AM_NOPB Datasheet
1Mb / 28P
[Old version datasheet]   3A, 2A and 1A High Voltage High-Side and Low-Side Gate Drivers
logo
National Semiconductor ...
LM5100B NSC-LM5100B Datasheet
812Kb / 15P
   3A, 2A and 1A High Voltage High-Side and Low-Side Gate Drivers
logo
Diodes Incorporated
DGD2110 DIODES-DGD2110 Datasheet
1Mb / 12P
   HIGH-SIDE AND LOW-SIDE GATE DRIVERS IN SO-16 (TYPE TH)
logo
Fairchild Semiconductor
FAN3213 FAIRCHILD-FAN3213 Datasheet
1Mb / 18P
   Dual-4A, High-Speed, Low-Side Gate Drivers
FAN3223 FAIRCHILD-FAN3223_11 Datasheet
1Mb / 25P
   Dual 4A High-Speed, Low-Side Gate Drivers
FAN3226 FAIRCHILD-FAN3226_11 Datasheet
1Mb / 25P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3226 FAIRCHILD-FAN3226 Datasheet
1Mb / 24P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3223 FAIRCHILD-FAN3223_12 Datasheet
1Mb / 24P
   Dual 4A High-Speed, Low-Side Gate Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com