Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FAN6208 Datasheet(PDF) 7 Page - Fairchild Semiconductor

No. de pieza FAN6208
Descripción Electrónicos  Secondary-Side Synchronous Rectifier (SR) for LLC Resonant Converter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN6208 Datasheet(HTML) 7 Page - Fairchild Semiconductor

Back Button FAN6208 Datasheet HTML 2Page - Fairchild Semiconductor FAN6208 Datasheet HTML 3Page - Fairchild Semiconductor FAN6208 Datasheet HTML 4Page - Fairchild Semiconductor FAN6208 Datasheet HTML 5Page - Fairchild Semiconductor FAN6208 Datasheet HTML 6Page - Fairchild Semiconductor FAN6208 Datasheet HTML 7Page - Fairchild Semiconductor FAN6208 Datasheet HTML 8Page - Fairchild Semiconductor FAN6208 Datasheet HTML 9Page - Fairchild Semiconductor FAN6208 Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
AN-6208
APPLICATION NOTE
© 2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
Rev. 1.0.1 • 3/10/11
7
Design Example
The following example is a 12V/300W single output power
supply with LLC resonant converter topology. As Figure 19
shows, the FAN7621 controller is used for the LLC resonant
converter. The integrated CCM PFC controller FAN6982 is
used for PFC stage.
The key system parameters are listed in Table 1 and the Bill
of Materials (BOM) is summarized in Table 2.
The two-level PFC output voltage function of FAN6982 is
used where the typical PFC output voltage is 390V. The
PFC output voltage is reduced to 360V for low-line and
light-load condition to improve efficiency of the PFC stage.
The typical switching frequency (fs) is 65kHz for PFC stage.
Table 1.
System Specification
Input Voltage Range
90~264VAC
PFC Output
360~390VDC
PFC Controller
FAN6982
Main power Controller
FAN7621
Output Voltage (Vo)
12V
Output Power (Po)
300W
PFC Switching Frequency
65kHz
LLC resonant converter Switching Frequency
60~140kHz
The turn ratio n of TX1 is 13.5, Lm is 1.2mH, Lr is 150 H,
and Cr is 47nH. 1N4148 is used for D201 & D202 whose
voltage rating is 100V. 27k
is used for R204 (RRP) for the
Low-Frequency Mode setting.
Figure 19.Complete Circuit Diagram


Número de pieza similar - FAN6208

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FAN6208 FAIRCHILD-FAN6208 Datasheet
1Mb / 18P
   Secondary-Side Synchronous Rectifier Controller
FAN6208MY FAIRCHILD-FAN6208MY Datasheet
1Mb / 18P
   Secondary-Side Synchronous Rectifier Controller
FAN6208MY FAIRCHILD-FAN6208MY_12 Datasheet
1Mb / 18P
   Secondary-Side Synchronous Rectifier Controller for LLC Topology
FAN6208 FAIRCHILD-FAN6208_12 Datasheet
1Mb / 18P
   Secondary-Side Synchronous Rectifier Controller for LLC Topology
More results

Descripción similar - FAN6208

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
FAN7688 ONSEMI-FAN7688 Datasheet
1Mb / 32P
   Advanced Secondary Side LLC Resonant Converter
November 2015 Rev. 1.3
NCP4390 ONSEMI-NCP4390 Datasheet
694Kb / 30P
   Advanced Secondary Side LLC Resonant Converter Controller with Synchronous Rectifier Control
June, 2020 ??Rev. 1
NCP4390 ONSEMI-NCP4390_V01 Datasheet
769Kb / 30P
   Advanced Secondary Side LLC Resonant Converter Controller with Synchronous Rectifier Control
November, 2021 - Rev. 2
logo
STMicroelectronics
AN3303 STMICROELECTRONICS-AN3303 Datasheet
2Mb / 27P
   Secondary-side rectification for an LLC resonant converter
logo
ON Semiconductor
NCV4390 ONSEMI-NCV4390 Datasheet
776Kb / 30P
   Automotive Advanced Secondary Side LLC Resonant Converter Controller with Synchronous Rectifier Control
June, 2020 ??Rev. 1
NCV4390 ONSEMI-NCV4390_V01 Datasheet
765Kb / 30P
   Automotive Advanced Secondary Side LLC Resonant Converter Controller with Synchronous Rectifier Control
November, 2021 ??Rev. 2
logo
Fairchild Semiconductor
FAN6208 FAIRCHILD-FAN6208_12 Datasheet
1Mb / 18P
   Secondary-Side Synchronous Rectifier Controller for LLC Topology
logo
ON Semiconductor
FAN6248HC ONSEMI-FAN6248HC Datasheet
281Kb / 15P
   Advanced Synchronous Rectifier Controller for LLC Resonant Converter
January, 2018 ??Rev. 2
NCP4318 ONSEMI-NCP4318 Datasheet
1Mb / 22P
   Advanced Synchronous Rectifier Controller for LLC Resonant Converter
March, 2021 ??Rev. 1
logo
STMicroelectronics
SRK2001 STMICROELECTRONICS-SRK2001 Datasheet
446Kb / 22P
   Adaptive synchronous rectification controller for LLC resonant converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com