Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FFPF10H60S Datasheet(PDF) 8 Page - Fairchild Semiconductor

No. de pieza FFPF10H60S
Descripción Electrónicos  Power Factor Correction Converter Design
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FFPF10H60S Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button FFPF10H60S Datasheet HTML 4Page - Fairchild Semiconductor FFPF10H60S Datasheet HTML 5Page - Fairchild Semiconductor FFPF10H60S Datasheet HTML 6Page - Fairchild Semiconductor FFPF10H60S Datasheet HTML 7Page - Fairchild Semiconductor FFPF10H60S Datasheet HTML 8Page - Fairchild Semiconductor FFPF10H60S Datasheet HTML 9Page - Fairchild Semiconductor FFPF10H60S Datasheet HTML 10Page - Fairchild Semiconductor FFPF10H60S Datasheet HTML 11Page - Fairchild Semiconductor FFPF10H60S Datasheet HTML 12Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
AN-6982
APPLICATION NOTE
© 2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
Rev. 1.0.0 • 6/8/10
8
[STEP-3] PFC Inductor Design
The duty cycle of boost switch at the peak of line voltage is
given as:
2
BOUT
LINE
LP
BOUT
VV
D
V
=
(15)
Then the current ripple of the boost inductor at the peak of
line voltage is given as:
22
1
LINE
BOUT
LINE
L
BOOST
BOUT
SW
VV
V
I
L
Vf
Δ=
(16)
The average of boost inductor current over one switching
cycle at the peak of the line voltage is given as:
.
2
OUT
LAVG
LINE
P
I
V
η
=
(17)
The ripple factor (KRF), the ratio between the inductor
current ripple and average inductor current at the peak of
line voltage load is given as:
2
.
2
1
LINE
BOUT
LINE
L
RF
L AVG
OUT
BOOST
BOUT
SW
VV
V
I
K
I
PL
V
f
η ⋅−
Δ
==
(18)
As depicted in Figure 15, the ripple factor has the
maximum value when the line voltage is:
.
2
3
BOUT
LINE MRF
V
V
=
(19)
IL
.
L AVG
I
.
L AVG
I
Δ
.
L
RF
LAVG
I
K
I
Δ
=
85VAC
264VAC
2/ 3
BOUT
V
Figure 15. Ripple Factor with Different Line Voltages
Therefore,
with
a
given
current
ripple
factor
(KRF=ΔIL/ILAVG), the boost inductor value is obtained as:
2
2
1
27
η
=⋅
BOUT
BOOST
RF
OUT
SW
V
L
K
Pf
(20)
(Design Example)
The largest ripple factor is
obtained at a line voltage as:
2
2 387
182
33
BOUT
LINE
AC
V
VV
==
=
With the ripple current specification (50%), the boost
inductor is obtained as:
2
2
3
2
12 387 0.94
1
27
0.5 350
27 65 10
916
η
μ
⋅⋅
=⋅
=
⋅⋅
⋅×
=
BOUT
BOOST
RF
OUT
SW
V
L
KP
f
H
The inductor current ripple at low line is obtained as:
63
22
1
285
387
285
1
1.39
387
916 10
65 10
LINE
BOUT
LINE
L
BOOST
BOUT
SW
VV
V
I
LV
f
A
Δ=
⋅−
=⋅
=
××
The average inductor current at the peak of the line
voltage for low line is obtained as:
.
.
2
2 350
6.19
85 0.94
η
==
=
⋅⋅
OUT
LAVG
LINE MIN
P
I
A
V
The maximum of the inductor current at low line is
obtained as:
.
/ 2 6.19 1.39 / 2 6.89
PK
LL AVG
L
I
II
A
=+ Δ
=
+
=
[STEP-4] PFC Output Capacitor Selection
The output voltage ripple should be considered when
selecting the PFC output capacitor. Figure 16 shows the
twice line frequency ripple on the output voltage. With a
given specification of output ripple, the condition for the
output capacitor is obtained as:
,
2
BOUT
BOUT
LINE
BOUT RIPPLE
I
C
fV
π
>
⋅⋅
(21)
where IBOUT is nominal output current of boost PFC stage
and VBOUT,RIPPLE is the peak-to-peak output voltage ripple
specification.
The hold-up time also should be considered when
determining the output capacitor as:
22
,
2
OUT
HOLD
BOUT
BOUT
BOUT MIN
Pt
C
VV
>
(22)
where POUT is nominal output power of boost PFC stage,
tHOLD is the required hold-up time, and VBOUT,MIN is the
allowable minimum PFC output voltage during hold-up time.


Número de pieza similar - FFPF10H60S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FFPF10H60S FAIRCHILD-FFPF10H60S Datasheet
164Kb / 5P
   Hyperfast Recovery Power Rectifier
FFPF10H60S FAIRCHILD-FFPF10H60S Datasheet
130Kb / 5P
   Hyperfast 2 Rectifier
FFPF10H60S FAIRCHILD-FFPF10H60S Datasheet
620Kb / 17P
   PFCPWM Combination Controller
FFPF10H60STU FAIRCHILD-FFPF10H60STU Datasheet
164Kb / 5P
   Hyperfast Recovery Power Rectifier
FFPF10H60STU FAIRCHILD-FFPF10H60STU Datasheet
130Kb / 5P
   Hyperfast 2 Rectifier
More results

Descripción similar - FFPF10H60S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
AN4107 FAIRCHILD-AN4107 Datasheet
491Kb / 14P
   Design of Power Factor Correction
AN-6026 FAIRCHILD-AN-6026 Datasheet
352Kb / 23P
   Design of Power Factor Correction Circuit
AN4121 FAIRCHILD-AN4121 Datasheet
130Kb / 22P
   Design of Power Factor Correction Circuit
AN-6027 FAIRCHILD-AN-6027 Datasheet
422Kb / 16P
   Design of Power Factor Correction Circuit
logo
Emerson Network Power
LPT80 EMERSON-NETWORKPOWER-LPT80 Datasheet
281Kb / 3P
   Power Factor Correction
logo
EPCOS
B25667B4287A375 EPCOS-B25667B4287A375 Datasheet
136Kb / 3P
   Power Factor Correction
B25667B4497A375 EPCOS-B25667B4497A375 Datasheet
125Kb / 3P
   Power Factor Correction
B25667B5197A375 EPCOS-B25667B5197A375 Datasheet
100Kb / 3P
   Power Factor Correction
B25667B5217A175 EPCOS-B25667B5217A175 Datasheet
131Kb / 3P
   Power Factor Correction
B25667B3497A375 EPCOS-B25667B3497A375_05 Datasheet
103Kb / 3P
   Power Factor Correction
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com