Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FFP08S60S Datasheet(PDF) 1 Page - Fairchild Semiconductor

No. de pieza FFP08S60S
Descripción Electrónicos  PFCPWM Combination Controller
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FFP08S60S Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FFP08S60S Datasheet HTML 1Page - Fairchild Semiconductor FFP08S60S Datasheet HTML 2Page - Fairchild Semiconductor FFP08S60S Datasheet HTML 3Page - Fairchild Semiconductor FFP08S60S Datasheet HTML 4Page - Fairchild Semiconductor FFP08S60S Datasheet HTML 5Page - Fairchild Semiconductor FFP08S60S Datasheet HTML 6Page - Fairchild Semiconductor FFP08S60S Datasheet HTML 7Page - Fairchild Semiconductor FFP08S60S Datasheet HTML 8Page - Fairchild Semiconductor FFP08S60S Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
www.fairchildsemi.com
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
Rev. 1.0.0 • 8/26/09
AN-8027
FAN480X PFC+PWM Combination Controller Application
FAN4800A / FAN4800C / FAN4801 / FAN4802 / FAN4802L
Introduction
This application note describes step-by-step design
considerations for a power supply using the FAN480X
controller. The FAN480X combines a PFC controller and
a PWM controller. The PFC controller employs average
current mode control for Continuous Conduction Mode
(CCM) boost converter in the front end. The PWM
controller can be used in either current mode or voltage
mode for the downstream converter. In voltage mode,
feed-forward from the PFC output bus can be used to
improve the line transient response of PWM stage. In
either mode, the PWM stage uses conventional trailing-
edge duty cycle modulation, while the PFC uses leading-
edge modulation. This proprietary leading/trailing-edge
modulation technique can significantly reduce the ripple
current of the PFC output capacitor.
The synchronization of the PWM with the PFC simplifies
the PWM compensation due to the controlled ripple on the
PFC output capacitor (the PWM input capacitor). In
addition to power factor correction, a number of protection
features have been built in to the FAN480X. These include
programmable soft-start, PFC over-voltage protection,
pulse-by-pulse current limiting, brownout protection, and
under-voltage lockout.
FAN4801/2/2L feature programmable two-level PFC
output to improve efficiency at light-load and low-line
conditions.
FAN480X is pin-to-pin compatible with FAN4800 and
ML4800, only requiring adjustment of some peripheral
components. The FAN480X series comparison is
summarized in the Appendix A.
D
BOOST
L BOOST
Q1
C
BOOST
R
CS1
C
IF1
F1
IEA
RAMP
RT/CT
FBPWM
SS
VRMS
ISENSE
IAC
ILIMIT
GND
OPWM
OPFC
VD
D
VREF
FBPFC
VEA
R
FB2
RFB1
Q2
Q3
D
R1
L 1
1
L 2
1
C
O11
L 1
2
L22
Vo
1
Vo2
V D
D
AC
Input
RRAMP
FAN480X
Drv
R IAC
Drv
Drv
C
O12
C
O21
C
O22
D
F1
D
F2
D
R2
V
BOUT
C
FB
C
REF
C
DD
C
LF2
R
LF2
R
CS2
D
R1
D
R2
R
RMS2
C
RMS1
C
RMS2
C
LF1
C
SS
C
T
C
RAMP
R
T
R
IC
C
IC1
C
IC2
D1
D2
R
RMS1
R
RMS3
R
B
C
VC2
C
VC1
R
VC
C
B
Vo1
Vo2
R
D
R
BIAS
R
OS1
R
OS2
R
OS3
R
F
C
F
R
LF1
Figure 1. Typical Application Circuit of FAN480X


Número de pieza similar - FFP08S60S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FFP08S60S FAIRCHILD-FFP08S60S Datasheet
135Kb / 5P
   Stealth 2 Rectifier
FFP08S60S FAIRCHILD-FFP08S60S Datasheet
682Kb / 15P
   Power Factor Correction Converter Design
FFP08S60SN FAIRCHILD-FFP08S60SN Datasheet
281Kb / 5P
   8A, 600V STEALTHTM II Rectifier
FFP08S60SNTU FAIRCHILD-FFP08S60SNTU Datasheet
281Kb / 5P
   8A, 600V STEALTHTM II Rectifier
FFP08S60STU FAIRCHILD-FFP08S60STU Datasheet
135Kb / 5P
   Stealth 2 Rectifier
More results

Descripción similar - FFP08S60S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FAN4800AU FAIRCHILD-FAN4800AU Datasheet
987Kb / 20P
   PFC/ PWM Controller Combination
FAN4800A FAIRCHILD-FAN4800A_09 Datasheet
647Kb / 24P
   PFC/PWM Controller Combination
FAN4800AS FAIRCHILD-FAN4800AS Datasheet
583Kb / 19P
   PFC/PWM Controller Combination
FAN4800AUN FAIRCHILD-FAN4800AUN Datasheet
987Kb / 20P
   PFC/ PWM Controller Combination
FAN4800A FAIRCHILD-FAN4800A Datasheet
659Kb / 24P
   PFC/PWM Controller Combination
FAN3988IL6X-F113 FAIRCHILD-FAN3988IL6X-F113 Datasheet
992Kb / 21P
   PFC/ PWM Controller Combination
logo
Texas Instruments
UCC28500-12 TI1-UCC28500-12 Datasheet
914Kb / 35P
[Old version datasheet]   BiCMOS PFC/PWM COMBINATION CONTROLLER
UCC28521 TI1-UCC28521_16 Datasheet
790Kb / 34P
[Old version datasheet]   ADVANCED PFC/PWM COMBINATION CONTROLLER
UCC28500 TI-UCC28500 Datasheet
571Kb / 31P
[Old version datasheet]   BICMOS PFC/PWM COMBINATION CONTROLLER
UCC18500 TI-UCC18500 Datasheet
91Kb / 8P
[Old version datasheet]   BiCMOS PFC/PWM Combination Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com