Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FAN100 Datasheet(PDF) 11 Page - Fairchild Semiconductor

No. de pieza FAN100
Descripción Electrónicos  Primary-Side-Control PWM Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN100 Datasheet(HTML) 11 Page - Fairchild Semiconductor

Back Button FAN100 Datasheet HTML 7Page - Fairchild Semiconductor FAN100 Datasheet HTML 8Page - Fairchild Semiconductor FAN100 Datasheet HTML 9Page - Fairchild Semiconductor FAN100 Datasheet HTML 10Page - Fairchild Semiconductor FAN100 Datasheet HTML 11Page - Fairchild Semiconductor FAN100 Datasheet HTML 12Page - Fairchild Semiconductor FAN100 Datasheet HTML 13Page - Fairchild Semiconductor FAN100 Datasheet HTML 14Page - Fairchild Semiconductor FAN100 Datasheet HTML 15Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN100 Rev. 1.0.2
11
Temperature Compensation
Built-in temperature compensation provides constant
voltage regulation over a wide range of temperature
variation.
This
internal
compensation
current
compensates the forward-voltage drop variation of the
secondary side rectifier diode.
Green-Mode Operation
The FAN100 uses voltage regulation error amplifier
output (VCOMV) as an indicator of the output load and
modulates the PWM frequency as shown in Figure 25
such that the switching frequency decreases as load
decreases. In heavy-load conditions, the switching
frequency is fixed at 42KHz. Once VCOMV decreases
below 2.8V, the PWM frequency starts to linearly
decrease from 42KHz to 550Hz to reduce the switching
losses. As VCOMV decreases below 0.8V, the switching
frequency is fixed at 550Hz and FAN100 enters into
“deep green” mode, where the operating current reduces
to 1mA, reducing the standby power consumption.
Figure 25. Switching Frequency in Green Mode
Leading-Edge Blanking (LEB)
At the instant the MOSFET is turned on, a high-current
spike occurs through the MOSFET, caused by primary-
side capacitance and secondary-side rectifier reverse
recovery. Excessive voltage across the RCS resistor can
lead to premature turn-off of the MOSFET. FAN100
employs an internal leading edge blanking (LEB) circuit
to inhibit the PWM comparator for a short time after the
MOSFET turns on. External RC filtering is not required.
Frequency Hopping
EMI reduction is accomplished by frequency hopping,
which spreads the energy over a wider frequency range
than the bandwidth measured by the EMI test equipment.
FAN100 has an internal frequency-hopping circuit that
changes the switching frequency between 39.4kHz and
44.6kHz with a period of 3ms, as shown in Figure 26.
Figure 26. Frequency Hopping
Startup
Figure 27 shows the typical startup circuit and
transformer auxiliary winding for FAN100 application.
Before FAN100 begins switching, it consumes only
startup current (maximum 10μA) and the current
supplied through the startup resistor charges the VDD
capacitor (CDD). When VDD reaches turn-on voltage of
16V (VDD-ON), FAN100 begins switching, and the current
consumed increases to 3.5mA. Then, the power
required for FAN100 is supplied from the transformer
auxiliary winding. The large hysteresis of VDD provides
more hold-up time, which allows using small capacitor
for VDD.
Figure 27. Startup Circuit


Número de pieza similar - FAN100

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FAN100 FAIRCHILD-FAN100 Datasheet
513Kb / 14P
   Primary-Side-Control PWM Controller
FAN100 FAIRCHILD-FAN100 Datasheet
939Kb / 21P
   Design and Application of Primary-Side Regulation (PSR) PWM Controller
FAN100MY FAIRCHILD-FAN100MY Datasheet
513Kb / 14P
   Primary-Side-Control PWM Controller
More results

Descripción similar - FAN100

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FAN100 FAIRCHILD-FAN100 Datasheet
513Kb / 14P
   Primary-Side-Control PWM Controller
SGP100 FAIRCHILD-SGP100 Datasheet
497Kb / 14P
   Primary-side-control PWM Controller
FAN102 FAIRCHILD-FAN102 Datasheet
959Kb / 14P
   Primary-Side-Control PWM Controller
FAN102 FAIRCHILD-FAN102_09 Datasheet
974Kb / 16P
   Primary-Side-Control PWM Controller
logo
List of Unclassifed Man...
AS2214 ETC-AS2214 Datasheet
53Kb / 8P
   Primary Side PWM Controller
logo
Texas Instruments
UC1548 TI-UC1548 Datasheet
345Kb / 9P
[Old version datasheet]   Primary Side PWM Controller
UC1548 TI1-UC1548_08 Datasheet
372Kb / 10P
[Old version datasheet]   Primary Side PWM Controller
logo
List of Unclassifed Man...
AS2208 ETC-AS2208 Datasheet
32Kb / 6P
   Primary Side PWM Controller
logo
ON Semiconductor
FL663 ONSEMI-FL663 Datasheet
406Kb / 15P
   Primary-Side-Regulation PWM Controller
June 2015 Rev. 1.0
logo
Fairchild Semiconductor
FAN103 FAIRCHILD-FAN103 Datasheet
952Kb / 16P
   Primary-Side-Regulation PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com