Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FAN2106MPX Datasheet(PDF) 8 Page - Fairchild Semiconductor

No. de pieza FAN2106MPX
Descripción Electrónicos  3-24V Input, 6A, High-Efficiency, Integrated Synchronous Buck Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN2106MPX Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button FAN2106MPX Datasheet HTML 4Page - Fairchild Semiconductor FAN2106MPX Datasheet HTML 5Page - Fairchild Semiconductor FAN2106MPX Datasheet HTML 6Page - Fairchild Semiconductor FAN2106MPX Datasheet HTML 7Page - Fairchild Semiconductor FAN2106MPX Datasheet HTML 8Page - Fairchild Semiconductor FAN2106MPX Datasheet HTML 9Page - Fairchild Semiconductor FAN2106MPX Datasheet HTML 10Page - Fairchild Semiconductor FAN2106MPX Datasheet HTML 11Page - Fairchild Semiconductor FAN2106MPX Datasheet HTML 12Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN2106 • Rev. 1.1.0
8
Application Circuit
Figure 10. Application Circuit: 1.8VOUT, 500KHz
Typical Performance Characteristics
Typical operating characteristics using the circuit shown in Figure 10. VIN=12V, VCC=5V, unless otherwise specified.
70
75
80
85
90
95
100
01
234
56
Load (A)
0
200
400
600
800
1000
1200
1400
01
23
4
5
6
Load (A)
Figure 11.
1.8VOUT Efficiency Over VIN vs. Load
Figure 12. 1.8VOUT Dissipation Over VIN vs. Load
70
75
80
85
90
95
100
01
2
3
4
5
6
Load (A)
70
75
80
85
90
95
100
01
23
45
6
Load (A)
Figure 13. 1.8VOUT Efficiency Over Frequency vs.
Load (Circuit Value Changes)
Figure 14. 3.3VOUT Efficiency vs. Load
(Circuit Value Changes)
8VIN 12VIN 18VIN
300KHz 500KHz 700KHz
8VIN 12VIN 18VIN
VIN=12V
12VIN, 500KHz
8VIN, 300KHz
18VIN, 700KHz
FAN2106


Número de pieza similar - FAN2106MPX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FAN2106MPX FAIRCHILD-FAN2106MPX Datasheet
437Kb / 14P
   TinyBuck 6A, 24V Input Integrated Synchronous Buck Regulator
FAN2106MPX FAIRCHILD-FAN2106MPX Datasheet
770Kb / 14P
   TinyBuck?? 6A, 24V Input, Integrated Synchronous Buck Regulator
FAN2106MPX FAIRCHILD-FAN2106MPX_12 Datasheet
811Kb / 15P
   TinyBuck??3-24 V Input, 6 A, High-Efficiency, Integrated Synchronous Buck Regulator
More results

Descripción similar - FAN2106MPX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FAN2106 FAIRCHILD-FAN2106 Datasheet
437Kb / 14P
   TinyBuck 6A, 24V Input Integrated Synchronous Buck Regulator
FAN2106 FAIRCHILD-FAN2106_08 Datasheet
770Kb / 14P
   TinyBuck?? 6A, 24V Input, Integrated Synchronous Buck Regulator
FAN2108 FAIRCHILD-FAN2108 Datasheet
509Kb / 14P
   TinyBuck??3-24V Input, 8A, High-Efficiency, Integrated Synchronous Buck Regulator
FAN2110 FAIRCHILD-FAN2110 Datasheet
1Mb / 17P
   TinyBuck?? 3-24V Input, 10A, High-Efficiency, Integrated Synchronous Buck Regulator
FAN21SV06 FAIRCHILD-FAN21SV06 Datasheet
1Mb / 17P
   TinyBuck??6A, 24V Single-Input Integrated Synchronous Buck Regulator, Synchronization Capability
FAN2103 FAIRCHILD-FAN2103 Datasheet
893Kb / 14P
   3A, 24V Input Integrated Synchronous Buck Regulator
logo
Micrel Semiconductor
MIC22602 MICREL-MIC22602 Datasheet
855Kb / 24P
   1MHz, 6A Integrated Switch High Efficiency Synchronous Buck Regulator
logo
Microchip Technology
MCP16321 MICROCHIP-MCP16321_16 Datasheet
678Kb / 34P
   24V Input, 1A/2A Output, High Efficiency Synchronous Buck Regulator
07/14/15
logo
Fairchild Semiconductor
FAN2103 FAIRCHILD-FAN2103_08 Datasheet
964Kb / 14P
   TinyBuck??3A, 24V Input, Integrated Synchronous Buck Regulator
logo
Renesas Technology Corp
ZSPM4023-06 RENESAS-ZSPM4023-06 Datasheet
1Mb / 38P
   24V/6A Synchronous DC/DC Buck Regulator
January 27, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com