Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FAN2512 Datasheet(PDF) 7 Page - Fairchild Semiconductor

No. de pieza FAN2512
Descripción Electrónicos  150 mA CMOS LDO Regulators with Fast Start Enable
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN2512 Datasheet(HTML) 7 Page - Fairchild Semiconductor

Back Button FAN2512 Datasheet HTML 2Page - Fairchild Semiconductor FAN2512 Datasheet HTML 3Page - Fairchild Semiconductor FAN2512 Datasheet HTML 4Page - Fairchild Semiconductor FAN2512 Datasheet HTML 5Page - Fairchild Semiconductor FAN2512 Datasheet HTML 6Page - Fairchild Semiconductor FAN2512 Datasheet HTML 7Page - Fairchild Semiconductor FAN2512 Datasheet HTML 8Page - Fairchild Semiconductor FAN2512 Datasheet HTML 9Page - Fairchild Semiconductor FAN2512 Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
FAN2512/FAN2513
PRODUCT SPECIFICATION
REV. 1.1.9 12/17/10
7
Typical Performance Characteristics
0
20
40
60
80
100
Frequency (Hz)
Frequency (Hz)
Frequency (Hz)
Power Supply
Power Supply
Power Supply
Rejection Ratio
I
OUT = 100µA
C
OUT = 1.0µF Cer.
V
IN = 4.0V
V
OUT = 3.0V
10
100
1k
10k 100k 1M 10M
0
20
40
60
80
100
Rejection Ratio
I
OUT = 10mA
C
OUT = 1.0µF Cer.
10
100
1k
10k 100k 1M 10M
0
20
40
60
80
100
Rejection Ratio
I
OUT = 100mA
C
OUT = 1.0µF Cer.
10
100
1k
10k 100k 1M 10M
0
10
20
30
40
50
60
70
3.0
3.6
4.1
Voltage (V)
Rejection Ratio vs. Voltage Drop
Power Supply
I
OUT = 100µA
150mA
C
OUT = 1.0µF Cer.
10mA
100mA
0
10
20
30
40
50
60
70
3.0
3.6
4.1
Voltage (V)
Rejection Ratio vs. Voltage Drop
Power Supply
I
OUT = 10mA
150mA
C
OUT = 10µF Cer.
100
µA
100mA
V
IN = 4.0V
V
OUT = 3.0V
V
IN = 4.0V
V
OUT = 3.0V
0
20
40
60
80
100
Frequency (Hz)
Frequency (Hz)
Frequency (Hz)
Power Supply
Power Supply
Power Supply
Rejection Ratio
V
IN = 4.0V
V
OUT = 3.0V
10
100
1k
10k 100k 1M 10M
0
20
40
60
80
100
Rejection Ratio
I
OUT = 150mA
C
OUT = 1.0µF Cer.
10
100
1k
10k 100k 1M 10M
0
20
40
60
80
100
Rejection Ratio
I
OUT = 100µA
C
OUT = 10µF Cer.
C
BYP = 0.01µF
10
100
1k
10k 100k 1M 10M
V
IN = 4.0V
V
OUT = 3.0V
V
IN = 4.0V
V
OUT = 3.0V
0
20
40
60
80
100
Frequency (Hz)
Frequency (Hz)
Power Supply
Power Supply
Rejection Ratio
V
IN = 4.0V
V
OUT = 3.0V
10
100
1k
10k 100k 1M 10M
0
20
40
60
80
100
Rejection Ratio
10
100
1k
10k 100k 1M 10M
V
IN = 4.0V
V
OUT = 3.0V
I
OUT = 10mA
C
OUT = 10µF Cer.
C
BYP = 0.01µF
I
OUT = 150mA
C
OUT = 10µF Cer.
C
BYP = 0.01µF
I
OUT = 100mA
C
OUT = 10µF Cer.
C
BYP = 0.01µF
Frequency (Hz)
Noise Performance
0.0001
0.001
0.01
0.1
1
10
10
100
1k
10k
100k
1M
C
OUT = 1.0µF
C
BYP = 0.01µF
I
L = 10µA
V
IN = 4V
V
OUT = 3V
Load Current (mA)
Ground Pin Current
20.00
22.00
24.00
26.00
28.00
30.00
0.1
1
10
100
V
IN = 4V
V
OUT = 3V


Número de pieza similar - FAN2512

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FAN2512 FAIRCHILD-FAN2512 Datasheet
295Kb / 10P
   150 mA CMOS LDO Regulators with Fast Start Enable
logo
ON Semiconductor
FAN2512 ONSEMI-FAN2512 Datasheet
431Kb / 12P
   CMOS LDO Regulators with Fast Start Enable
REV. 1.2.0 01/10/13
logo
Fairchild Semiconductor
FAN2512S25X FAIRCHILD-FAN2512S25X Datasheet
295Kb / 10P
   150 mA CMOS LDO Regulators with Fast Start Enable
FAN2512S26X FAIRCHILD-FAN2512S26X Datasheet
295Kb / 10P
   150 mA CMOS LDO Regulators with Fast Start Enable
FAN2512S27X FAIRCHILD-FAN2512S27X Datasheet
295Kb / 10P
   150 mA CMOS LDO Regulators with Fast Start Enable
More results

Descripción similar - FAN2512

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FAN2512 FAIRCHILD-FAN2512 Datasheet
295Kb / 10P
   150 mA CMOS LDO Regulators with Fast Start Enable
FAN2510 FAIRCHILD-FAN2510 Datasheet
248Kb / 10P
   100 mA CMOS LDO Regulators with Fast Start Enable
FAN2518 FAIRCHILD-FAN2518 Datasheet
246Kb / 10P
   50 mA CMOS LDO Regulators with Fast Start Enable
FAN2534 FAIRCHILD-FAN2534 Datasheet
492Kb / 11P
   150 mA CMOS LDO Regulator with Fast Start, Enable
FAN2514 FAIRCHILD-FAN2514 Datasheet
253Kb / 10P
   200 mA CMOS LDO Regulators with Fast Start Enable
logo
ON Semiconductor
FAN2512 ONSEMI-FAN2512 Datasheet
431Kb / 12P
   CMOS LDO Regulators with Fast Start Enable
REV. 1.2.0 01/10/13
FAN2510 ONSEMI-FAN2510 Datasheet
944Kb / 14P
   CMOS LDO Regulators with Fast Start Enable
Rev. 1.1.0
logo
Fairchild Semiconductor
FAN2502 FAIRCHILD-FAN2502_10 Datasheet
264Kb / 10P
   150 mA CMOS LDO Regulators
FAN2502 FAIRCHILD-FAN2502 Datasheet
255Kb / 10P
   150 mA CMOS LDO Regulators
logo
ON Semiconductor
NCP582 ONSEMI-NCP582 Datasheet
77Kb / 14P
   Low Noise 150 mA CMOS LDO Regulator with Enable
September, 2004 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com